Part Number Hot Search : 
A2003 01110 AMS285BL CTCDRH 746LT2 0402A LF198AH DHM185AB
Product Description
Full Text Search
 

To Download EPI900132BSP30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Power Inductor
ELECTRONICS INC.
EPI BSP30 Series
* Used as a Sepic Inductor on T.I.'s TPS6113X Series * Low loss material ensures operation in high frequency switching converters, such as Buck, BoostCouple Inductor or as Flyback Transformer * Also suitable for use in high quality filter applications * UL1446 Class B Insulating System * UL94V-0 Recognized Materials * 250 KHz Switching Frequency
Primary Specification
Part Number
Connection
EPI900132BSP30 EPI670152BSP30 EPI470182BSP30 EPI330212BSP30 EPI220262BSP30 EPI150312BSP30 EPI100382BSP30 EPI5L5522BSP30 EPI2L6722BSP30 EPI2L1832BSP30 EPI331611BSP30
Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel
Inductance (H 15%) @ 0 Adc 363.4 90.8 269.7 67.4 190.0 47.5 130.8 32.7 88.1 22.0 62.8 15.7 41.6 10.4 22.0 5.51 10.4 2.61 8.6 2.15 363.4 90.8
Inductance (H 15%) @ Idc 344.9 86.2 256.0 64.0 180.0 45.0 124.2 31.0 83.6 20.9 59.5 14.9 39.5 9.9 20.9 5.2 10.0 2.5 8.17 2.05 350 90
DCR ( Typ.) 1.048 .262 .708 .177 .476 .119 .320 .080 .212 .053 .152 .038 .096 .024 .068 .017 .036 .009 .026 .0065 1.048 .262
I dc (Amps) 0.65 1.30 0.75 1.50 0.90 1.80 1.08 2.16 1.32 2.64 1.56 3.12 1.92 3.84 2.60 5.20 3.60 7.20 4.15 8.30 .610 .850
ET (V-Sec.) @ 250 KHz 100.40 50.20 86.48 43.24 72.56 36.28 60.24 30.12 49.44 24.72 41.68 20.84 33.92 16.96 24.72 12.36 16.96 8.48 15.44 7.72 100.40 50.20
Schematic
1 2 L1 L2 4
Application
L1
3
Input VBat
SWN
SWP
Package BSP30
.500 Max. (12.70)
2 3 1 4
VOut
L2 Vcc1
.175 (4.45) .500 Max. (12.70) .410 (10.41)
2 3 1 4
.060 (1.52)
LBI FB TPS6113X
On Off On Off
SKIPEN EN LDOEN
PGOOD LBO LDOIN LDOOUT
Control Outputs Vcc2
Pin 1 I.D.
PCA EPIXXXXXXBSP30 D.C.
.330 (8.38)
On Off Control Inputs
LDOSENSE
.215 Max. (5.46) .330 (8.38) .410 (10.41)
Gnd
PGnd
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIXXXXXXBSP30 Rev. 4 5/5/04
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPI900132BSP30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X