Part Number Hot Search : 
AT45DB04 TF206G ICL8007C 2N3906G 2SC2500 C85FCCAB IN5229B W04P15
Product Description
Full Text Search
 

To Download EPA3533S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T1/CEPT/ISDN-PRI Transformer
ELECTRONICS INC.
EPA3533S & EPA3533S-RC
* Optimized for Leading Transceiver I.C.'s * Transmit & Receive in a Small (SOIC) Package * Add "-RC" after part number for RoHS Compliant * Operating Temperature : 0C to +70C * 1500 Vrms Isolation
Electrical Parameters @ 25C
Turns Ratio (Pri.:Sec. 5%) 1CT:1.15CT/1CT:1.15CT OCL (mH Min.) 1.2 / 1.2 Cw/w (pF Max.) 30 / 30 LI (H Max.) 0.6 / 0.6 Pri. DCR ( Max.) 0.7 / 0.7 Sec. DCR ( Max.) 0.8 / 0.8 Primary Pins 1,3 / 6,8
Package
Pri. .490 (12.45) .070 (1.78) PCA EPA3533S(-RC) D.C. .050 (1.27) .085 (2.16) 1 2 3 .270 (6.86) .440 (11.18)
Schematic
T1 Sec. 16 15 14 T2 Solder Pad Layout 6 7 8 11 10 9
Pin 1 I.D.
.350 (8.89)
.030 (.762) .005/.015 (.127/.381)
.240 (6.10)
0-8
.008/.012 (.203/.305)
.018/.022 (.457/.559)
.050 (1.27)
.035 (.889) .380 (9.65)
Notes : 1. Lead Finish 2. Peak Temperature Rating 3. Moisture Sensitive Levels 4. Weight 5. Packaging Information (*Add "TR" to end of part number when placing order) (Tube) (Tape & Reel)
EPA3533S SnPb 225C
(168 Hours, 30C/60%RH)
EPA3533S-RC Matte Tin 260C
(72 Hours, 30C/60%RH)
MSL = 3
MSL = 4
TBD grams TBD pieces/tube TBD pieces/13" reel
(*EPA3533S-TR)
TBD grams TBD pieces/tube TBD pieces/13" reel
(*EPA3533S-RCTR)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSA3533S & -RC Rev. Orig 2/22/06 JDG
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPA3533S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X