Part Number Hot Search : 
SA57608 73J25P LC72121 2SK21 TC144 BCW72LT1 NK60ZFP 14N60
Product Description
Full Text Search
 

To Download EP9810-470 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
ELECTRONICS INC.
EP9810-XX & EP9810-XX-RC
Add "-RC" after part number for RoHS Compliant
Total Delay (5% or 2nS) 25 30 35 40 45 50 60 75 100 125 150 175 200 225 250 300 350 PCA Part Number EP9810-400(-RC) EP9810-420(-RC) EP9810-440(-RC) EP9810-450(-RC) EP9810-470(-RC) EP9810-500(-RC) EP9810-550(-RC) EP9810-600(-RC) EP9810-650(-RC) EP9810-700(-RC) EP9810-750(-RC) EP9810-800(-RC) EP9810-850(-RC) EP9810-900(-RC) EP9810-950(-RC) EP9810-1000(-RC Tap Delays (5% or 2nS) 80 160 240 320 84 168 252 336 88 176 264 352 90 180 270 360 94 188 282 376 100 200 300 400 110 220 330 440 120 240 360 480 130 260 390 520 140 280 420 560 150 300 450 600 160 320 480 640 170 340 510 680 180 360 540 720 190 380 570 760 200 400 600 800 Total Delay (5% or 2nS) 400 420 440 450 470 500 550 600 650 700 750 800 850 900 950 1000
PCA Part Number EP9810-25(-RC) EP9810-30(-RC) EP9810-35(-RC) EP9810-40(-RC) EP9810-45(-RC) EP9810-50(-RC) EP9810-60(-RC) EP9810-75(-RC) EP9810-100(-RC) EP9810-125(-RC) EP9810-150(-RC) EP9810-175(-RC) EP9810-200(-RC) EP9810-225(-RC) EP9810-250(-RC) EP9810-300(-RC) EP9810-350(-RC)
Tap Delays (5% or 2nS) 5 6 7 8 9 10 12 15 20 25 30 35 40 45 50 60 70 10 12 14 16 18 20 24 30 40 50 60 70 80 90 100 120 140 15 18 21 24 27 30 36 45 60 75 90 105 120 135 150 180 210 20 24 28 32 36 40 48 60 80 100 120 140 160 180 200 240 280
Whichever is greater. * Delay times referenced from input to leading edges at 25C, 5.0V, with no load. DC Electrical Characteristics Parameter VOH VOL VIK IIH High-Level Output Voltage Low-Level Output Voltage Input Clamp Voltage High-Level Input Current
Test Conditions
Min. 2.7
Max. 0.5 -1.2 50 1.0 -2 -100
Unit V V V A mA mA mA
14 VCC
Schematic
12 4 10 6 8 OUTPUT
VCC = min. VIL = max. I OH = max VCC = min. VIH = min. IOL= max VCC = min. II = IIK VCC = max. VIN = 2.7V VCC = max. VIN = 5.25V IIL Low-Level Input Current VCC = max. VIN = 0.5V IOS Short Circuit Output Current VCC = max. VOUT = 0. (One output at a time) ICCH High-Level Supply Current VCC = max. VIN = OPEN ICCL Low-Level Supply Current VCC = max. VIN = 0 TRO Output Rise Time Td 500 nS (0.75 to 2.4 Volts) Td > 500 nS NH Fanout High-Level Output VCC = max. VOH = 2.7V NL Fanout Low-Level Output VCC = max. VOL = 0.5V
INPUT 1
-40
7 GROUND
75 mA 75 mA 4 nS 5 nS 20 TTL Load 10 TTL Load
Package
Recommended Operating Conditions VCC Supply Voltage VIH High-Level Input Voltage VIL Low-Level Input Voltage IIK Input Clamp Current IOH High-Level Output Current IOL Low-Level Output Current PW* Pulse Width of Total Delay d* Duty Cycle TA Operating Free-Air Temperature
Min. 4.75 2.0
Max. 5.25 0.8 -18 -1.0 20
40 0 40 +70
Unit V V V mA mA mA % % C
.300 (7.62)
PCA EP9810-XX(-RC) Date Code Pin 1 I.D. .800 Max. (20..32) .275 Max. (6.99) .018 x .010 (.457 x .254) .100 (2.54)
.400 Max. (10.16)
.020 Typ. (.508)
*These two values are inter-dependent.
.150 Typ. (3.81) EP9810-XX-RC Sn SnPb
(RoHS exemption 7a)
Input Pulse Test Conditions @ 25 C Pulse Input Voltage Pulse Width % of Total Delay Pulse Rise Time (0.75 - 2.4 Volts) Pulse Repetition Rate @ Td 200 nS Pulse Repetition Rate @ Td > 200 nS VCC Supply Voltage EIN PW TRI PRR 3.2 110 2.0 1.0 100 5.0
Unit Volts % nS MHz KHz Volts
Notes : 1. Assembly Process
(Solder Composition)
(Leadframe) (Assembly Solder)
EP9810-XX SnPb SnPb 225C TBD grams
2. Peak Solder Rating
(per JEDEC22-B102D)
260C TBD grams 25 pieces/tube
3. Weight 4. Packaging Information (Tube)
25 pieces/tube
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CS9810-XX & -RC Rev. A1 1/31/06 RR
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EP9810-470

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X