Part Number Hot Search : 
AM29F 74VCX16 TA8132AN HMC14308 0DC24 MX25L80 SBH1540S SC284
Product Description
Full Text Search
 

To Download EP8250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 Pin DIP TTL Square-Wave Generator
Features Output frequencies from 2 to 100 MHz 5% Low Profile 14 pin dual-in-line package Operating temperature range 0 to 70 C Output synchronized using enable line Inherent Delay 4nS Typ. 50% duty cycle Schottky TTL
PART NUMBER
EP8250 EP8251 EP8252 EP8253 EP8254 EP8255 EP8256 EP8257 EP8258
MHz 5%
2 3 4 5 10 15 20 25 30
PART NUMBER
EP8259 EP8260 EP8261 EP8262 EP8263 EP8264 EP8265 EP8266 EP8267
MHz 5%
35 40 45 50 60 70 80 90 100
DC Electrical Characteristics Parameter Test Conditions
VOH VOL VIK IIH IIL IOS ICCH ICCL TRO NH NL High-Level Output Voltage Low-Level Output Voltage Input Clamp Voltage High-Level Input Current Low-Level Input Current Short Circuit Output Current High-Level Supply Current Low-Level Supply Current Output Rise Time Fanout High-Level Output Fanout Low-Level Output VCC = min. VIL = max. I OH = max VCC = min. VIH = min. IOL= max VCC = min. II = II K VCC = max. VIN = 2.7V VCC = max. VIN = 5.25V VCC = max. VIN = 0.5V VCC = max. VOUT = 0. VCC = max. VIN = OPEN VCC = max. VIN = 0 VCC = 5.0V VCC = max. VOH = 2.7V VCC = max. VOL = 0.5V
Schematic Min Max Unit
2.7 0.5 -1.2V 50 1.0 -2 -100 75 mA 75 mA 4 nS 20 TTL LOAD 10 TTL LOAD V V V A mA mA
VCC 14 EN 8
Square Wave Generator
-40
1 OUT
7 G
Package
.200
Recommended Operating Conditions
VCC VIH VIL IIK IOH IOL d TA Supply Voltage High-Level Input Voltage Low-Level Input Voltage Input Clamp Current High-Level Output Current Low-Level Output Current Duty Cycle Operating Free-Air Temperature
Min
4.75 2.0
Max
5.25 0.8 -18 -1.0 20 55 +70
Unit
V V V mA mA mA % C
White Dot Pin#1
PCA EP8250 Date Code
.280 Max.
.780 Max. .250 Max. .020 Typ. .020 .040 .010 Typ. .600 .150 Typ.. .365 Max.
45 0
DSD82XXb 8/25/94
QAF-CSO2 Rev. A 8/25/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 42 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EP8250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X