Part Number Hot Search : 
2SK3150L MX5305 XRXXX ACA2408 C4550 NJM2761 BX6667 CMF1XA
Product Description
Full Text Search
 

To Download EC14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Marketing Bulletin
DATE: TO: FROM: RE: September 20th, 2006 All Sales Personnel Mark Stoner Product Termination
To all concerned parties, This bulletin is to notify all customers of the discontinuation of the following Ecliptek series effective September 20th, 2006: Series EC14 Description 5V 4 pad SMD Plastic Oscillator Recommended Replacement EP14 or EH14
In compliance with our End of Life (EOL) policy, this will serve as advanced notice of product termination. New orders will not be accepted after March 31st, 2007, with delivery to conclude by September 30th 2007. If there are any questions pertaining to this bulletin, please fell free to contact me. Thank you again for your cooperation.
Best Regards,
Mark W. Stoner Vice President of Marketing Ecliptek Corporation
3545 CADILLAC AVENUE * COSTA MESA, CA 92626-1401 * (714) 433-1200 * Fax (714) 433-1234
EC14 Series
* Plastic surface mount package * 5.0V supply voltage * HCMOS/TTL output * Stability to 50ppm * Available on tape and reel
EC14
H 4.7 L 14.0 W 9.8
OSCILLATOR
OBSOLETE
ELECTRICAL SPECIFICATIONS
Frequency Range (MHz) Operating Temperature Range Storage Temperature Range Supply Voltage (VDD) Frequency Tolerance / Stability* Input Current Inclusive of Operating Temperature Range, Supply Voltage, and Load <30.000MHz 30.001MHz to 50.000MHz >50.000MHz Load Drive Capability Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Duty Cycle Rise Time / Fall Time Aging (at 25C) Tri-State Input Voltage No Connection VIH :2.0VDC VIL :0.8VDC Start Up Time Period Jitter: Absolute Period Jitter: One Sigma 1.000MHz to 26.000MHz 26.001MHz to 66.667MHz <53.125MHz >53.125MHz w/TTL Load w/HCMOS Load w/TTL Load w/HCMOS Load at 50% of waveform w/HCMOS Load at 1.4VDC w/TTL Load at 1.4VDC w/HCMOS Load or w/TTL Load 20% to 80% of waveform w/HCMOS Load; 0.4VDC to 2.4VDC w/TTL Load 5ppm / year Maximum Enables Output Enables Output Disables Output: High Impedance 4 mSeconds Maximum 10 mSeconds Maximum 100pSeconds Maximum 25pSeconds Maximum 1.000MHz to 66.667MHz 0C to 70C or -40C to 85C (<30.000MHz) -55C to 125C 5.0VDC 10% 100ppm Maximum or 50ppm Maximum (0C to 70C Only) 23mA Maximum (Unloaded) 35mA Maximum (Unloaded) 50mA Maximum (Unloaded) 10TTL Load or 50pF HCMOS Load 15pF HCMOS Load 2.4VDC Minimum VDD-0.5VDC Minimum 0.4VDC Maximum 0.5VDC Maximum 50 10(%) (Standard) 50 5(%) (Optional) 8 nSeconds Maximum IOH = -16mA IOH = -16mA IOL = +16mA IOL = +16mA
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EC14
PLASTIC
5.0V
OS33
08/06
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE EC14 00 SJ ET T TS - 25.000M TR
FREQUENCY TOLERANCE / STABILITY 00=100ppm Maximum (Standard) 45=50ppm Maximum OPERATING TEMP. RANGE Blank=0C to 70C ET=-40C to 85C DUTY CYCLE Blank=50 10(%) (Standard) T=50 5(%)
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
PACKAGING OPTIONS Blank=Bulk TR=Tape and Reel (Standard) FREQUENCY OUTPUT CONTROL FUNCTION TS=Tri-State Enable High
OBSOLETE
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Pin 1: Tri-State Pin 2: Case Ground
Pin 3: Output Pin 4: Supply Voltage
Tolerances = 0.1
TAPE
A
24 .3
B
11.5 .1
C
10.75 .1
D
4 .2
E
2.1
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13.2
Q
40 MIN QTY/REEL 1,000
F
12 .2
G
B0*
H
1.5 +.1-0
J
A0*
K
.3 .1
L
K0*
*Compliant to EIA 481A
R
2.5 MIN
S
10 MIN
T
30.4 MAX
U
360 MAX
V
24.4+2-0
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
Characteristic Seal Integrity Solderability Marking Permanency Shock Vibration
Specification Bubble test in Perfluorocarbon at +125C 5C for 60 seconds minimum (internal crystal only). Sn63 Solder dip at +230C 5C for 5 seconds/95% coverage. 10 Strokes with brush after 1 minute soak in solvent, 3 times.
Line 1: ECLIPTEK Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Random drop on hard wooden plate 3 times from a height of 20cm. Frequency with an amplitude of 1.5mm sweeping between 10Hz to 55Hz within 1 minute (approximately) for 2 hours minimum on each axis (X, Y and Z) for a total of 6 hours.
CATEGORY SERIES PACKAGE VOLTAGE
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
MANUFACTURER
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EC14
PLASTIC
5.0V
OS33
08/06
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EC14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X