Part Number Hot Search : 
CM6183 LG2640 BD507 B0530W CY2907SI MDC03 HMC594 G2SB08
Product Description
Full Text Search
 

To Download EB4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EB4
Vishay Dale
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
FEATURES
* Grid Patterns: 0.100" C-C x 0.150" [2.54mm x 3.81mm] and 0.100" C-C x 0.200" [2.54mm x 5.08mm]. * Standard and right angle terminals. * Greater design latitude: 4 body materials: Diallyl phthalate, phenolic, glass-filled polyester and glass-filled polyphenylene sulfied. 7 contact termination styles - 3 Standard, 4 Right Angle. 20 body sizes and 6 mounting styles. * Selective gold plating. * Accepts PC board thickness of 0.054" to 0.071" [1.37mm to 1.80mm]. * Polarization between contact positions in all sizes. Between contact polarization permits polarizing without loss of contact position. * Recognized under the Component Program of Underwriters Laboratories, Inc. Listed under File E65524, Project 77CH3889.
ELECTRICAL SPECIFICATIONS
Current Rating: 3 amps. Test Voltage Between Contacts: At sea level: 650VRMS. At 70,000 feet [21,336 meters]: 275VRMS. Insulation Resistance: 5000 Megohm minimum at 500VDC potential. Contact Resistance: 30 millivolts maximum at rated current (with gold plating). Operating Temperature: - 65C to + 125C. Humidity: 96 hours at 90% relative humidity at + 40C, dried at room temperature for 3 hours minimum, insulation resistance was greater than 5000 Megohm. Durability: After 500 cycles of insertion and withdrawal of a 0.070" [1.78mm] thick steel test board, contact resistance less than 0.030V at 3 amps on gold plated contacts and individual contact pair separation force when measured with a 0.054" [1.37mm] thick steel test blade was greater than 1/2 ounce. Shock: Three 50g shocks in each of 3 mutually perpendicular planes with no loss of continuity. Vibration: 2 hours in each of 3 mutually perpendicular planes, frequency sweep 10 to 55cps at 0.06 double amplitude with no loss of continuity.
APPLICATIONS
For use with 0.0625" [1.59mm] printed circuit boards requiring an edgeboard type connector on 0.100" [2.54mm] centers.
MATERIAL SPECIFICATIONS
Body Material: "1" glass-filled diallyl phthalate per MIL-M-14, Type SDG-F green, flame retardant (UL 94V-0). "2" glass-filled phenolic per MIL-M-14, Type MFH dark green, flame retardant (UL 94V-0). "3" thermoplastic polyester, glass-filled, black, flame retardant (UL 94V-0). "5" thermoplastic polyphenylene sulfied, glass filled, brown, flame retardant (UL 94V-0). Contacts: Phosphor bronze. (See Ordering Information.) Polarizing Key: Glass reinforced nylon, flame retardant (UL 94H-B). Plating: Gold. (Ordering Information.)
ORDERING INFORMATION
EB4 MODEL 3 BODY MATERIAL K STANDARD TERMINAL VARIATIONS C, D, K, 1R, 2R, 3R, 4R 20 CONTACTS SG CONTACT PLATING X MOUNTING VARIATIONS 15 POLARIZING KEY POSITIONS Key(s) are located to right of position(s) designated. Use oddnumbered contact for ordering: -1, -3, -5, etc. Required only when polarizing keys are to be factory installed. NOTE: To order polarizing keys individually, specify Model PK-4. Document Number 36001 Revision 14-Aug-02
1 = Diallyl Phthalate 2 = Phenolic 3 = Glass-filled Polyester 5 = Glass-filled Polyphenylene Sulfied
6, 10, 12, 15, 18, 20, 22, 25, 28, 30, 31, 35, 36, 40, 43, 44, 48, 49, 50, 60 and 65 per side.
SG = Selective Gold Plating (0.00003" [0.000762mm] minimum thick) on contact area with Gold Flash on terminal. SGF = Selective Gold Plating (0.000010" [0.000254mm] minimum thick) on contact area with Gold Flash on terminal. All Gold Plating over 0.00005" [0.00127mm] minimum Nickel Underplate. Contact factory for additional plating options.
www.vishay.com 2
For technical questions, contact Connectors@vishay.com
EB4
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
DIMENSIONS in inches [millimeters]
0.060 [1.52] R Typ. A B C 0.100 [2.54] Typ. J
J
Vishay Dale
0.287 [7.29]
0.050 [1.27] Typ.
0.342 [8.69] Typ.
D E
0.060 [1.52] Typ.
Section J-J
0.054 - 0.071 [1.37 - 1.80] Card Thickness 0.125 [3.17] Point of Contact
0.250 [6.35] Typ. 0.430 [10.92] Typ. 0.610 [15.49] Typ.
See table for contact and mounting variations 0.180 [4.57] Typ.
0.365 [9.27]
0.300 [7.62] Depth of Insertion
0.200 [5.08]
Polarizing Key: When ordering polarizing keys individually, specify by the Model Number: PK-4 between contacts. Hand insertion tool, TPK-4, provided upon request.
0.150 [3.81]
0.295 [7.49] 0.031 [0.787] 0.096 0.002 [2.44 .051]
# OF CONTACT POSITIONS PER SIDE 6 10 12 15 18 20 22 25 28 30 31 35 36 40 43 44 48 49 50 60 65 Document Number 36001 Revision 14-Aug-02
A 1.435 [36.45] 1.835 [46.61] 2.035 [51.69] 2.335 [59.31] 2.635 [66.93] 2.835 [72.01] 3.035 [77.09] 3.335 [84.71] 3.635 [92.33] 3.835 [97.41] 3.935 [99.95] 4.335 [110.11] 4.435 [112.65] 4.835 [122.81] 5.135 [130.43] 5.235 [132.97] 5.635 [143.13] 5.735 [145.67] 5.835 [148.21] 6.835 [173.61] 7.335 [186.31]
B 1.175 [29.85] 1.575 [40.00] 1.775 [45.08] 2.075 [52.70] 2.375 [60.32] 2.575 [65.40] 2.775 [70.48] 3.075 [78.10] 3.375 [85.72] 3.575 [90.80] 3.675 [93.34] 4.075 [103.50] 4.175 [106.04] 4.575 [116.20] 4.875 [123.82] 4.975 [126.36] 5.375 [136.52] 5.475 [139.06] 5.575 [141.60] 6.575 [167.00] 7.075 [179.70]
C 0.700 [17.78] 1.100 [27.94] 1.300 [33.02] 1.600[40.64] 1.900 [48.26] 2.100 [53.34] 2.300 [58.42] 2.600 [66.04] 2.900 [73.66] 3.100 [78.74] 3.200 [81.28] 3.600 [91.44] 3.700 [93.98] 4.100 [104.14] 4.400 [111.76] 4.500 [114.30] 4.900 [124.46] 5.000 [127.00] 5.100 [129.54] 6.100 [154.94] 6.600 [167.64]
D 0.860 [21.84] 1.260 [32.00] 1.460 [37.08] 1.760 [44.70] 2.060 [52.32] 2.260 [57.40] 2.460 [62.48] 2.760 [70.10] 3.060 [77.72] 3.260 [82.80] 3.360 [85.34] 3.760 [95.50] 3.860 [98.04] 4.260 [108.20] 4.560 [115.82] 4.660 [118.36] 5.060 [128.52] 5.160 [131.06] 5.260 [133.60] 6.260 [159.00] 6.760 [171.70]
E 0.750 [19.05] 1.150 [29.21] 1.350 [34.29] 1.650 [41.91] 1.950 [49.53] 2.150 [54.61] 2.350 [59.69] 2.650 [67.31] 2.950 [74.93] 3.150 [80.01] 3.250 [82.55] 3.650 [92.71] 3.750 [95.25] 4.150 [105.41] 4.450 [113.03] 4.550 [115.57] 4.950 [125.73] 5.050 [128.27] 5.150 [130.81] 6.150 [156.21] 6.650 [168.91] www.vishay.com 3
For technical questions, contact Connectors@vishay.com
EB4
Vishay Dale
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Type "3R" - Dip Solder, 0.025" [0.635mm] square terminals, 0.180" [4.57mm] nominal terminal length x 0.150" [3.81mm] nominal terminal row spacing. Type "4R" - Dip Solder, 0.025" [0.635mm] square terminals, 0.180" [4.57mm] nominal terminal length x 0.200" [5.08mm] nominal terminal row spacing. Contact Spacing: 0.100" [2.54mm] center to center. Contact Terminal Row Spacing: Standard - 0.200" [5.08mm] nominal. Right Angle - 0.200" [5.08mm] nominal and 0.150" [3.81mm] nominal. Card Thickness: 0.054" to 0.071" [1.37mm to 1.80mm]. Card Slot Depth: 0.300" [7.62mm]. Connector Polarization: Between contact polarization key(s) are located to the right of the contact position(s) designated. NOTE: High temperature burn-in, edgeboard connectors, with 0.100" [2.54mm] center to center are on page 20 of this catalog.
PHYSICAL SPECIFICATIONS
Contact Type: Bifurcated Cantilever Beam. Number of Contacts: 10, 12, 15, 18, 20, 22, 25, 28, 30, 31, 35, 36, 40, 43, 44, 48, 49, 50, 60 and 65 per side. Contact Terminal Variation: Standard terminals. Type "C" - Dip Solder, 0.025" [0.635mm] square terminals, 0.175" [4.44mm] nominal terminal length below standoffs. Type "D" - Dip Solder, 0.025" [0.635mm] square terminals, 0.115" [2.92mm] nominal terminal length below standoffs. Type "K" - Wire WrapTM, 0.025" [0.635mm] square terminals, 0.570" [14.48mm] nominal terminal length below standoffs. Contact Terminal Variation: Right angle terminals. Type "1R" - Dip Solder, 0.025" [0.635mm] square terminals, 0.120" [3.05mm] nominal terminal length x 0.150" [3.81mm] nominal terminal row spacing. Type "2R" - Dip Solder, 0.025" [0.635mm] square terminals, 0.120" [3.05mm] nominal terminal length x 0.200" [5.08mm] nominal terminal row spacing.
MOUNTING VARIATIONS in inches [millimeters]
Type "X" Clearance Hole Raised Mounting Flange
.060 [1.52] Ref.
Type "XF" Clearance Hole Flush Mounting Flange
.060 [1.52] Ref. .125 [3.17] Dia.
Type "XS" Right Angle Mounting Flange
.060 [1.52] Ref.
Type "XFS" Right Angle Mounting Flange
.060 [1.52] Ref.
.125 [3.17] Dia. .430 [10.92] .250 [6.35] .610 [15.49] Ref.
O .125 [3.17]
.125 [3.17] Dia. .610 [15.49] Ref.
.250 [6.35]
.125 [3.17] .430 [10.92] .610 [15.49] Ref.
.250 [6.35]
.125 [3.17] .250 [6.35] .610 [15.49] Ref.
Type "Y" Threaded Insert Raised Mounting Flange
0.060 [1.52] Ref.
Type "YF" Threaded Insert Flush Mounting Flange
.060 [1.52] Ref.
Type "W" No Mounting Flange
0.060 [1.52] Ref.
4-40 UNC-2B 0.430 [10.92] 0.610 [15.49] Ref. 0.250 [6.35]
0.180 [4.57] 4-40 UNC-2B 0.610 [15.49] Ref. 0.250 [6.35] 0.430 [10.92]
0.610 [15.49] Ref.
TERMINAL VARIATIONS in inches [millimeters]
Type "C" and "D" Solder Dip, Standard 0.025 [0.635] Square Terminals
0.200 [5.08] To Fit 0.050 0.002 [1.27 0.051] Dia. Eyelet "C" = 0.175 [4.44] "D" = 0.115 [2.92] 0.570 [14.48]
Type "K" Wire WrapTM, Standard 0.025 [0.635] Square Terminals
0.200 [5.08]
Type "1R", "2R", "3R" and "4R" Right Angle 0.025 [0.635] Square Terminals
B
TYPE 1R 2R
A 0.150 [3.81] 0.200 [5.08] 0.150 [3.81] 0.200 [5.08]
B 0.120 0.030 [3.05 0.762] 0.120 0.030 [3.05 .762] 0.180 0.030 [4.57 0.762] 0.180 0.030 [4.57 0.762]
0.590 [14.99] A
3R 4R
www.vishay.com 4
For technical questions, contact Connectors@vishay.com
Document Number 36001 Revision 14-Aug-02
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of EB4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X