Part Number Hot Search : 
03203 MH46TAD 2N111 S93C46 MBS034M FRL234R SP233 TA78L08S
Product Description
Full Text Search
 

To Download E36L351CPN822MFD0M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U36L SERIES
U36L Series
Large Can Screw Terminals Longest Life U36 Grade High Ripple 350 to 500VDC Ratings RoHS Compliant 85 C Maximum Temperature
Engineering Bulletin Mar 07
The U36L series is the longest life version of the industry standard U36D specifically designed to provide the ripple current capability and long life required for high reliability inverter applications. The U36L has an endurance rating of 10,000 hours at 85 C with the rated ripple current applied. These capacitors are available with a variety of high current English or Metric thread terminals. Mounting options include a three-footed clamp or a bottom stud. Custom designs are available upon request.
L ARGE CAN 85 C
U36L
Summary of Specifications
Screw terminals: high and low post, English and Metric thread. Capacitance range: 1,500 to 15,000F. Voltage range: 350 to 500VDC. Category temperature range: 40 C to 85 C. Leakage current: 0.02CV(A) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Standard capacitance tolerance: 20% Nominal case size (D L): D = 50mm (2.000") to 89mm (3.500"); L = 79mm (3.125") to 220mm (8.625"). Rated lifetime: 10,000 hours at 85 C with rated ripple current applied.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/ 9
U36L Series
U36L Specifications - Screw Terminals
Item Category Temperature Range Rated Voltage Range Capacitance Range Capacitance Tolerance Leakage Current I 40 to 85 C Characteristics
Engineering Bulletin Mar 07
350 to 500VDC 1,500 to 15,000 F at 20% ( M ) at 25 C, 120Hz
25 C, 120Hz 25 C.
0.02CV ( A ) or 5mA, whichever is smaller, after 5 minutes at
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V ) Rated Ripple Current Multipliers Ambient Temperature ( C )
45 C 2.82 65 C 1.73 85 C 1.00
Endurance (Load Life)
The following specifications shall be satisfied when the capacitors are restored to 25 C after subjecting them to DC voltage for 10,000 hours at 85 C with the rated ripple current applied. The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of the capacitors. Capacitance change: 20% from initial measurement ESR change : 200% of initial specified limit Leakage current : initial specified limit
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 25 C after exposing them for 500 hours at 85 C without voltage applied. The rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. Capacitance change: 20% from initial measurement ESR change : 200% of initial specified limit Leakage current : initial specified limit
Vibration Rating Maximum Tightening Torque
10 -55Hz, 10g sinusoidal in three axis, 2 hours per axis.
Terminal Code HP HL CD CP CH CA CS Thread Size 10 - 32 NF- 2B M5x0.8 - 6H M5x0.8 - 6H
1/4 - 28 1/4 - 28
3 Threads Engaged in*lb 18.0 18.0 18.0 35.0 35.0 35.0 35.0 N*m 2.0 2.0 2.0 4.0 4.0 4.0 4.0
6 Threads Engaged in*lb 25.0 25.0 25.0 55.0 55.0 55.0 55.0 N*m 2.8 2.8 2.8 6.2 6.2 6.2 6.2
NF- 2B NF- 2B
M6x1- 6H M6x1- 6H
L ARGE CAN 85 C
Typical Inductance (nH) at 1MHz
Terminal Code HP HL CD CP CH CA CS
Case Diameter
O50 O63.5 O76 O89
U36L
20 20 NA NA NA NA NA
22 22 18 14 16 14 16
25 25 22 18 20 18 20
NA NA NA 18 20 18 20
Custom Designs
Custom CV values per case size and termination type may be available upon request. Contact appropriate representative with specific requirements.
2/9
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U36L Series
Diagram of Dimensions - Screw Terminals
Large Can / Screw Terminals
Case Dimensions
Case Size Code CA5 CB7 CD0 CE3 D92 DA5 DB7 DD0 DE3 DN0 E79 E92 EA5 EB7 ED0 EE3 EJ0 EN0 F92 FA5 FB7 FD0 FE3 FF5 FK0 FN0
OD
Engineering Bulletin Mar 07
Unit: mm (inches)
2.0 (0.080)
L 1.0 (0.040) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 220 (8.625) 079 (3.125) 092 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 180 (7.125) 220 (8.625) 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 155 (6.125) 190 (7.500) 220 (8.625)
F 0.25 (0.010)
50.8 (2.000)
22.2 (0.875)
63.5 (2.500)
28.6 (1.125)
F
Vent
S T
76.2 (3.000)
31.8 (1.250)
J
Insulating Sleeve
L
H
89.0 (3.500)
31.8 (1.250)
Insulating End Disk
D
Terminal Specifications
Terminal Code HP HL CD CP CH CA CS Available Case Diameter
OD OD
Code C C D-E D-F D-F D-F D-F
mm (inches) 50.8 (2.000) 50.8 (2.000) 63.5 - 76.2 (2.500 - 3.000) 63.5 - 89.0 (2.500 - 3.500) 63.5 - 89.0 (2.500 - 3.500) 63.5 - 89.0 (2.500 - 3.500) 63.5 - 89.0 (2.500 - 3.500)
Thread Size 10 - 32 NF- 2B M5x0.8 - 6H M5x0.8 - 6H 1/4 - 28 NF- 2B 1/ - 28 NF- 2B 4 M6x1- 6H M6x1- 6H
Minimum Thread Depth 09.5 (0.375) 09.5 (0.375) 08.5 (0.335) 08.7 (0.344) 11.9 (0.468) 08.7 (0.344) 11.9 (0.468)
J 0.5 (0.020) 6.4 (0.250) 6.4 (0.250) 5.0 (0.200) 2.4 (0.093) 6.4 (0.250) 2.4 (0.093) 6.4 (0.250)
H 2.0 (0.080) L L L L L L L J J J J J J J
OS
OT
0.25 (0.010) 08.0 (0.313) 8.0 (0.313) 13.0 (0.512) 17.5 (0.689) 17.5 (0.689) 17.5 (0.689) 17.5 (0.689)
0.25 (0.010) 11.1 (0.438) 11.1 (0.438) 18.8 (0.740) -- -- -- --
L ARGE CAN 85 C
U36L
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3/9
U36L Series
Mounting Hardware - Screw Terminals
Type C: Three-Footed Clamp
360 3
Engineering Bulletin Mar 07
Unit: mm (inches)
30 45 D 5 15 A T J G K 5.1 0.5 (2 holes) (0.201 0.020) R S B
Clamp: Zinc with silver trivalent chromate post treatment. Hardware: Screw, washer and hexagon nut included with each clamp.
Type C: Clamp Dimensions
Mounting Code C C C C Case
OD
A 1.0 (0.040) 31.8 (1.250) 38.1 (1.500) 44.5 (1.750) 50.8 (2.000)
B 1.0 (0.040) 36.5 (1.437) 42.9 (1.689) 49.2 (1.937) 56.5 (2.224)
G 1.0 (0.040) 13.3 (0.524) 13.3 (0.524) 13.3 (0.524) 16.0 (0.630)
J 0.5 (0.020) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177)
K 0.5 (0.020) 7.1 (0.280) 7.1 (0.280) 7.1 (0.280) 8.0 (0.313)
R 1.0 (0.040) 19.1 (0.751) 19.1 (0.751) 19.1 (0.751) 21.0 (0.827)
S 1.0 (0.040) 9.5 (0.374) 9.5 (0.374) 9.5 (0.374) 9.0 (0.354)
T 0.5 (0.020) 0.8 (0.032) 0.8 (0.032) 1.0 (0.040) 1.0 (0.040)
50.8 (2.000) 63.5 (2.500) 76.2 (3.000) 89.0 (3.500)
Note: Type B two-footed clamp available upon request for O50.8, O63.5 and O76.2. Consult UCC for specifications.
Type S: Stud Mounting
L ARGE CAN 85 C
U36L
Q
M P K T D
N R
Type S: Stud Mounting Dimensions
Mounting Code S P 1.0 (0.040) 16.0 (0.630) T Thread Size M12 M 1.0 (0.040) 19.0 (0.748) N 1.0 (0.040) 18.0 (0.709)
OK OQ
2.0 (0.080) 30.0 (1.181)
1.0 (0.040) 22.0 (0.866)
R 1.0 (0.040) 1.40 (0.055)
4/9
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U36L Series
Part Numbering System for U36L Series
18 Fields
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Engineering Bulletin Mar 07
When ordering, always specify complete 18-field global part number.
E 3 6 L 4 0 1 CPS 3 3 2MEA 5M
9
8
7
6
5
4
3
2
1
Supplement Code. Field 18. C = PET insulation with end disk. F = Coated can. M = Pb-free PVC insulation with end disk. Case Size. Fields 15, 16 and 17. The single letter diameter code is inserted in field 15. C = O50.8mm (O2.000") D = O63.5mm (O2.500") E = O76.2mm (O3.000") F = O89mm (O3.500") The double character length code is inserted in fields 16 and 17. For lengths 99mm, insert the actual length rounded to nearest millimeter. For lengths of 100mm or more, insert the appropriate alpha numeric code as indicated below. 79 = 79mm (3.125") 92 = 92mm (3.625") A5 = 105mm (4.125") B7 = 117mm (4.625") D0 = 130mm (5.125") E3 = 143mm (5.625") F5 = 155mm (6.125") J0 = 180mm (7.125") K0 = 190mm (7.500") N0= 220mm (8.625") Capacitance Tolerance. Field 14. M = 20% Capacitance. Fields 11, 12 and 13. Expressed in Microfarads. The first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 F or more. R indicates the decimal point for capacitance less than 10 F (e.g. 3R3 = 3.3 F; 330 = 33 F; 331 = 330 F; 332 = 3,300 F; 333 = 33,000 F ). Mounting Hardware. Field 10. N = None. B = Two-footed clamp. C = Three-footed clamp. S = Stud mount. Terminal Type. Fields 8 and 9. HP = High post 10-32 NF- 2B screw thread. HL = High post M5x0.8 screw thread. CD = UTE M5x0.8 screw thread. CP = Low post 1/4-28 NF-2B screw thread. CH = High post 1/4-28 NF-2B screw thread. CA = Low post M6x1 screw thread. CS = High post M6x1 screw thread. DC Rated Voltage. Fields 5, 6 and 7. Expressed in Volts. The first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10VDC or more. R indicates the decimal point for rated voltage less than 10VDC (e.g. 4R0 = 4.0VDC; 400 = 40VDC; 401 = 400VDC). Series Name. Fields 2, 3 and 4. Enter the 3-letter/digit series name in fields 2, 3 and 4. If the series name is only 2 letters/digits, place a dash in field 4. For a series name with more than 3 letters/digits, refer to the individual series for the appropriate 3-field series name. Capacitor Type. Field 1. Aluminum Electrolytic Capacitor (Polar).
L ARGE CAN 85 C
U36L
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/9
U36L Series
Standard Voltage Ratings - Screw Terminals
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code Maximum ESR ( m ) at 25 C, 120Hz
Engineering Bulletin Mar 07
Rated Ripple Current (A rms) at 85 C 120Hz
8.8 9.6 11.6 8.8 10.0 9.6 11.8 11.6 13.8 13.0 15.1 21.5 20.8 10.0 11.8 13.8 13.0 15.6 15.1 18.0 17.3 20.8 24.7 23.9 28.1 28.5 15.6 18.0 17.3 21.5 24.7 23.9 28.1 28.5 34.0 34.2 40.7 7.4 8.9 10.7 7.4 8.9 9.1 10.7 10.9 12.5 12.6 10.7 10.9 12.5 12.6 14.5 14.3 16.4 16.5 18.8 18.9 22.8
300Hz
10.6 11.5 13.9 10.6 13.0 11.5 15.4 13.9 17.9 16.4 18.1 28.0 24.9 13.0 15.4 17.9 16.4 20.2 18.1 23.4 20.8 24.9 32.1 28.7 36.6 34.2 20.2 23.4 20.8 28.0 32.1 28.7 36.6 34.2 44.2 41.0 48.9 8.9 10.7 12.8 8.9 10.7 10.3 12.8 13.0 15.0 15.1 12.8 13.0 15.0 15.1 17.4 17.1 19.7 19.8 22.6 22.6 27.4
>3kHz
12.3 13.4 16.2 12.3 15.1 13.4 17.7 16.2 20.7 19.1 21.2 32.3 29.1 15.1 17.7 20.7 19.1 23.3 21.2 27.0 24.3 29.1 37.0 33.5 42.2 39.9 23.3 27.0 24.3 32.3 37.0 33.5 42.2 39.9 51.0 47.9 57.0 10.4 12.5 14.9 10.4 12.5 12.7 14.9 15.2 17.5 17.6 14.9 15.2 17.5 17.6 20.3 20.0 23.0 23.1 26.3 26.4 32.0
350 Volts
400 Volts Surge
2,200 2,700 3,300 2,200 2,200 2,700 2,700 3,300 3,300 3,900 4,700 5,600 6,800 2,200 2,700 3,300 3,900 3,900 4,700 4,700 5,600 6,800 6,800 8,200 8,200 10,000 3,900 4,700 5,600 5,600 6,800 8,200 8,200 10,000 10,000 12,000 15,000 1,800 1,800 2,200 1,800 1,800 2,200 2,200 2,700 2,700 3,300 2,200 2,700 2,700 3,300 3,300 3,900 3,900 4,700 4,700 5,600 5,600
E36L351HPN222MCA5M E36L351HPN272MCB7M E36L351HPN332MCE3M E36L351CPN222MD92M E36L351CPN222MDA5M E36L351CPN272MDA5M E36L351CPN272MDD0M E36L351CPN332MDB7M E36L351CPN332MDE3M E36L351CPN392MDD0M E36L351CPN472MDE3M E36L351CPN562MDN0M E36L351CPN682MDN0M E36L351CPN222ME79M E36L351CPN272ME92M E36L351CPN332MEA5M E36L351CPN392ME92M E36L351CPN392MEB7M E36L351CPN472MEA5M E36L351CPN472MEE3M E36L351CPN562MEB7M E36L351CPN682MEE3M E36L351CPN682MEJ0M E36L351CPN822MEJ0M E36L351CPN822MEN0M E36L351CPN103MEN0M E36L351CPN392MF92M E36L351CPN472MFA5M E36L351CPN562MFA5M E36L351CPN562MFD0M E36L351CPN682MFE3M E36L351CPN822MFD0M E36L351CPN822MFF5M E36L351CPN103MFF5M E36L351CPN103MFK0M E36L351CPN123MFK0M E36L351CPN153MFN0M E36L401HPN182MCA5M E36L401HPN182MCE3M E36L401HPN222MCD0M E36L401CPN182MD92M E36L401CPN182MDB7M E36L401CPN222MDA5M E36L401CPN222MDD0M E36L401CPN272MDB7M E36L401CPN272MDE3M E36L401CPN332MDD0M E36L401CPN222ME92M E36L401CPN272ME92M E36L401CPN272MEA5M E36L401CPN332MEA5M E36L401CPN332MEB7M E36L401CPN392MEB7M E36L401CPN392MED0M E36L401CPN472MED0M E36L401CPN472MEE3M E36L401CPN562MEE3M E36L401CPN562MEJ0M
50 50 50 63.5 63.5 63.5 63.5 63.5 63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76 76 76 89 89 89 89 89 89 89 89 89 89 89 50 50 50 63.5 63.5 63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76
105 117 143 92 105 105 130 117 143 130 143 220 220 79 92 105 92 117 105 143 117 143 180 180 220 220 92 105 105 130 143 130 155 155 190 190 220 105 143 130 92 117 105 130 117 143 130 92 92 105 105 117 117 130 130 143 143 180
CA5 CB7 CE3 D92 DA5 DA5 DD0 DB7 DE3 DD0 DE3 DN0 DN0 E79 E92 EA5 E92 EB7 EA5 EE3 EB7 EE3 EJ0 EJ0 EN0 EN0 F92 FA5 FA5 FD0 FE3 FD0 FF5 FF5 FK0 FK0 FN0 CA5 CE3 CD0 D92 DB7 DA5 DD0 DB7 DE3 DD0 E92 E92 EA5 EA5 EB7 EB7 ED0 ED0 EE3 EE3 EJ0
45 37 30 45 39 37 32 30 26 26 21 15 15 39 32 26 26 22 21 18 18 15 13 12 11 10 22 18 18 15 13 12 11 10 9 8 7 56 48 39 56 48 45 39 37 32 30 39 37 32 30 26 26 22 21 18 18 15
L ARGE CAN 85 C
U36L
400 Volts
450 Volts Surge
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
6/9
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U36L Series
Standard Voltage Ratings - Screw Terminals
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code Maximum ESR ( m ) at 25 C, 120Hz
Engineering Bulletin Mar 07
Rated Ripple Current (A rms) at 85 C 120Hz
21.8 24.7 24.9 14.5 14.3 16.4 16.5 18.8 18.9 21.8 24.7 24.9 30.8 31.2 36.2 36.4 7.7 9.2 9.2 7.7 9.2 11.1 10.7 12.5 19.5 9.2 11.1 10.7 12.7 12.5 14.8 14.1 16.8 16.3 20.2 22.8 22.3 25.4 12.7 14.8 14.1 16.8 16.3 20.2 19.5 22.8 22.3 27.5 25.4 32.2 30.7 35.9 7.0 8.4 8.1 7.0 8.4
300Hz
26.1 29.6 29.9 17.4 17.1 19.7 19.8 22.6 22.6 26.1 29.6 29.9 36.9 37.5 43.4 43.7 9.3 11.0 11.0 9.3 11.0 13.3 12.8 15.0 23.4 11.0 13.3 12.8 15.3 15.0 17.8 16.9 20.2 19.5 24.2 27.4 26.8 30.5 15.3 17.8 16.9 20.2 19.5 24.2 23.4 27.4 26.8 33.0 30.5 38.6 36.9 43.0 8.4 10.0 9.7 8.4 10.0
>3kHz
30.5 34.6 34.9 20.3 20.0 23.0 23.1 26.3 26.4 30.5 34.6 34.9 43.1 43.7 50.7 51.0 10.8 12.8 12.8 10.8 12.8 15.5 15.0 17.5 27.3 12.8 15.5 15.0 17.8 17.5 20.7 19.7 23.6 22.8 28.2 32.0 31.3 35.6 17.8 20.7 19.7 23.6 22.8 28.2 27.3 32.0 31.3 38.5 35.6 45.1 43.0 50.2 9.9 11.7 11.3 9.9 11.7
400 Volts
450 Volts Surge
6,800 6,800 8,200 3,300 3,900 3,900 4,700 4,700 5,600 6,800 6,800 8,200 8,200 10,000 10,000 12,000 1,800 1,800 2,200 1,800 2,200 2,200 2,700 3,300 5,600 1,800 2,200 2,700 2,700 3,300 3,300 3,900 3,900 4,700 4,700 5,600 6,800 8,200 2,700 3,300 3,900 3,900 4,700 4,700 5,600 5,600 6,800 6,800 8,200 8,200 10,000 12,000 1,500 1,500 1,800 1,500 1,500
E36L401CPN682MEJ0M E36L401CPN682MEN0M E36L401CPN822MEN0M E36L401CPN332MF92M E36L401CPN392MF92M E36L401CPN392MFA5M E36L401CPN472MFA5M E36L401CPN472MFD0M E36L401CPN562MFB7M E36L401CPN682MFD0M E36L401CPN682MFE3M E36L401CPN822MFE3M E36L401CPN822MFK0M E36L401CPN103MFK0M E36L401CPN103MFN0M E36L401CPN123MFN0M E36L421HPN182MCB7M E36L421HPN182MCE3M E36L421HPN222MCE3M E36L421CPN182MDA5M E36L421CPN222MDA5M E36L421CPN222MDE3M E36L421CPN272MDD0M E36L421CPN332MDE3M E36L421CPN562MDN0M E36L421CPN182ME92M E36L421CPN222MEA5M E36L421CPN272ME92M E36L421CPN272MEB7M E36L421CPN332MEA5M E36L421CPN332MED0M E36L421CPN392MEB7M E36L421CPN392MEE3M E36L421CPN472MEE3M E36L421CPN472MEJ0M E36L421CPN562MEN0M E36L421CPN682MEJ0M E36L421CPN822MEN0M E36L421CPN272MF92M E36L421CPN332MFA5M E36L421CPN392MF92M E36L421CPN392MFB7M E36L421CPN472MFA5M E36L421CPN472MFE3M E36L421CPN562MFD0M E36L421CPN562MFF5M E36L421CPN682MFE3M E36L421CPN682MFK0M E36L421CPN822MFF5M E36L421CPN822MFN0M E36L421CPN103MFK0M E36L421CPN123MFN0M E36L451HPN152MCB7M E36L451HPN152MCE3M E36L451HPN182MCD0M E36L451CPN152MD92M E36L451CPN152MDB7M
76 76 76 89 89 89 89 89 89 89 89 89 89 89 89 89 50 50 50 63.5 63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76 76 76 89 89 89 89 89 89 89 89 89 89 89 89 89 89 50 50 50 63.5 63.5
180 220 220 92 92 105 105 130 117 130 143 143 190 190 220 220 117 143 143 105 105 143 130 143 220 92 105 92 117 105 130 117 143 143 180 220 180 220 92 105 92 117 105 143 130 155 143 190 155 220 190 220 117 143 130 92 117
EJ0 EN0 EN0 F92 F92 FA5 FA5 FD0 FB7 FD0 FE3 FE3 FK0 FK0 FN0 FN0 CB7 CE3 CE3 DA5 DA5 DE3 DD0 DE3 DN0 E92 EA5 E92 EB7 EA5 ED0 EB7 EE3 EE3 EJ0 EN0 EJ0 EN0 F92 FA5 F92 FB7 FA5 FE3 FD0 FF5 FE3 FK0 FF5 FN0 FK0 FN0 CB7 CE3 CD0 D92 DB7
15 13 12 26 26 22 21 18 18 15 13 12 11 10 9 8 74 63 61 74 61 52 49 40 24 63 52 49 42 40 34 34 29 28 24 20 20 16 42 34 34 29 28 24 24 20 20 17 16 14 13 11 89 76 74 89 76
420 Volts
470 Volts Surge
L ARGE CAN 85 C
U36L
450 Volts
500 Volts Surge
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 9
U36L Series
Standard Voltage Ratings - Screw Terminals
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code Maximum ESR ( m ) at 25 C, 120Hz
Engineering Bulletin Mar 07
Rated Ripple Current (A rms) at 85 C 120Hz
8.1 9.5 9.6 11.1 11.3 9.5 9.6 11.1 11.3 13.4 13.1 15.5 14.8 17.6 17.0 20.9 19.5 23.2 13.4 13.1 15.5 14.8 17.6 17.0 20.9 19.5 25.0 23.2 29.3 27.8 32.7 6.7 6.7 8.0 7.7 9.2 9.0 10.5 8.0 7.7 9.2 9.0 10.7 10.5 12.3 12.2 14.9 13.8 16.6 20.6 21.6 10.7 12.3 12.2 14.9 13.8 17.5 16.6
300Hz
9.7 11.4 11.6 13.3 13.5 11.4 11.6 13.3 13.5 16.1 15.7 18.6 17.8 21.2 20.4 25.1 23.4 27.8 16.1 15.7 18.6 17.8 21.2 20.4 25.1 23.4 30.0 27.8 35.2 33.4 39.3 8.0 8.0 9.6 9.2 11.1 10.8 12.6 9.6 9.2 11.1 10.8 12.8 12.6 14.8 14.6 17.9 16.6 19.9 24.8 25.9 12.8 14.8 14.6 17.9 16.6 21.1 19.9
>3kHz
11.3 13.3 13.5 15.5 15.8 13.3 13.5 15.5 15.8 18.8 18.3 21.7 20.8 24.7 23.8 29.3 27.3 32.4 18.8 18.3 21.7 20.8 24.7 23.8 29.3 27.3 35.0 32.4 41.0 39.0 45.8 9.4 9.4 11.2 10.7 12.9 12.6 14.7 11.2 10.7 12.9 12.6 15.0 14.7 17.3 17.1 20.9 19.3 23.3 28.9 30.2 15.0 17.3 17.1 20.9 19.3 24.6 23.3
450 Volts
500 Volts Surge
1,800 1,800 2,200 2,200 2,700 1,800 2,200 2,200 2,700 2,700 3,300 3,300 3,900 3,900 4,700 4,700 5,600 6,800 2,700 3,300 3,300 3,900 3,900 4,700 4,700 5,600 5,600 6,800 6,800 8,200 10,000 1,500 1,500 1,500 1,800 1,800 2,200 2,700 1,500 1,800 1,800 2,200 2,200 2,700 2,700 3,300 3,300 3,900 4,700 4,700 6,800 2,200 2,700 3,300 3,300 3,900 3,900 4,700
E36L451CPN182MDA5M E36L451CPN182MDD0M E36L451CPN222MDB7M E36L451CPN222MDE3M E36L451CPN272MDE3M E36L451CPN182ME92M E36L451CPN222ME92M E36L451CPN222MEA5M E36L451CPN272MEA5M E36L451CPN272MED0M E36L451CPN332MEB7M E36L451CPN332MEE3M E36L451CPN392MED0M E36L451CPN392MEJ0M E36L451CPN472MEE3M E36L451CPN472MEN0M E36L451CPN562MEJ0M E36L451CPN682MEN0M E36L451CPN272MFA5M E36L451CPN332MF92M E36L451CPN332MFB7M E36L451CPN392MFA5M E36L451CPN392MFD0M E36L451CPN472MFB7M E36L451CPN472MFF5M E36L451CPN562MFD0M E36L451CPN562MFK0M E36L451CPN682MFF5M E36L451CPN682MFN0M E36L451CPN822MFK0M E36L451CPN103MFN0M E36L501HPN152MCE3M E36L501CPN152MD92M E36L501CPN152MDB7M E36L501CPN182MDA5M E36L501CPN182MDE3M E36L501CPN222MDB7M E36L501CPN272MDE3M E36L501CPN152ME92M E36L501CPN182ME79M E36L501CPN182MEA5M E36L501CPN222ME92M E36L501CPN222MEB7M E36L501CPN272MEA5M E36L501CPN272MEE3M E36L501CPN332MEB7M E36L501CPN332MEJ0M E36L501CPN392MEE3M E36L501CPN472MEJ0M E36L501CPN472MEN0M E36L501CPN682MEN0M E36L501CPN222MF92M E36L501CPN272MFA5M E36L501CPN332MF92M E36L501CPN332MFD0M E36L501CPN392MFA5M E36L501CPN392MFF5M E36L501CPN472MFD0M
63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76 76 76 89 89 89 89 89 89 89 89 89 89 89 89 89 50 63.5 63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76 76 76 89 89 89 89 89 89 89
105 130 117 143 143 92 92 105 105 130 117 143 130 180 143 220 180 220 105 92 117 105 130 117 155 130 190 155 220 190 220 143 92 117 105 143 117 143 92 79 105 92 117 105 143 117 180 143 180 220 220 92 105 92 130 105 155 130
DA5 DD0 DB7 DE3 DE3 E92 E92 EA5 EA5 ED0 EB7 EE3 ED0 EJ0 EE3 EN0 EJ0 EN0 FA5 F92 FB7 FA5 FD0 FB7 FF5 FD0 FK0 FF5 FN0 FK0 FN0 CE3 D92 DB7 DA5 DE3 DB7 DE3 E92 E79 EA5 E92 EB7 EA5 EE3 EB7 EJ0 EE3 EJ0 EN0 EN0 F92 FA5 F92 FD0 FA5 FF5 FD0
74 63 61 52 49 63 61 52 49 42 40 34 34 29 28 24 24 20 42 40 34 34 29 28 24 24 20 20 17 16 13 107 107 93 89 78 63 59 93 89 78 63 74 59 52 48 42 41 34 30 24 74 52 48 42 41 36 34
L ARGE CAN 85 C
U36L
500 Volts
550 Volts Surge
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
8/9
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U36L Series
Standard Voltage Ratings - Screw Terminals
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code Maximum ESR ( m ) at 25 C, 120Hz
Engineering Bulletin Mar 07
Rated Ripple Current (A rms) at 85 C 120Hz
18.9 23.0 21.6 27.0 25.9 30.5
300Hz
22.7 27.6 25.9 32.4 31.1 36.6
>3kHz
26.4 32.2 30.2 37.8 36.3 42.7
500 Volts
550 Volts Surge
5,600 5,600 6,800 6,800 8,200 10,000
E36L501CPN562MFE3M E36L501CPN562MFK0M E36L501CPN682MFF5M E36L501CPN682MFN0M E36L501CPN822MFK0M E36L501CPN103MFN0M
89 89 89 89 89 89
143 190 155 220 190 220
FE3 FK0 FF5 FN0 FK0 FN0
29 25 24 21 20 16
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
L ARGE CAN 85 C
U36L
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
9/9


▲Up To Search▲   

 
Price & Availability of E36L351CPN822MFD0M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X