Part Number Hot Search : 
50N50 70HF140 ODUCT 1N524 7082B AON6558L CP0003 AN8472SA
Product Description
Full Text Search
 

To Download E2S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2S Series
* RoHS Compliant (Pb-Free) * HC-49/UP package * AT or BT cut available * Resistance weld seal * Tight tolerance/stability * Tape and reel available
NOTES
E2S
H 4.50 L 13.30 W 4.85
CRYSTAL
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range Frequency Tolerance / Stability Over Operating Temperature Range Operating Temperature Range Aging (at 25C) Storage Temperature Range Shunt Capacitance Insulation Resistance Drive Level Load Capacitance (CL) 3.579545MHz to 50.000MHz 50ppm / 100ppm (Standard), 30ppm / 50ppm (AT cut only), 15ppm / 30ppm (AT cut only), 15ppm / 20ppm (AT cut only), or 10ppm / 15ppm (AT cut only) 0C to 70C, -20C to 70C (AT cut only), or -40C to 85C (AT cut only) 5ppm / year Maximum -40C to 125C 7pF Maximum 500 Megaohms Minimum at 100VDC 1 mWatt Maximum 18pF (Standard), Custom CL 10pF, or Series Resonant
EQUIVALENT SERIES RESISTANCE (ESR), MODE OF OPERATION (MODE), AND CUT
Frequency Range 3.579545MHz to 4.999MHz 5.000MHz to 5.999MHz 6.000MHz to 7.999MHz 8.000MHz to 8.999MHz 9.000MHz to 9.999MHz 10.000MHz to 14.999MHz
MANUFACTURER
ESR () 200 Max 150 Max 120 Max 90 Max 80 Max 70 Max
Mode / Cut Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT
Frequency Range 15.000MHz to 15.999MHz 16.000MHz to 23.999MHz 24.000MHz to 30.000MHz 24.000MHz to 40.000MHz 24.576MHz to 29.999MHz 30.000MHz to 50.000MHz
ESR () 60 Max 50 Max 40 Max 40 Max 150 Max 100 Max
Mode / Cut Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / BT Third Overtone / AT Third Overtone / AT
CATEGORY
SERIES
PACKAGE
CLASS
REV.DATE
ECLIPTEK CORP.
CRYSTAL
E2S
HC-49/UP
CR44
11/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE E2S A A 18 - 20.000M TR
FREQUENCY TOLERANCE / STABILITY A=50ppm at 25C, 100ppm from 0C to 70C B=50ppm at 25C, 100ppm from -20C to 70C C=50ppm at 25C, 100ppm from -40C to 85C D=30ppm at 25C, 50ppm from 0C to 70C E=30ppm at 25C, 50ppm from -20C to 70C F=30ppm at 25C, 50ppm from -40C to 85C G=15ppm at 25C, 30ppm from 0C to 70C H=15ppm at 25C, 30ppm from -20C to 70C J=15ppm at 25C, 30ppm from -40C to 85C K=15ppm at 25C, 20ppm from 0C to 70C L=15ppm at 25C, 20ppm from -20C to 70C M=15ppm at 25C, 20ppm from -40C to 85C N=10ppm at 25C, 15ppm from 0C to 70C P=10ppm at 25C, 15ppm from -20C to 70C PACKAGING OPTIONS Blank=Bulk, TR=Tape and Reel FREQUENCY LOAD CAPACITANCE S=Series XX=XXpF MODE OF OPERATION / CRYSTAL CUT A=Fundamental / AT, B=Third Overtone / AT D=Fundamental / BT
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
Coplanarity: 0.36mm Maximum
Tolerances = 0.2
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
TAPE
A
24.3
B
11.5.1
C
10.75.1
D
4 .2
E
2.1
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13.2
Q
40 MIN QTY/REEL 1,000
F
12.2
G
B0*
H
1.5 +.1
J
A0*
K
.4.1
L
K0*
R
2.5 MIN
S
10 MIN
T
30.4 MAX
U
360 MAX
V
24.4+2-0
*Compliant to EIA-481A
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
PARAMETER SPECIFICATION
MARKING SPECIFICATIONS
Fine Leak Test Gross Leak Test Lead Termination Mechanical Shock Resistance to Soldering Heat Resistance to Solvents Solderability Temperature Cycling Vibration
MIL-STD-883, Method 1014, Condition A MIL-STD-883, Method 1014, Condition C Sn 2m - 6m MIL-STD-202, Method 213, Condition C MIL-STD-202, Method 210 MIL-STD-202, Method 215 MIL-STD-883, Method 2003 MIL-STD-883, Method 1010 MIL-STD-883, Method 2007, Condition A
Line 1: E XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV.DATE
ECLIPTEK CORP.
CRYSTAL
E2S
HC-49/UP
CR44
11/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of E2S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X