Part Number Hot Search : 
DA05CM 5248B RE127M IRFU420A CZRB2240 DA05CM 16800 MBR20
Product Description
Full Text Search
 

To Download CTTFR0402BTSX1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thin Film Precision Chip Resistors
ctparts.com
Not shown at actual size.
CTTFR Series
Compliant
RoHS
FEATURES
- Thin Film Passivated NiCr Resistor - Very Tight Tolerance from 0.01%~1% - Extremely Low TCR from 5~50 PPM/C - Wide R-Value Range
APPLICATIONS
- Medical Equipment - Testing / Measurement Equipment - Consumer Product - Printer Equipment - Automatic Equipment Controller - Converters - Communication Device, Cell phone, GPS, PDA
DERATING CURVE
Power Ratio (%)
100 80 60 40 30 20 0 20 40 60 70 80 100 120 140 155
PART NUMBERING
CTTFR 0402 T 3 2 1
1. Product Type
Product Type CTTFR
T 4
D 5
1000 7 6
Ambient Temperature(C)
5. TCR
Codes Thin Film Precision Chip Resistor S B N Dimensions(LxW) 1.00x0.50mm 1.60x0.80mm 2.00x1.25mm 3.00x1.50mm C D Type 5 PPM/C 10 PPM/C 15 PPM/C 25 PPM/C 50 PPM/C
2. Dimensions (LxW)
EIA 0402 0603 0805 1206
3. Resistance Tolerance
Codes T B C D F Resistance Tolerance 0.01% 0.10% 0.25% 0.50% 1.00%
6. High Power Rating
Codes V W X Power Rating Standard / Special 1/4W 1/8W 1/10W
4. Packaging
Codes T B Tape & Reel QTY's CTTFR0402 CTTFR0603 CTTFR0805 CTTFR1206 = = = = 10,000pcs 5,000pcs 5,000pcs 5,000pcs Type Tape & Reel Bulk
7. Resistance
Codes 1000 2201 1002 4992 1003 Type 100 2200 10000 49900 100000
01.23.07
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
Thin Film Precision Chip Resistors
ctparts.com
CTTFR Series
PHYSICAL DIMENSIONS
Unit: mm
Type CTTFR0402 CTTFR0603 CTTFR0805 CTTFR1206 L 1.000.05 1.550.10 2.000.15 3.050.15 W 0.500.05 0.800.10 1.250.15 1.550.15 T 0.300.05 0.450.10 0.550.10 0.550.10 D1 0.200.10 0.300.20 0.300.20 0.420.20 D2 0.200.10 0.300.20 0.400.25 0.350.25
W
L
D1
D1 T
D2
D2
STANDARD ELECTRICAL SPECIFICATIONS
Type Power Rating at 70C Operating Temp. Range Max. Operating Voltage Max. Overloading Voltage Resistance Tolerance () 0.01%, 0.05%, 0.1%, 0.25%, 0.5% 0.01%, 0.05%, 0.1%, 0.25%, 0.5% 0.01%, 0.05% 0.1%, 0.25%, 0.5%, 1% Resistance Range 50~2K 50~12K 50~12K 10~100K TCR (PPM/C) 5 10 , 15 25 , 50 25 , 50
CTTFR0402
1/16W
-55C to +155C
25V
50V
0.01%, 0.05%, 0.1%, 0.25%, 0.5% 0.01%, 0.05%, 0.1%, 0.25%, 0.5% CTTFR0603 1/16W -55C to +155C 50V 100V 0.01% 0.05% 0.1%, 0.25%, 0.5%, 1% 0.25%, 0.5%, 1%
50~8K 25~100K 25~100K 4.7~150K 4.7~402K 2~4.6
5 10 , 15 25 , 50 25 , 50 25 , 50 25 , 50
0.01%, 0.05%, 0.1%, 0.25%, 0.5% 0.01%, 0.05%, 0.1%, 0.25%, 0.5% CTTFR0805 1/10W -55C to +155C 100V 200V 0.01% 0.05% 0.1%, 0.25%, 0.5%, 1% 0.25%, 0.5%, 1%
50~16K 25~200K 25~200K 4.7~500K 4.7~1M 1~4.6
5 10 , 15 25 , 50 25 , 50 25 , 50 25 , 50
0.01%, 0.05%, 0.1%, 0.25%, 0.5% 0.01%, 0.05%, 0.1%, 0.25%, 0.5% CTTFR1206 1/8W -55C to +155C 150V 300V 0.01% 0.05% 0.1%, 0.25%, 0.5%, 1% 0.25%, 0.5%, 1%
50~30K 25~500K 25~500K 4.7~1M 4.7~1M 1~4.6 1M~2M
5 10 , 15 25 , 50 25 , 50 25 , 50 25 , 50
01.23.07
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTTFR0402BTSX1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X