Part Number Hot Search : 
BCR22PN SC454 TLN117B 1N542 MLL5222 2SB824 BLU11SL PC929
Product Description
Full Text Search
 

To Download CTDD1712MF-0505-SU1K-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
ctparts.com
SPECIFICATIONS
CTDD1712MF-SU1K-2 Series
Fixed Input Isolated & Unregulated 2W Single Output
Part Number CTDD1712MF-0505-SU1K-2 CTDD1712MF-0509-SU1K-2 CTDD1712MF-0512-SU1K-2 CTDD1712MF-0515-SU1K-2 CTDD1712MF-1205-SU1K-2 CTDD1712MF-1209-SU1K-2 CTDD1712MF-1212-SU1K-2 CTDD1712MF-1215-SU1K-2
Vin Nom. (VDC) 5 5 5 5 12 12 12 12
Vin Range (VDC) 4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2
Voltage Out (VDC) 5 9 12 15 5 9 12 15
Io Max. (mA) 400 222 167 133 400 222 167 133
Io Min. (mA) 40 23 17 14 40 23 17 14
Effi. Typ. (%) 81 82 84 84 82 83 85 85
Not shown at actual size.
Compliant
RoHS
ISOLATION SPECIFICATIONS
Item Isolation Voltage Isolation Resistance Test Condition Test at 500VDC MIN 1000 TYP MAX Units VDC M Tested for 1 minute and 1mA Max. 1000
OUTPUT SPECIFICATIONS
Item Output Power Line regulation Load regulation Load regulation Load regulation Load regulation Output voltage accuracy Temperature drift Output ripple Noise For Vin change of 1% 10% to 100% load (3.3V, 5V output) 10% to 100% load (9V output) 10% to 100% load (12V output) 10% to 100% load (15V output) See tolerance envelope graph 100% full load 20MHz Bandwidth 20MHz Bandwidth 75 150 0.03 150 250 %/C mVp-p mVp-p 12.8 8.3 6.8 6.3 Test Condition MIN 0.2 TYP MAX 2 1.2 15 15 15 15 Units W % % % % %
FEATURES
Efficiency: To 85% Temperature Range: -40C to +85C Isolation: 1KVDC Package: UL94-V0 Miscellaneous: SMD Package Style. Single Output Voltage. High Power Density. Industry Standard Pinout. No Heatsink Required. No External Components Required. Custom Service Available. Samples available.
Switching frequency Full load, nominal input 70 KHz Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
TYPICAL CHARACTERISTICS CHARACTERISTICS
Short Circuit Protection: 1 second Temperature Rise at Full Load: 25C Max. 15C Typ. Cooling: Free air convection Operating Temperature Range: -40C to +85C Storage Temperature Range: -55C to +125C Lead Temperature: 260C Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >3,500,000 hours Miscellaneous: RoHS Compliant.
Ambient Temperature ( C )
08.13.07
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DC/DC Converters
ctparts.com
CTDD1712MF-SU1K-2 Series
Fixed Input Isolated & Unregulated 2W Single Output OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
6.00
5.75
2.75
A
2.54 0.1
0 .6 0 .0 5
1.27
14 1312 17.78 0. 25
10 9 8
Figure A
0.50 5.00 MAX
12.7
123 567 15.24 17.78
1.30 0.13
Note: All Pins on a 2.54mm pitch; All Pin Widths are 0.60 mm; Tolerances:0.15mm Unit: mm
PIN CONNECTIONS
14 1312 10 9 8
Pin 1 Function GND
123 567
2 Vin
3 NC
5 NC
6 0V
8 7 + Vo N C
0.2 5
0.25
9 NC
10 NC
12 13 NC NC
14 NC
08.13.07
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDD1712MF-0505-SU1K-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X