![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOV Modules CS800-Series 20mm MOV Assemblies MAXIMUM RATINGS P/N MOVS PER ASSY CONTINUUOUS AC LINE VOLTAGE VOLTS ENERGY (10 x 1000s) TRANSIENT PEAK MAXIMUM CURRENT POWER (8 x 20 s) DISSIPATION RATING (Pm) AMP Pm - WATTS ELECTRICAL CHARACTERISTICS MAXIMUM VARISTOR CLAMPING TYPICAL VOLTAGE VOLTAGE @ CAPACI(@ 1 mA DC) TEST TANCE CURRENT (@ 1 kHz) (8 x 20 s) MIN MAX VOLTS VOLTS VOLTS AMP pF JOULES CS811 1 120 65 6500 1.0 170 207 320 100 2500 CS821 1 240 130 6500 1.0 354 432 650 100 920 CS831 3 240 130 6500 1.0 354 432 650 100 920 CS841 3 480 180 6500 1.0 679 829 1240 100 800 CS851 3 575 220 6500 1.0 621 1002 1500 100 670 CS861 4 240 130 6500 2.0 340 414 640 100 1250 CS871 4 480 260 6500 2.0 708 864 1300 100 460 CS881 4 575 300 6500 2.0 850 1036 1580 100 365 Note: Values shown above represent typical line-to-line or line-to-ground characteristics based on the ratings of the original MOVs. Values may differ slightly depending upon actual Manufacturer Specifications of MOVs installed in modules. Modules are manufactured utilizing UL-Listed and Recognized Components. Consult factory for CSA information. P.O. Box 700968 Dallas, TX 75370 MOV MODULES PART NUMBER GUIDE CS8 X X X X HVPSI MOV MODULE SUPPLY VOLTAGE 1 - 1o, 1 MOV, 120V 2 - 1o, 1 MOV, 240V 3 - 3o, 3 MOV, 240V 4 - 3o, 3 MOV, 480V 5 - 3o, 3 MOV, 575V 6 - 3o, 4 MOV, 240V 7 - 3o, 4 MOV, 480V 8 - 3o, 4 MOV, 575V TERMINATION 1 - 12" WIRE LEAD 2 - THREADED POST 3 - 1/4" MALE QUICK DISC. 4 - SCREW TERMINAL MOV DIA. 1 - 20mm 2 - 14mm 3 - 10mm 4 - 7mm CASE A - SINGLE FOOT B - DOUBLE FOOT C - CENTER MOUNT D - DEEP CASE E - SMALL DOUBLE FOOT 972-248-7691 www.hvpowersystems.com Rev 1, May 2002 MOV Modules CS800-Series MECHANICAL DIMENSIONS A Package B Package C Package D Package E Package Dimensions in Inches. Standard line wires are 12" 18 AWG white wires. Standard ground wire is 12" 18 AWG green wire. |
Price & Availability of CS872D1
![]() |