Part Number Hot Search : 
20M22X MA80620H VF040 2SC3451N IN1232 SM3P2 IRG4P F7476
Product Description
Full Text Search
 

To Download CPC150DFC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPC / CPCL Series C-grade
Precision compensated pressure sensors / mV-output
FEATURES * 0...4 "H2O to 0...150 psi gage or differential, 0...15 to 0...150 psi absolute * Precision temperature compensated * Calibrated offset and span * Voltage excitation * Excellent long term stability SERVICE
Non-corrosive, non-ionic working fluids such as clean dry air, dry gases and the like. The media wetted materials are: port 1: - front side of silicon sensor chip - glass filled nylon - RTV - silgel (for devices of 5 psi and above) - ceramic (Al2O3) port 2: - silicon sensor chip - glass filled nylon - RTV - ceramic (Al2O3)
EQUIVALENT CIRCUIT
+Vs 3
ELECTRICAL CONNECTION
-Vout 4
+Vout 2
1 -Vs
Pin 1: -Vs Pin 2: +Vout Pin 3: +Vs Pin 4: -Vout
June 2008 / 613
1/6
www.sensortechnics.com
CPC / CPCL Series C-grade
Precision compensated pressure sensors / mV-output
SPECIFICATIONS
Maximum ratings (for all devices)
Supply voltage VS Lead temperature (soldering 5 seconds) Common mode pressure 3 to 16 V 315 C 50 psig
Environmental specifications (for all devices)
Temperature range Compensated Operating Storage Humidity limits (non-condensing)
0 to 70 C -25 to 85 C -40 to 125 C 0 to 95 %RH
PRESSURE SENSOR CHARACTERISTICS
VS = 12 V, TA = 25C, pressure applied to port P1
Part no.
CPCL04... CPCL10... CPC0.3... CPC01... CPC05... CPC15... CPC30... CPC60... CPC100... CPC150...
Operating pressure
4 "H2O 10 "H2O 0.3 psi 1 p si 5 p si 1 5 p si 3 0 p si 6 0 p si 1 0 0 p si 1 5 0 p si
Proof pressure1
3 p si 3 p si 3 p si 3 p si 1 5 p si 4 5 p si 9 0 p si 1 8 0 p si 2 5 0 p si 2 5 0 p si
Burst pressure2
5 p si 5 p si 5 p si 5 p si 2 5 p si 7 5 p si 1 5 0 p si 3 0 0 p si 4 0 0 p si 4 0 0 p si
Full scale span3 Min.
23 mV 19 mV 19 mV 17 mV 57 mV 85 mV 85 mV 85 mV 95 mV 85 mV
Typ.
25 mV 20 mV 20 mV 18 mV 60 mV 90 mV 90 mV 90 mV 100 mV 90 mV
Max.
27 mV 21 mV 21 mV 19 mV 63 mV 95 mV 95 mV 95 mV 105 mV 95 mV
2/6
June 2008 / 613
www.sensortechnics.com
CPC / CPCL Series C-grade
Precision compensated pressure sensors / mV-output
PERFORMANCE CHARACTERISTICS
VS = 12 V, TA = 25C, pressure applied to port P1
Characteristics
Zero pressure offset Combined non-linearity and hysteresis4 Temperature effects (0 to 70C)5 Span Offset Input resistance Output resistance Response time (10 to 90 %FSS) CPCL... CPC... Common mode voltage6
Min.
-1.0
Typ.
0 0.25
Max.
+1.0 1.0
Unit
mV %FSS
2.0 1.0 5 k 3 500 s 100 6 V mV
Notes
1 2 3
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters of the sensing element. Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from the housing. Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. The span is ratiometric to the supply voltage. Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and 1/2 full-scale pressure. Shift is relative to 25C. The CPCL04... has a compensated temperature range from 0 to 50C. This is the common-mode voltage of the output arms (pins 2 and 4) for VS = 12 V.
4 5 6
June 2008 / 613
3/6
www.sensortechnics.com
CPC / CPCL Series C-grade
Precision compensated pressure sensors / mV-output
OUTLINE DRAWING
Package version G and A (no port)
9.9 (0.39) 8.9 (0.35) 7.6 (0.30) 4.1 (0.16) 9.9 (0.39) 2.8 (0.11) 0.6 (0.03)
P1
Vent hole (P2) (G version only)
5.8 7.4 (0.23) (0.29) 6.1 (0.24)
15.5 (0.61)
1.1 (0.04)
DIA 0.8 (0.03)
1234
2.5 (0.10) 0.5 (0.02) 0.3 (0.01)
mass: approx. 2 g
dimensions in mm (inches)
Package version GF and AF
9.9 (0.39) 8.9 (0.35) 7.6 (0.30) 4.1 (0.16) 9.9 (0.39) 10.4 (0.41) 2.8 (0.11)
P1
0.6 (0.03)
Vent hole (P2) (GF version only)
5.8 7.4 (0.23) (0.29) 6.1 (0.24) DIA 3.8 (0.15)
15.5 (0.61)
1.1 (0.04)
DIA 2.0 (0.08) DIA 4.8 (0.19)
1234
2.5 (0.10) 0.5 (0.02) 0.3 (0.01)
mass: approx. 2 g
dimensions in mm (inches)
4/6
June 2008 / 613
www.sensortechnics.com
CPC / CPCL Series C-grade
Precision compensated pressure sensors / mV-output
OUTLINE DRAWING
Package version D
9.9 (0.39) 8.9 (0.35) 7.6 (0.30) 2.5 (0.10) 2.5 (0.10) 0.5 (0.02) 4.1 (0.16) 9.9 (0.39)
P1
Vent hole (P2)
5.8 (0.23) 7.4 (0.29) 6.1 (0.24)
15.5 (0.61)
1.1 (0.04)
DIA 0.8 (0.03)
1234
2.5 (0.10) 0.5 (0.02) 0.3 (0.01)
mass: approx. 2 g
dimensions in mm (inches)
Package version DF
9.9 (0.39) 8.9 (0.35) 7.6 (0.30) 4.1 (0.16) 9.9 (0.39) 10,4 (0.41)
19.8 (0.78)
2.8 (0.11)
P1
0.6 (0.03)
Vent (P2)
5.8 (0.23) 7.4 (0.29) 6.1 (0.24) DIA 3.8 (0.15) 1.1 (0.04) DIA 2.0 (0.08) DIA 4.8 (0.19)
15.5 (0.61)
1234
2.5 (0.10) 0.5 (0.02) 0.3 (0.01)
mass: approx. 2 g
dimensions in mm (inches)
June 2008 / 613
5/6
www.sensortechnics.com
CPC / CPCL Series C-grade
Precision compensated pressure sensors / mV-output
ORDERING INFORMATION
Absolute devices Pressure range No port (A) Axial port (AF) Gage devices No port (G) CPCL04GC ---7 CPC0.3GC ---7 CPC05GC C P C 15A C C P C 30A C ---7 ---7 ---7 C P C 15A F C C P C 30A F C C P C 60A F C C P C 100A F C ---7 ---7 ---7 ---7 CPC100GC ---7 Axial port (GF) CPCL04GFC CPCL10GFC CPC0.3GFC CPC01GFC CPC05GFC CPC15GFC ---7 ---7 CPC100GFC CPC150GFC Differential devices No port (D) C P C L04D C ---7 ---7 ---7 ---7 ---7 ---7 ---7 ---7 ---7 Axial port (DF) C P C L04D F C C P C L10D F C ---7 C P C 01D F C C P C 05D F C C P C 15D F C ---7 C P C 60D F C ---7 C P C 150D F C
4 "H2O 10 "H2O 0.3 psi 1 p si 5 p si 1 5 p si 3 0 p si 6 0 p si 1 0 0 p si 1 5 0 p si
Note
7
THESE DEVICES ARE AVAILABLE ON SPECIAL REQUEST. MINIMUM ORDER QUANTITY APPLIES.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
6/6
June 2008 / 613
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of CPC150DFC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X