![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CERAMIC CORE WIREWOUND CHIP INDUCTORS RESISTORS CAPACITORS COILS DELAY LINES CI SERIES RoHS Term.W is RoHS compliant & 260C process compatible W H T L Inch [mm] Industry's widest range! 1nH to 10uH, 1%-10%, 0402-1008 sizes Non-magnetic ceramic-core design for HF operation Customized versions available with non-standard values, increased Q & SRF, marking of induc. value, etc. Ferrite core available for expanded inductance range & low DCR (Opt.F) INDUC. VALUE 1nH 2nH 2.2nH 3.3nH 3.9nH 5.6nH 6.8nH 7.5nH 8.2nH 10nH 12nH 15nH 18nH 19nH 22nH 23nH 27nH 33nH 36nH 39nH 47nH 56nH 68nH 82nH .1uH .12uH .15uH .18uH .22uH .27uH .33uH .39uH .47uH .56uH .68uH .75uH .82uH 1uH 1.2uH 1.5uH 1.8uH 2.2uH 2.7uH 3.3uH 3.9uH 4.7uH 5.6uH 6.8uH 8.2uH 8.2uH* 10uH* RCD Type CI0402 CI0603 CI0805 CI1008 L .01 [.25] .044 [1.12] .060 [1.5] .080 [2.0] .105 [2.67] W.01[.254] .024 [.6] .035 [.89] .058 [1.47] .090 [2.29] H Max. .028 [.7] .040 [1] .060 [1.52] .090 [2.29] T.006[.15] .012 [.3] .013 [.33] .020 [.5] .022 [.55] CI0402 Q Te st Fre q (min) MHz 16 250 16 250 19 250 19 250 19 250 20 250 22 22 24 24 24 24 24 24 250 250 250 250 250 250 250 250 SRF, MHz 6000 6000 6000 6000 5800 5800 5800 4400 3600 3280 3040 2720 2480 2320 DCR , Rate d DC max Curre nt(mA) .045 1360 .07 1040 .07 960 .066 840 .066 840 .083 760 .104 .104 .12 .172 .202 .214 .298 .403 680 680 640 560 480 35 400 400 320 35 35 35 35 35 35 35 28 25 25 25 25 25 250 200 200 200 150 150 150 150 100 100 100 100 100 35 35 250 250 250 30 30 30 30 250 250 250 250 CI0603 Q Te st Fre q SRF, DCR , Rate d DC (min) MHz MHz max Curre nt(mA) CI0805 Q Te st Fre q SRF, DCR , Rate d DC (min) MHz MHz max Curre nt(mA) CI1008 Q Te st Fre q SRF, DCR , Rate d DC (min) MHz MHz max Curre nt(mA) 40 30 20 25 250 250 >6G 5800 .08 .11 700 700 50 1500 1500 >6G >6G .05 .08 600 600 1000 5000 .11 600 4800 4000 4000 3200 3000 2800 2300 2200 2100 2000 1850 1700 1500 1350 1200 1100 1000 860 600 460 .13 .13 .17 .17 .19 .22 .22 .25 .28 .31 .34 .54 .71 .79 .92 1.25 1.50 1.80 2.00 2.10 700 700 700 700 700 600 600 600 600 600 600 400 400 300 280 240 200 170 150 120 50 50 50 50 55 60 60 60 60 60 60 60 60 50 50 50 45 40 40 35 33 23 23 23 23 20 1000 500 500 500 500 500 500 500 500 500 500 500 500 250 250 250 250 250 250 250 100 50 50 50 50 50 4800 4100 3900 3300 2600 2500 2200 2100 1750 1650 1500 1400 1200 1200 1000 950 850 680 660 560 430 350 300 280 250 200 .19 .15 .17 .20 .22 .25 .27 .29 .31 .32 .38 .42 .46 .51 .56 .64 .70 1.0 1.4 1.5 1.7 1.9 2.0 2.1 2.3 2.5 600 600 600 600 500 500 500 500 500 500 500 400 400 400 400 400 400 350 310 290 250 230 190 180 180 150 55 65 55 60 60 60 70 70 70 70 65 65 60 60 50 50 50 50 50 50 50 50 50 45 45 35 35 28 28 28 22 22 20 20 20 20 20 37 38 50 50 50 50 50 50 50 50 50 50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 4100 3400 2600 2600 2400 1700 1700 1600 1600 1400 1200 1000 1000 1000 850 800 700 700 600 500 500 450 375 360 350 290 250 200 160 160 140 110 100 90 80 70 60 65 60 .08 .09 .13 .11 .12 .13 .14 .15 .16 .18 .21 .22 .56 .63 .62 .70 .80 .91 1.05 1.12 1.19 1.33 1.47 1.54 1.61 1.75 2.0 2.3 2.6 2.8 3.2 3.4 3.6 4.0 5.7 7.7 10.7 2.6 2.9 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 650 650 580 620 500 500 450 470 470 400 400 360 400 370 310 330 300 280 290 290 260 260 240 200 150 220 210 * Option `F' Ferrite Core Design SPECIFICATIONS Temperature Range T.C. of Inductance Thermal Shock Dielectric Strength -40C to +125C +100ppm/C typ. MIL-STD-202, M. 107 50V DC Min. P/N DESIGNATION: CI1008 - 101 - K T W DESIGN NOTE: A method to achieve a higher self-resonant frequency is to use two inductors in series (each to be half of the required value). RCD Type Option Codes: F= ferrite core (leave blank if std) Induc. Code (uH): 2 signif. figures and multiplier R01=10nH (.01uH), R10=100nH (.1uH), 1R0=1uH. Values below 10nH (.01uH) use `N' to indicate nH 1N0=1nH, 4N7=4.7nH, etc. Tolerance: F= 1%, G= 2%, J= 5%, K= 10% Packaging: B = Bulk, T = Tape & Reel Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable) RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com FA083A Sale of this product is in accordance with GF-061. Specifications subject to change without notice. 93 |
Price & Availability of CI1008-1N0-FB
![]() |