Part Number Hot Search : 
C2800 AGRF700 MMSTA92 EX24064 CS5335 BZT03C20 KS0040 KS0040
Product Description
Full Text Search
 

To Download CHUMB1PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT Dual Digital Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHUMB1PT
CURRENT 100 mAmpere
FEATURE
* Small surface mounting type. (SC-88/SOT-363) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Two CHDTA124E chips in a package. Built in bias resistor(R1=22k, Typ. )
(1) (6)
SC-88/SOT-363
1.2~1.4
0.65 0.65
2.0~2.2
(4) 0.15~0.35 (3) 1.15~1.35
0.08~0.15 0.1 Min.
0.8~1.1 0~0.1 2.15~2.45
CIRCUIT
6 R1 R2
4
R2 1
R1 3
Dimensions in millimeters
SC-88/SOT-363
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCC VIN IO PTOT TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2004-03
PARAMETER Supply voltage Input voltage DC Output current Total power dissipation Storage temperature Junction temperature Thermal resistance
CONDITIONS -
MIN.
MAX. -50 +10 -100 150 +150 150 140 V V
UNIT
-40 - Tamb 25 C, Note 1
O
mA mW
O
- -55 -
C C C/W
O
junction - soldering point
-
O
RATING CHARACTERISTIC ( CHUMB1PT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL VIoff) VI(on) VO(on) II IC(off) hFE R1 R2/R1 fT PARAMETER Input off voltage Input on voltage Output voltage Input current Output current DC current gain Input resistor Resistor ratio Transition frequency IC=-5mA, VCE=-10.0V f =100MHz CONDITIONS IO=-100uA; VCC=-5.0V IO=-5mA; VO=-0.2V IO=-10mA; II=-0.5mA VI=-5V VI=0V; VCC=-50V IO=-5mA; VO=-5.0V - - - - 56 15.4 0.8 - MIN. -0.5 - - -0.1 - - - 22.0 1.0 250 TYP. MAX. - -3.0 -0.3 -0.36 -0.5 - 28.6 1.2 - K MHz V V V mA uA UNIT
Note 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHUMB1PT )
Typical Electrical Characteristics
Fig.1 Input voltage vs. output current (ON characteristics)
-100 -50 VO=- 0.3V
Fig.2 Output current vs. input voltage (OFF characteristics)
-10m VCC =- 5V -5m
OUTPUT CURRENT : Io (A)
INPUT VOLTAGE : VI(on) (V)
-2m -1m -500 -200 -100 -50 -20 -10 -5 -2 -1 -0
-20 -10 -5 -2 -1 -500m -200m -100m -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m
Ta =- 40OC 25OC = 100OC
Ta=100OC 25OC -40 OC
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
OUTPUT CURRENT : IO (A)
INPUT VOLTAGE : VI(off) (V)
Fig.3 DC current gain vs. output current
1k 500
DC CURRENT GAIN : GI
Fig.4 Output voltage vs. output current
-1 -500m
OUTPUT VOLTAGE : VO(on) (V)
VO =- 5V Ta=100OC 25OC -40OC
lO/lI=20
Ta=100OC 25OC -40 OC
200 100 50 20 10 5 2
-200m -100m -50m -20m -10m -5m -2m
1 -100 -200
-500 -1m
-2m
-5m -10m -20m -50m -100m
-1m -100 -200
-500 -1m -2m
-5m -10m -20m -50m -100m
OUTPUT CURRENT : IO (A)
OUTPUT CURRENT : IO (A)


▲Up To Search▲   

 
Price & Availability of CHUMB1PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X