Part Number Hot Search : 
20TG6N UCC28051 SKIIP ATC14 TLC52 K070600E 0103NA BFC41
Product Description
Full Text Search
 

To Download CHP2-100-1000-C-13-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Metal GlazeTM Cylindrical Surface Mount Power Resistors
CHP Series
* * * * * Up to 2 watts Up to 1000 volts 0.2 ohm to 2.2 megohm range RoHS-compliant version available 150C maximum operating temperature
Solder over nickel barrier Metal GlazeTM thick film element fired at 1000C to solid ceramic substrate
High temperature dielectric coating
Electrical Data
IRC Type Industry Footprint Size Code1 Maximum Power Rating Working Voltage Maximum Voltage Resistance Range (ohms) 0.1 to 0.99 CHP 1/8 1206 B&C 1/4W @ 70C 200 400 1.0 to 1.0 M 20 to 348K CHP 1/2 2010 D&E 1/2W @ 70C 300 600 0.1 to 0.99 1.0 to 348K 0.1 to 0.99 CHP 1 2512 F 1W @ 70C 350 700 1.0 to 2.21M 20 to 348K CHP 2 3610 H 2W @ 25C 1.33W @ 70C 0.2 to 0.99 500 1000 1.0 to 2.21M
Not to exceed P x R
Product Category Low Range Standard Tight Tolerance Low Range Standard Low Range Standard Tight Tolerance Low Range Standard
Tolerance (%) 1, 2, 5 1, 2, 5 0.25, 0.5 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 0.25, 0.5 1, 2, 5 1, 2, 5
TCR (ppm/C) 100 50, 100 50, 100 100 50, 100 100 50, 100 50, 100 100 50, 100
See page 8 for product dimensions, recommended solder pads, and standard packaging.
Consult factory for tighter TCR, tolerance, or resistance values.
Environmental Data
Characteristics Temperature Coefficient Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Resistance to Bonding Exposure Solderability Moisture Resistance Life Test Terminal Adhesion Strength Maximum Change As specified 0.5% + 0.01 ohm 0.25% + 0.01 ohm 0.5% + 0.01 ohm 1% for R>100K ohm 0.5% + 0.01 ohm 0.25% + 0.01 ohm 95% minimum coverage 0.5% + 0.01 ohm 0.5% + 0.01 ohm 1% + 0.01 ohm no mechanical damage 1% + 0.01 ohm no mechanical damage
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc CHP Series Issue July 2009 Sheet 1 of 3
Test Method MIL-R-55342E Par 4.7.9 (-55C + 125C) MIL-R-55342E Par 4.7.3 (-65C + 150C, 5 cycles) MIL-R-55342E Par 4.7.4 (-65C @ working voltage) MIL-R-55342E Par 4.7.5 2.5 x for 5 seconds MIL-R-55342E Par 4.7.6 (-150C for 100 hours) MIL-R-55342E Par 4.7.7 (Reflow soldered to board at 260C for 10 seconds) MIL-STD-202, Method 208 (245C for 5 seconds) MIL-R-55342E Par 4.7.8 (10 cycles, total 240 hours) MIL-R-55342E Par 4.7.10 (2000 hours at 70C intermittent) 1200 gram push from underside of mounted cchip for 60 seconds Chip mounted in center of 90mm long board, deflected 1mm so as to exert pull on chip contacts for 5 seconds
(c) IRC Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
Metal GlazeTM Cylindrical Surface Mount Power Resistors
Physical Data
L C
W
IRC Type CHP 1/8 MRC 1/2 CHP 1/2 MRC 1 CHP 1 CHP 2
Size Code B C D E F H
Industry Footprint 1206 1206 2010 2010 2512 3610
Dimensions (Inches and (mm)) Actual Size L 0.128 0.007 (3.25 0.18) 0.128 0.007 (3.25 0.18) 0.200 0.010 (5.08 0.25) 0.200 0.010 (5.08 0.25) 0.251 0.010 (6.38 0.25) 0.367 0.010 (9.32 0.25) W 0.057 0.006 (1.45 0.15) 0.063 0.010 (1.60 0.25) 0.079 0.006 (2.01 0.15) 0.105 0.006 (2.67 0.15) 0.079 0.006 (2.01 0.15) 0.105 0.006 (2.67 0.15) C 0.020 0.010 (0.51 0.25) 0.020 0.010 (0.51 0.25) 0.030 0.010 (0.761 0.25) 0.040 0.015 (1.02 0.38) 0.040 0.010 (1.02 0.25) 0.050 0.010 (1.27 0.25)
Recommended Solder Pad Dimensions (Reflow):
F A C A
B
E
D
Size Code B&C D E F H
Industry Footprint 1206 2010 2010 2512 3610
Dimensions (Inches and mm)) A 0.076 (1.93) 0.111 (2.82) 0.170 (4.32) 0.121 (3.07) 0.170 (4.32) B 0.093 (2.36) 0.126 (3.20) 0.160 (4.06) 0.126 (3.20) 0.160 (4.06) C 0.058 (1.47) 0.096 (2.44) 0.072 (1.83) 0.127 (3.23) 0.213 (5.41) D 0.098 (2.49) 0.152 (3.86) 0.132 (3.35) 0.183 (4.65) 0.273 (6.93) E 0.032 (0.81) 0.040 (1.02) 0.044 (1.12) 0.040 (1.02) 0.044 (1.12) F 0.211 (5.36) 0.318 (8.08) 0.412 (10.46) 0.369 (9.37) 0.553 (14.05)
(c) IRC Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com CHP Series Issue July 2009 Sheet 2 of 3
Metal GlazeTM Cylindrical Surface Mount Power Resistors
Standard Reel Packaging per EIA-481:
IRC Type CHP 1/8 MRC 1/2 CHP 1/2 MRC 1 CHP 1 CHP 2 Size Code B C D E F H Industry Footprint 1206 2010 Reel Diameter* 7 13 7 13 7 2512 13 3610 13 5,000 max. 1,500 max. 24mm 4mm Quantity Per Reel 2,500 max. 10,000 max. 1,500 max. 5,000 max. 1,500 max. 12mm 4mm Carrier Tape Width 8mm 12mm Component Pitch 4mm 4mm
*The 13 reel is considered standard and will be supplied unless otherwise specified.
Power Derating Curve
100 CHP 1/8, 1/2, 1
Repetitive Surge Curve
1000 CHP 2 CHP 1 100
% of Rated Power
80 60 CHP 2 40 20 0
Peak Power (watts)
CHP 1/8 10
30
40
50 60
70
80
90 100 110 120 130 140 150
1 0.0001
.1msec
Ambient Temperature (C)
0.0010
1msec
0.0100
10msec
0.1000
100msec
1.0000
10000msec
Surge or Pulse Duration (seconds)
Note: Use for repetitive pulses where the average power dissipation is not to exceed the component rating at 70C. Surge handling capacity for low-repetitive surges may be significantly greater than shown above. Contact factory for recommendations.
Ordering Data
Sample Part No. IRC Type
(CHP 1/8, CHP 1/2, CHP 1, or CHP 2)
CHP 1
- 100
2203
F
13
LF
Temperature Coefficient
(50 ppm, 100 ppm)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier) Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503 (Less than 100 ohms - "R" is used to designate decimal) Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
(C = 0.25%, D = 0.5%, F = 1.0%; G = 2.0%; J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Lead Free Construction
(c) IRC Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com CHP Series Issue July 2009 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of CHP2-100-1000-C-13-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X