Part Number Hot Search : 
SEL4414G TS5215CS AP89010 TMP88 NTE6164 BT138 C550B C550B
Product Description
Full Text Search
 

To Download CHC-CD0865A-01-10R0F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ceramic Ball Grid Termination Arrays
CHC Series * Superior TaNFilm(R) resistors on ceramic substrate * High density networks on a reduced footprint * Excellent high frequency performance * Standard tolerances to 1% * RoHS compliant terminations available
High purity alumina substrate Ball grid terminations
IRC's Chipscale on ceramic CHC offers high performance terminal solutions in a small surface mount package. Sn/Pb solder balls placed on a ceramic substrate permit very low parasitic inductance and capacitance. This improves speeds, lowers propagation delays, and reduces ground bounce. IRC's proven tantalum nitride thin film technology can handle the most demanding applications. For all of your high density, small footprint termination needs, use IRC's CHC Termination arrays.
Electrical Data
Package CB0565A Resistance Range () 10R to 4.7K 10R to 10.0K 10R to 2.2K 10R to 4.7K 10R to 4.7K 10R to 10.0K 10R to 2.2K 10R to 4.7K 10R to 4.7K 10R to 10.0K 10R to 2.2K 10R to 4.7K 10R to 4.7K 10R to 10.0K 10R to 2.2K 10R to 4.7K 10R to 4.7K 10R to 10.0K 10R to 2.2K 10R to 4.7K Absolute Tolerances 1%, 2% 5% 1%, 2% 5% 1%, 2% 5% 1%, 2% 5% 1%, 2% 5% 1%, 2% 5% 1%, 2% 5% 1%, 2% 5% 1%, 2% 5% 1%, 2% 5% 100ppm/C 1.2W 100ppm/C 1.2W 100ppm/C 1.6W 0.1W -40C to +85C 100ppm/C 1.2W 100ppm/C 0.6W Absolute TCR Package Power Element Power Rating 70C* Rating 70C* Operating Temperature
CB0565B
CD0865A
CD0865B
CD1065A
CD1065B
CC0910A
CC0910B
CD0910A
CD0910B
*Rated power is from 0C to 70C derated linearly to 0W at 85C.
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc CHC Series Issue April 2009 Sheet 1 of 4
Ceramic Ball Grid Termination Arrays
Return Loss Data (50 Nominal)
Average return loss for 1mm pitched bussed schematic respect to reference pin. Where reference pins are B1 to B9 referring to CC0910B schematic.
0 5 10 15
Magnitude (-dB)
Magnitude (-dB)
Average return loss for 0.65mm pitched bussed schematic for elements away from reference pins. For example: CB0565B, reference pins are A3 or B3
0 5 10 15 20 25 30 35 40 45 50
20 25 30 35 40 45 50
0 5 10 15 20 25 30 35 40
0
2
4
6
8
Frequency (GHz)
Frequency (GHz)
10
12
14
16
18
20
Typical Return Loss For CC0910B-01-50R0-F
Typical Return Loss For CD1065B-01-50R0-F
Eye Diagram Data
Ideal Terminator
IRC CHC-CC0910B-01-50R0-F Terminator
Impedance Response Data
150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 Time, nsec
150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0
zs1
zs1
0.0
0.1
0.2
0.3
0.4
0.5 0.6 0.7 Time, nsec
0.8
0.9
1.0
1.1
1.2
Ideal 50 Terminator Impedance response to 100psec rising edge
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
IRC CHC-CC0910B-01-50R0-F Terminator Impedance response to 100psec rising edge
CHC Series Issue April 2009 Sheet 2 of 4
Ceramic Ball Grid Termination Arrays
Environmental Data
Environmental Test Thermal shock Low temperature operation Short time overload High temperature exposure Effects of solder Moisture resistance Life Specification MIL-PRF-83401 MIL-PRF-83401 MIL-PRF-83401 MIL-PRF-83401 MIL-PRF-83401 MIL-STD-202, Method 206 65C, 45% RH, with bias MIL-PRF-83401 Typical 0.01% 0.01% 0.01% 0.03% 0.01% 0.02% 0.01% Maximum 0.02% 0.05% 0.05% 0.05% 0.05% 0.01% 0.02%
Physical Data and Schematic Diagrams for 1.0mm Pitch Series
A
A
1.00mm 0.25mm
9.00mm 0.15mm
0.64mm 0.05 diameter solder bumps
B C
B C
1.00mm 0.25mm 4.0mm 0.15mm
D
D 1 2 3 4 5 6 7 8 9
1
2
3
4
5
6
7
8
9
1
CD0910A isolated schematic (view from top)
CD0910B bussed schematic (view from top)
2 3 0.50mm 0.25mm
4
5
6
7
8
9
0.63mm 0.1mm 1.27mm 0.16mm
A
A
1.00mm 0.25mm
9.00mm 0.15mm
0.64mm 0.05 diameter solder bumps
B
B
1.00mm 0.25mm
3.0mm 0.15mm
C
C
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2 0.50mm 0.25mm
3
4
5
6
7
8
9
1.27mm 0.16mm
CC0910A isolated schematic (view from top)
CC0910B bussed schematic (view from top)
0.63mm 0.1mm
Note: Contact A1 indicator marked with dot on top of part. Coplanarity between solder bumps 0.06mm.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
CHC Series Issue April 2009 Sheet 3 of 4
Ceramic Ball Grid Termination Arrays
Physical Data and Schematic Diagrams for 0.65mm Pitch Series
A A
0.65mm
B C B C
6.4mm 0.1mm
0.35mm diameter solder bumps
Average return loss for 0.65mm pitched bussed schematic for elements away from reference pins. 0.65mm C For example: CB0565B, reference pins are A3 or B3 C
0 5
D
D
B A 1 2 3 4
B A
2.5mm 0.1mm
D
1 2 3 4 5 6 7 8 9 10
D
1 2 3 4 5 6 7 8 9 10
Magnitude (-dB)
10 15 20 25 30 35 40 45
5
6
7
8
9
10
0.64mm 0.1mm 0.38mm 0.1mm
CD1065A isolated schematic (view from top)
CD1065B bussed schematic (view from top)
0.275mm 0.1mm
A
A
5.1mm 0.1mm 0.65mm
0.35mm diameter solder bumps
B C
B C
50
0
2
D C B
4
6
8
Frequency (GHz)
10
12
14 0.65mm
16
18
2.5mm 0.1mm
20
A
D
D
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
CD0865A isolated schematic (view from top)
CD0865B bussed schematic (view from top)
0.275mm 0.1mm
0.643mm 0.1mm 0.381mm 0.1mm
3.2mm 0.1mm
A
A
B
0.65mm
0.35mm diameter solder bumps 1.2mm 0.1mm
B
B
1 2 3 4 5
A 1 2 3 4 5
0.275mm 0.1mm
0.65mm
CB0565A isolated schematic (view from top)
CB0565B bussed schematic (view from top)
0.64mm 0.1mm 0.38mm 0.1mm
Note: Contact A1 indicator marked with dot on top of part. Coplanarity between solder bumps 0.06mm.
Ordering Data
Prefix
CB0565 = 2 x 5, 0.65mm pitch array CD0865 = 4 x 8, 0.65mm pitch array CD1065 = 4 x 10, 0.65mm pitch array CC0910 = 3 x 9, 1.0mm pitch array CD0910 = 4 x 9, 1.0mm pitch array
CHC - CD0865
A - 01 - 51R1 - J
Model
Schematic
A = Isolated schematic with 60/40 Sn/Pb (0.65mm pitch) or 90/10 Sn/Pb (1.0mm pitch) terminations ALF = Isolated schematic with RoHS compliant terminations B = Bussed schematic with 60/40 Sn/Pb (0.65mm pitch) or 90/10 Sn/Pb (1.0mm pitch) terminations BLF = Bussed schematic with RoHS compliant terminations
Absolute TCR Code
01 = 100ppm/C
Four Digit Resistance Code
Standard resistance values 10R0 = 10; 15R0 = 15; 22R0 = 22; 33R0 = 33; 47R0 = 47; 50R0 = 50; 51R1 = 51.1; 75R0 = 75; 1000 = 100; 1001 = 1.00K; 1002 = 10.0K; 2201 = 2.20K; 4701 = 4.70K
Absolute Tolerance Code
J = 5%; G = 2%; F = 1%
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
CHC Series Issue April 2009 Sheet 4 of 4


▲Up To Search▲   

 
Price & Availability of CHC-CD0865A-01-10R0F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X