Part Number Hot Search : 
CM2038 ATH30T05 4815D ADE7912 039543 UFT2010 FSA266 AON6906A
Product Description
Full Text Search
 

To Download CA24D15-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CA SERIES
25 TO 40 WATTS - CA SERIES
Ultra Wide Input Voltage Range, Low Profile
25 TO 40 WATTS
FEATURES * Ultra-Wide Input Voltage Range (4:1) * LC Input Filter for Low Reflected Ripple Current * Regulated Outputs * Thermal Shutdown with Auto-Recovery * Current Limiting Short Circuit Protection * 500VDC min. I/O Isolation * Industry Standard Package and Pin-Out * Industrial temperature grade also available THE CA SERIES FROM WALL INDUSTRIES
The CA Series of single, dual and triple output DC/DC converters performs over an ultra-wide input voltage range (4:1), providing indefinite short circuit and overvoltage protection. Without a heatsink, the CA Series' design technology allows for up to 40 watts output power from a 3.0 x 3.0 x 0.40" case. These current mode control forward converters are designed for improved transient response and reduced stress on switching components.
SPECIFICATIONS: CA SERIES
All specifications apply @ +25 C ambient unless otherwise Efficiency...........................................................80% typical noted. .............5VDC in................................................75% typical INPUT SPECIFICATIONS Isolation Voltage (input to output)...................500VDC min. Input Voltages......................4.5-9,9-36, 18-75, 55-110VDC Isolation Resistance (input to output)...............500MOhms Nominal Input...........................................5, 24, 48, 74VDC Switching Frequency...................................250kHz(typical) Input Filter......................................................LC input filter Remote On/Off Control........................Open Collector TTL ENVIRONMENTAL SPECIFICATIONS Operating Temperature (ambient).......-25 to 85%C (case) OUTPUT SPECIFICATIONS Storage Temperature.....................................-55 to +100C Output Current......................................................see table Temperature Coefficient.........................0.02% per C max. Voltage Tolerance....................1% primary, 2% auxiliary Humidity (non-condensing).......................20% to 95% R.H. Output Trim (external).........................10% (primary only) Line Regulation...........................................................0.5% PHYSICAL SPECIFICATIONS Load Regulation..........................1% singles (see note 5) Shielding...............................................................Six-sided Weight..........................................................approx. 4.0 oz. Ripple/Noise (20MHz BW)..................................75mV p-p Case Material.......................................Black coated metal, Transient Response............<200u sec to within 1% Vout ...................................................non-conductive base plate Due to advances in technology, specifications subject to change without notice.
11/29/01
GENERAL SPECIFICATIONS
1
603 778 2300
WWW.WALLINDUSTRIES.COM
25 TO 40 WATTS
Input Voltage (VDC)
4.5-9
CA SERIES
Model Number
Output Voltage (VDC)
3.3 5 12 15 18 5 12 15 3.3 5 12 15 18 12 15 +5/12 +5/15
Output Over Voltage Current Set-Point (Amps) (VDC)
7.58 5.0 2.0 1.6 1.38 2.5 1.04 .83 7.58 5.0 8.0 2.0 3.3 1.6 2.66 1.38 2.22 1.25 1.66 1.0 1.33 4.0/0.42 4.0/0.33 7.58 5.0 8.0 2.0 3.3 1.6 2.66 1.38 2.22 1.25 1.66 1.0 1.33 4.0/0.42 4.0/0.33 7.58 5.0 8.0 2.0 3.3 1.6 2.66 1.38 2.22 1.25 1.66 1.0 1.33 4.0/0.42 4.0/0.33 5.1 6.2 15 18 21 6.2 15 18 5.1 6.2 6.2 15 15 18 18 21 21 15 15 18 18 6.2/15 6.2/18 5.1 6.2 6.2 15 15 18 18 21 21 15 15 18 18 6.2/15 6.2/18 5.1 6.2 6.2 15 15 18 18 21 21 15 15 18 18 6.2/15 6.2/18
PIN CONNECTIONS
CA5S3.3-25 CA5S5-25 CA5S12-25 CA5S15-25 CA5S18-25 CA5D5-25 CA5D12-25 CA5D15-25 CA24S3.3-25 CA24S5-25 CA24S5-40 CA24S12-25 CA24S12-40 CA24S15-25 CA24S15-40 CA24S18-25 CA24S18-40 CA24D12-30 CA24D12-40 CA24D15-30 CA24D15-40 CA24T12-30 CA24T15-30 CA48S3.3-25 CA48S5-25 CA48S5-40 CA48S12-25 CA48S12-40 CA48S15-25 CA48S15-40 CA48S18-25 CA48S18-40 CA48D12-30 CA48D12-40 CA48D15-30 CA48D15-40 CA48T12-30 CA48T15-30 CA74S3.3-25 CA74S5-25 CA74S5-40 CA74S12-25 CA74S12-40 CA74S15-25 CA74S15-40 CA74S18-25 CA74S18-40 CA74D12-30 CA74D12-40 CA74D15-30 CA74D15-40 CA74T12-30 CA74T15-30
Singles 1 2 3 4 5 6 7 8 9 10 Remote Case + Vin - Vin No pin N/C N/C Common +Vout Trim
Duals Remote Case +Vin -Vin No pin -Vout Common Common +Vout Trim
Triples Remote Case +Vin -Vin No pin Aux. -Vout Aux. +Vout Common +5Vout Trim
Alternate Pin-Out A
-Vin +Vin No pin
9-36
NOTES:
1. All case and pin to case dimensions reference only unless otherwise noted. 2. PC pins 0.04" dia x 0.18" long min.; typical nine places. 3. Pin to pin tolerance 0.01". Pin dimension tolerance 0.005" 4. Duals: 25 - 100% load: 1% and 0-100% load: 5%. Triples: 10% min load required on primary output, 1%. 5. Significant capacitive load may inhibit start-up and operation, consult factory. 6. For Industrial Temp add suffix "I".
18-75
3.3 5 12 15 18 12 15 +5/12 +5/15
55-110
3.3 5 12 15 18 12 15 +5/12 +5/15
11/29/01
WWW.WALLINDUSTRIES.COM
603 778 2300
2
CA SERIES
25 TO 40 WATTS
11/29/01
3
603 778 2300
WWW.WALLINDUSTRIES.COM


▲Up To Search▲   

 
Price & Availability of CA24D15-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X