Part Number Hot Search : 
LUG01D 5R105 092316 HV2901 S6512 TA114T 74HCT 25C80
Product Description
Full Text Search
 

To Download BSDX0811BARO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSDX Series
Signal conditioned high precision pressure transducers
FEATURES * 0...25 mbar to 0...5 bar, 0...10 mbar to 0...1 bar, barometric range 800...1100 mbar * Absolute, gage or differential pressure * 0.5 to 4.5 V ratiometric output * Precision ASIC conditioning * Temperature compensated * Total accuracy 0.5 to 1.0 %FSS
SPECIFICATIONS
Maximum ratings
ELECTRICAL CONNECTION
N/C
Supply voltage VS Output current Sink Source Lead temperature (2 - 4 sec.) Temperature ranges Compensated Operating Storage Vibration Shock
4.75 V to 5.25 VDC max. 6.50 VDC
567 1
+Vs
2 mA 2 mA 250C 0 to +85 C -20 to +105 C -40 to +125 C 10 g at 20 - 2000 Hz 100 g for 11 ms
BSDX 2
Vout 15 nF
220 nF
3 84
GND
N/C
Note:
Capacitor 220 nF required between +Vs and GND and 15 nF between Vout and GND. It is important to place the capacitors as close to the pins as possible! Pins 4, 5, 6, 7 and 8 are internal device connections and should not be connected for any reason!
Caution! The sensor is not reverse polarity protected.
Incorrect applications of excitation voltage or ground to the wrong pin can cause electrical failure. Application of supply voltage above the maximum can cause electrical failure.
February 2009 / 631
1/5
www.sensortechnics.com
BSDX Series
Signal conditioned high precision pressure transducers
PRESSURE RANGES SPECIFICATIONS
(VS = 5.0 VDC, TA = 25C)
Part number
BSDX0811BARO B S D X 1000A 2R B S D X 2000A 2R B S D X 5000A 2R B S D X 0025D 4R BSDX0050G2R / D4R BSDX0100G2R / D4R BSDX0250G2R / D4R BSDX0500G2R / D4R BSDX1000G2R / D4R BSDX2000G2R / D4R BSDX5000G2R / D4R B S D X 0010D 4D B S D X 0025D 4D B S D X 0050D 4D B S D X 0100D 4D B S D X 0250D 4D B S D X 0500D 4D B S D X 1000D 4D
Pressure range
800 to 1100 0 to 1 0 to 2 0 to 5 0 to 25 0 to 50 0 to 100 0 to 250 0 to 500 0 to 1 0 to 2 0 to 5 0 to 10 0 to 25 0 to 50 0 to 100 0 to 250 0 to 500 0 to 1 bar(d) mbar (d) bar (g,d) mbar (g,d) bar (a) mbar(a)
Burst pressure1
2 2 4 10 0.2 0.35 0.35 1 1 2 4 10 0.2 0.2 0.35 0.35 1 1 2 bar (d) bar (g,d) bar (a)
Sensitivity (typ.)
13.3 4.0 2 0.8 160 80 40 16 8 4 2 0.8 200 80 40 20 8 4 2 V/bar
Specification notes:
1. If maximum burst pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die may fracture. 2. Full Scale Span (FSS) is the algebraic difference between the output signal for the highest and lowest specified pressure. Span is ratiometric to the supply voltage. 3. Total accuracy is the combined error from offset and span calibration, linearity, pressure hysteresis, and temperature effects. Linearity is the measured deviation based on a straight line. Hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing pressure. Calibration errors include the deviation of offset and full scale from nominal values. 4. Delay time between sampling and signal change at the output. 5. The smallest change in the output voltage, given any change in pressure.
February 2009 / 631
2/5
www.sensortechnics.com
BSDX Series
Signal conditioned high precision pressure transducers
PERFORMANCE CHARACTERISTICS
0.5 to 4.5 ratiometric output (VS = 5.0 VDC, TA = 25C) All BSDX...R and BSDX0811BARO
Characteristics
Offset at lowest specified pressure BSDX0025... BSDX0050... BSDX0811BARO all others BSDX0025... BSDX0050... BSDX0811BARO all others BSDX0025... BSDX0050... BSDX0811BARO all others
Min.
0.46 0.48
Typ.
0.50 0.50 4.00
Max.
0.54 0.52
Units
Full scale span (FSS) Full scale output
2
V 4.54 4.52 1.0 0.5
4.46 4.48
4.50 4.50
Total accuracy (0 to 85C)3
%FSS
Sample rate Response delay
4
100 2.73 BSDX0811BARO all others 5 2 6 14.11
Hz ms mV mA
Quantization step5 Current consumption
All BSDX...D4D
Characteristics
Zero pressure offset BSDX0010... BSDX0025... BSDX0050... all others
2
Min.
2.46 2.48
Typ.
2.50 2.50 4.00
Max.
2.54 2.52
Units
Full scale span (FSS) Output at max. specified pressure BSDX0010... BSDX0025... BSDX0050... all others at min. specified pressure BSDX0010... BSDX0025... BSDX0050... all others BSDX0010... Total accuracy (0 to 85C)3 BSDX0025... BSDX0050... all others Sample rate Response delay
4 5
4.46 4.48 0.46 0.48
4.50 4.50 0.50 0.50
4.54 4.52 0.54 0.52 1.0 0.5
V
%FSS
100 2.73 2 6 14.11
Hz ms mV mA
3/5
Quantization step
Current consumption
February 2009 / 631
www.sensortechnics.com
BSDX Series
Signal conditioned high precision pressure transducers
PHYSICAL DIMENSIONS
D4 package
1.27 typ (0.050 typ) 16.89 (0.665)
7.87 typ (0.310 typ) 13.97 (0.550) 3.63 (0.143) 8.13 8.89 (0.350) (0.320) 1.78 (0.070) 16.64 0.64 (0.655 0.025) 2.29 (0.090)
High pressure port Low pressure port
3.38 (0.133) 8.26 typ (.325 typ)
0.51 typ (0.02 typ) 2.54 typ (0.100 typ) 4.5 (0.177)
G2 package
6.99 (0.275) 3.15 (0.124) 1.27 typ (0.050 typ) 13.97 (0.550) 2 typ 16.89 (0.665)
4.9 (0.193) 2.29 typ (0.090 typ) 2.79 typ (0.11 typ)
1.19 typ (0.047 typ)
8.89 5.08 (0.350) (0.200) 16.64 0.64 (0.655 0.025)
0.51 typ (0.02 typ) 4.5 (0.177) 2.54 typ (0.100 typ)
A2 package
1.27 typ (0.050 typ) 13.97 (0.550) 2.29 typ (0.090 typ) 8.0 typ (0.315 typ) 8.89 (0.350) 0.51 typ (0.02 typ) 2.54 typ (0.100 typ) 16.89 (0.665) 8.46 (0.333)
16.64 0.64 (0.655 0.025)
4.5 (0.177)
third angle projection
dimensions in mm (inches)
February 2009 / 631
4/5
www.sensortechnics.com
BSDX Series
Signal conditioned high precision pressure transducers
ELECTRICAL CONNECTIONS
BSDX...D4... BSDX...G2R
Vs (pin 1) identifier
Vs (pin 1) identifier
N/C N/C N/C N/C
+Vs Vout GND N/C
+Vs Vout GND N/C
N/C N/C N/C N/C
BSDX...A2R, BSDX...BARO
Vs (pin 1) identifier
Note: Pins 4, 5, 6, 7 and 8 are internal device connections and should not be connected for any reason!
N/C N/C N/C N/C
+Vs Vout GND N/C
ORDERING INFORMATION
Pressure range
0 to 25 mbar 0 to 50 mbar 0 to 100 mbar 0 to 250 mbar 0 to 500 mbar 800 to 1100 mbar 0 to 1 bar 0 to 2 bar 0 to 5 bar 0 to 10 mbar 0 to 25 mbar 0 to 50 mbar 0 to 100 mbar 0 to 250 mbar 0 to 500 mbar 0 to 1 bar
Absolute
Gage
BSDX0050G2R BSDX0100G2R BSDX0250G2R BSDX0500G2R BSDX1000G2R BSDX2000G2R BSDX5000G2R
Differential/Gage
B S D X 0025D 4R B S D X 0050D 4R B S D X 0100D 4R B S D X 0250D 4R B S D X 0500D 4R B S D X 1000D 4R B S D X 2000D 4R B S D X 5000D 4R B S D X 0010D 4D B S D X 0025D 4D B S D X 0050D 4D B S D X 0100D 4D B S D X 0250D 4D B S D X 0500D 4D B S D X 1000D 4D
BSDX0811BARO B S D X 1000A 2R B S D X 2000A 2R B S D X 5000A 2R
Other pressure ranges or calibrations are available on request
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. February 2009 / 631 5/5
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of BSDX0811BARO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X