Part Number Hot Search : 
200BZ UA777HC N4148 39VF80 SC441A10 B1521RW P2600 000AKCY
Product Description
Full Text Search
 

To Download BL-LS1206VHC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD LED LAMP BL-LS1206Vxx
Features:
3.2mmx1.6mm SMD, 1.1mm THICKNESS Mono-color type Compatible with automatic placement equipment WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE: 3KPCS/REEL RoHs Compliance
Electrical-optical characteristics: (Ta=25 C)
Chip Part Number Emitted Color Material
(Test Condition: IF=20mA)
P (nm)
Lens Type
Forward Voltage(VF) Unit:V
BL-LS1206VHC BL-LS1206VSRC BL-LS1206VLRC BL-LS1206VURC BL-LS1206VEC BL-LS1206VYC BL-LS1206VGC
Red Super Red Super Red Ultra Red Orange Yellow Green
GaP
AlGaAs AlGaAs
Absolute maximum ratings (Ta=25 C) Parameter H
30 65 5 100
w
. w w
AlGaAs
GaAsP
GaAsP GaP
lu t e b
700 660 660 660 Water Clear 640 583 568
. x
Typ 2.2 1.85 1.85 1.95 2.10 2.15 2.30
Max 2.7
m o c
Min. 0.3 20 45 120 5 4 20 Typ. 2.1 75 110 200 11 16 40
Luminous Intensity (Iv) Unit:mcd
Viewi ng
Angle 21/2 (deg)
2.30 2.30 2.50 2.70 2.70 2.70
30
SR
30 78 5 100
LR
30 78 5 100
UR
30 78 5 100 -30 to +80 -40 to +85
E
30 65 5 100
Y
30 65 5 100
G
30 65 5 100
Unit
mA mW V mA
TSOL
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 1 of 5 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
for 3 sec Max. Max.260 5 (1.6mm from the base of the epoxy bulb)
Lead Soldering Temperature

Forward Current IF Power Dissipation Pd Reverse Voltage VR Peak Forward Current IPF (Duty 1/10 @1KHZ) Operation Temperature TOPR Storage Temperature TSTG
SMD LED LAMP BL-LS1206Vxx
Electrical-optical characteristics: (Ta=25 C)
Chip Part Number Emitted Color Material
(Test Condition: IF=20mA)
Luminous Intensity (Iv) Unit:mcd
P (nm)
Lens Type
Forward Voltage(VF) Unit:V
Viewi ng Angle 21/2( deg)
Typ BL-LS1206VUDR BL-LS1206VUHR BL-LS1206VUEC BL-LS1206VUHD BL-LS1206VUYO BL-LS1206VUYC BL-LS1206VUGC BL-LS1206VPGC BL-LS1206VBGC BL-LS1206VDNB BL-LS1206VUBC BL-LS1206VUWC Ultra Red Ultra Red Ultra Orange Ultra Orange Ultra Amber Ultra Yellow Ultra Green Ultra Pure Green Ultra Bluish Green Blue Ultra Blue AlGaAs AlGaAs AlGaAs AlGaAs AlGaInP AlGaInP AlGaInP InGaN InGaN 655 645 630 618 610 593 575 525 Water Clear 2.10 2.10 2.10 2.10 2.10 2.10
Max 2.50 2.60 2.50 2.60
Min. 100 120 150 250
Typ. 220 300 330 580
2.60 2.60
InGaN InGaN
Absolute maximum ratings (Ta=25 C) Parameter
w
TSOL
. w w
Ultra White
UDR UHR
InGaN
lu t e b
505 470 470 /
UE UHD UYO UY
. x
2.20 3.50 3.50 3.50 3.50 3.50
UG PG
2.70
4.20
4.20
m o c
200 370 120 60 270 130 100 280 220 30 55 200 400 90 125 400
BG DNB UB UW
30
4.20
4.20 4.20
Unit
-30 to +80 -40 to +85 Max.260 5 for 3 sec Max. (1.6mm from the base of the epoxy bulb)
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 2 of 5 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Lead Soldering Temperature

Forward Current IF Power Dissipation Pd Reverse Voltage VR Peak Forward Current IPF (Duty 1/10 @1KHZ) Operation Temperature TOPR Storage Temperature TSTG
30 78 5 100
30 78 5 100
30 78 5 100
30 78 5 100
30 78 5 100
30 78 5 100
30 78 5 100
30 78 5 100
30 78 5 100
30 78 5 100
30 78 5 100
30 78 5 100
mA mW V mA
SMD LED LAMP BL-LS1206Vxx
Notes: 1. All dimensions are in millimeters (inches) 2. Tolerance is 0.25(0.01")unless otherwise noted. 3. Specifications are subject to change without notice.
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 3 of 5 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
w
. w w
lu t e b
. x
m o c
| | | | E
| |
SMD LED LAMP BL-LS1206Vxx
Tape Specifications
Unitmm
Tolerance0.1
m o c
| |
| |
| |
(c) | | | | | |
| |
| |
. w w
lu t e b
7 D A A
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 4 of 5 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
V Y S R S Q Y X W VS U T S R Q P I H G F
9 @ A B C
7 8 (c) 7
ab
| |
w
6 5 ( 4 3 2 1 0) ( ' # &%# ! #$#"!
. x
SMD LED LAMP BL-LS1206Vxx
1.0
0.5
0 350
(1) - GaAsP/GaAs 655nm/Red (2) - GaP 570nm/Yellow Green (3) - GaAsP/GaP 585nm/Yellow (4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red (5) - GaP 700nm/Bright Red (6) - GaAlAs/GaAs 660nm/Super Red (8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm (10) - GaAs/GaAs & GaAlAs/GaAs 940nm (A) - GaN/SiC 430nm/Blue (B) - InGaN/SiC 470nm/Blue (C) - InGaN/SiC 505nm/Ultra Green (D) - InGaAl/SiC 525nm/Ultra Green
50 FORWARD CURRENT(mA)
RELATIVE LUMINOUS INTENSITY 3 2 1 0.5 0.2 0.1 -30 -20 -10
1
8 64 5
23
4.0
40 30 20 10 0 1.2
3.0
1.6
2.0
2.4
2.6
FORWARD VOLTAGE (Vf) FORWARD CURRENT VS. FORWARD VOLTAGE
w
0 10
FORWARD CURRENT (mA) RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
AMBIENT TEMPERATURE Ta( ) FORWARD CURRENT VS. AMBIENT TEMPERATURE
1 5 4 2 3
10 9 8 7 6 5 4 3 2 20 30 40 50 60 70 1 AMBIENT TEMPERATURE Ta( ) 1 Ipeak MAX. IDC MAX.
300KHz 3KHz 10KHz 1KHz 100KHz F-REFRESH RATE
3KHz 300Hz 30KHz 100KHz 10KHz 1KHz 100Hz 10 9 8 7 6 5 Ipeak MAX. IDC MAX. 4 3 2 1 1 10 100 1000 tp-PULSE DURATION uS (5)
10
100
1000
10,000
tp-PULSE DURATION uS (1,2,3,4,6,8,B.D.J.K) NOTE:25
free air temperature unless otherwise specified
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 5 of 5 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
d
e .b w w
2.0 1.0 0 3.0 20 40 60
lu t
1 5 B 100
80
e
c
e
Typical electrical-optical characteristics curves:
(A) (B) (C) (D) (2) (3) (8) (4) (1) (6) (5) (9) (10)
400
450
500
550
600
650
700
750
800
850
900
950
1000
Wavelength(nm) RELATIVE INTENSITY Vs WAVELENGTH( p )
. x
50 40 30 20 10 0 FORWARD CURRENT(mA)
m o c
20 40 60 80 100
RELATIVE LUMINOUS INTENSITY
1
6 2,4,8,A 3 5
10,000


▲Up To Search▲   

 
Price & Availability of BL-LS1206VHC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X