Part Number Hot Search : 
7401QN X9526 DMA366A2 STK6877 D1426 N5245B 0603CR12 TDA4665
Product Description
Full Text Search
 

To Download AZ769 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ769
25 AMP MINIATURE POWER RELAY
FEATURES * * * * * * * Low cost 25 Amp switching 80 Amp inrush current Quick connect and PCB terminals Flux tight construction UL, CUR file E44211 VDE Pending
CONTACTS
Arrangement Ratings SPST (1 Form A) Resistive load: Max. switched power: 600 W or 6925 VA Max. switched current: 25 A Max. switched voltage: 150* VDC or 400 VAC
*Note: If switching voltage is greater than 30 VDC, special
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 2 x 106 1 x 105 at 25 A 277 VAC Res. 20 ms at nominal coil voltage 10 ms at nominal coil voltage (with no coil suppression)
precautions must be taken. Please contact the factory.
Rated Load UL, CUR
25A at 277 VAC resistive (100k cycles) [1] [2] 1 HP at 120 VAC (100k cycles) [1] [2] 2 HP at 240 VAC (100k cycles) [2] 2 HP at 240 VAC (30k cycles) [1] 25 A 250 VAC resistive [1] [2] silver cadmium oxide [1], silver tin oxide [2] < 50 milliohms initially (24 V, 1 A voltage drop method)
Dielectric Strength 4500 Vrms coil to contact (at sea level for 1 min.) 1500 Vrms between open contacts 10,000 V surge contact to coil Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration 1000 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -40C (-40F) to 80C (176F) -40C (-40F) to 130C (266F) 0.062" DA at 10-55 Hz
TUV Material Resistance
COIL
Shock Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature 441 mW Operating 20 g, 11 ms, 1/2 sine (no false operation) Non-Operating 100 g, 11 ms, 1/2 sine (no damage) Enclosure 2.25 W at 20C (68F) ambient 45C (81F) at nominal coil voltage Max. 130C (266F) Max. Solder Temp. Terminals P.B.T. polyester Tinned copper alloy P. C. & quick connect
Note: Allow suitable slack on leads when wiring, and do not subject the terminals to excessive force.
270C (518F) 5 seconds 23 grams
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
Max. Solder Time Weight
4/24/09W
AZ769
RELAY ORDERING DATA
COIL SPECIFICATIONS - QUICK CONNECT TERMINALS
Nominal Coil VDC 5 12 24 48 Must Operate VDC 3.5 8.4 16.8 33.6 Max. Continuous VDC 7.9 19.0 37.9 76.0 Coil Resistance 10% 27.8 160 640 2560
ORDER NUMBER*
Form A (SPST) AZ769-1A-5D AZ769-1A-12D AZ769-1A-24D AZ769-1A-48D
COIL SPECIFICATIONS - PCB TERMINALS
Nominal Coil VDC 5 12 24 48 Must Operate VDC 3.5 8.4 16.8 33.6 Max. Continuous VDC 7.9 19.0 37.9 76.0 Coil Resistance 10% 27.8 160 640 2560
ORDER NUMBER*
Form A (SPST) AZ769-1A-5DK AZ769-1A-12DK AZ769-1A-24DK AZ769-1A-48DK
*Add suffix "E" to "1A" for silver tin oxide contacts.
MECHANICAL DATA
PCB & QUICK CONNECT VERSION
PCB VERSION
.240 [6.1]
.748 [19.0] 1.201 MAX. [30.5] 2 x .250 [6.35] 2 x .394 [10.0] .031 [0.79] .630 MAX. [16.0]
1.201 MAX. [30.5]
.630 MAX. [16.0]
1.043 MAX. [26.5] .925 [23.5]
.925 MAX. [23.5]
4 x .031 [0.8]
4 x .138 [3.5]
PC BOARD LAYOUT (Typical for both versions)
4 x .031 [0.8] 2 x .032 [0.81] 4 x .138 [3.5] 1.087 [27.6] .150 [3.8] 2 x .059 [1.5] .069 [1.75]
WIRING DIAGRAM (Typical for both versions)
4
.472 [12.0]
3
2 x .012 [0.3] 4 x o.071 [o1.8] .866 [22.0] .057 [1.45]
1
2
2 x .059 [1.5]
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
4/24/09W


▲Up To Search▲   

 
Price & Availability of AZ769

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X