Part Number Hot Search : 
5G4S2HCA 74270014 4ACT5 74AC1 6YLMH10F FN2914 74ACT323 40150
Product Description
Full Text Search
 

To Download AZ762-1C-110D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ762 AZ
16 A SPDT MINIATURE POWER RELAY
FEATURES * * * * * * * * * * Dielectric strength 5000 Vrms Low cost Epoxy sealed versions available AC and DC coils 16 Amp switching High inrush version available (80 A) Class B (130C) standard Class F (155C) versions available Isolation spacing greater than 10 mm UL, CUR file E44211, VDE 40006031
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1 x 107 1 x 105 at 16 A 240 VAC Res. 7 ms at nominal coil voltage 3 ms at nominal coil voltage (with no coil suppression)
CONTACTS
Arrangement Ratings SPDT (1 Form C) SPST (1 Form A, 1 Form B) Resistive load: Max. switched power: 480 W or 4432 VA Max. switched current: 16 A Max. switched voltage: 150* VDC or 440 VAC
*Note: If switching voltage is greater than 30 VDC, special
Dielectric Strength 5000 Vrms coil to contact (at sea level for 1 min.) 1000 Vrms between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time 1000 megohms min. at 20C 500 VDC 50% RH Greater than 10% of nominal coil voltage (DC) Greater then 15% of nominal coil voltage (AC) At nominal coil voltage -40C (-40F) to 100C (212F) -40C (-40F) to 130C (266F) 0.062" DA at 10-55 Hz 10 g P.B.T. polyester Tinned copper alloy, P. C. 270C (518F) 5 seconds 80C (176F) 30 seconds 14 grams
precautions must be taken. Please contact the factory.
Rated Load UL, CUR
16 A at 277 VAC resistive, 50k cycles [1] 16 A at 277 VAC resistive, 100k cycles [3] 1 HP at 250 VAC (1 Form A) [1] 1/2 HP at 125 VAC (1 Form A) [1] TV-5 at 125 VAC (1 Form A) [1] 16 A at 277 VAC resistive, 75k cycles [2] B300 Pilot Duty [2] R300 Pilot Duty [2] 16 A at 250 VAC resistive [1] and [2] Contact factory for additonal VDE ratings
[1] Silver cadmium oxide, [2] Silver tin oxide [3] Silver nickel
VDE
Material Resistance
Silver cadmium oxide or silver tin oxide or silver nickel. Gold plating available < 50 milliohms initially (using 6 V 1 A method)
Max. Solvent Temp. Max. Immersion Time
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 196 mW (DC) 0.43 VA (AC)
Weight
NOTES
1.7 W at 20C (68F) ambient 26C (47F) at nominal coil voltage 130C (266F) 1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
9/25/07W
AZ762 AZ
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
Nominal Coil VDC 5 6 12 18 24 48 60 110 Must Operate VDC 3.5 4.2 8.4 12.6 16.8 33.6 42.0 77.0 Max. Continuous VDC 10.2 12.3 24.7 37.0 49.4 98.0 112.9 206.9 Coil Resistance 10% 62 90 360 810 1,440 5760 7,500 25,200
ORDER NUMBER*
Unsealed AZ762-1C-5D AZ762-1C-6D AZ762-1C-12D AZ762-1C-18D AZ762-1C-24D AZ762-1C-48D AZ762-1C-60D AZ762-1C-110D Sealed AZ762-1C-5DE AZ762-1C-6DE AZ762-1C-12DE AZ762-1C-18DE AZ762-1C-24DE AZ762-1C-48DE AZ762-1C-60DE AZ762-1C-110DE
COIL SPECIFICATIONS - AC COIL
Nominal Coil VAC 24 115 230 Must Operate VAC 18.0 86.3 172.5 Max. Continuous VAC 31.2 149.5 299.0 Coil Current (mA) 31.6 6.6 3.2 Coil Resistance 350 10% 8,100 15% 32,500 15%
ORDER NUMBER*
Unsealed Sealed
AZ762-1C-24AF AZ762-1C-24AEF AZ762-1C-115AF AZ762-1C-115AEF AZ762-1C-230AF AZ762-1C-230AEF
Substitute "1A" or "1B" in place of "1C" for Form A or B respectively. Add suffix "E" to "1A" or "1B" or "1C" for silver tin oxide contacts. Add suffix "B" to "1A" or "1B" or "1C" for silver nickel contacts. Add suffix "A" for gold plated contacts. Add suffix "F" for Class F version (DC coils only). Add suffix "I" at the end of part number for high inrush version 80A (contact form 1AE only, DC coils only, no gold plating).
9/25/07W
AZ762
HARDWARE ORDERING DATA
DESCRIPTION
Socket
ORDER NUMBER
ST484-U1
DESCRIPTION
Retainer
ORDER NUMBER
ST482-3
MECHANICAL DATA
1.161 Max. [29.5]
.520 Max. [13.2]
PC BOARD LAYOUT
VIEWED TOWARDS TERMINALS
.197 [5.0] .197 [5.0]
.638 Max. [16.2]
.597 [15.16]
.098 [2.5]
.161 [4.1]
6X .020 [0.5] 2X o.024 [o0.6]
.295 [7.5]
.295 [7.5]
.098 [2.5]
6X o.050 [o1.3]
6X .035 [0.9] .295 [7.5]
2X o.032 [o0.8]
ST484-U1
HARDWARE
.500 (12.7) .177 (4.5) MAX 1.28 (32.5) .366 (9.3) .354 (9.0)
.197 [5.0] .197 [5.0]
.597 [15.16]
.098 [2.5]
WIRING DIAGRAMS
VIEWED TOWARDS TERMINALS
1.22 (30.9)
.414 (10.5)
.125 DIA (0.5)
5
4
3
2
.295 (7.5) .197 (5.0)
*
*
RETAINING CLIP
1.385 [35.19]
* 8
7
* 6
1
.590 (15)
.197 (5.0) .059 DIA (1.5)
.895 [22.73] .661 [16.79]
* Terminals 3 & 6 not used on form A * Terminals 5 & 8 not used on form B
.118 (3.0)
Viewed toward terminals
ST482-3
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
9/25/07W


▲Up To Search▲   

 
Price & Availability of AZ762-1C-110D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X