Part Number Hot Search : 
68HC908Q LTC3458L M02MA047 682M16 PJ7913CI 6823D ST72F 68141562
Product Description
Full Text Search
 

To Download AGF1000RE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P Series
1" / 25.4mm min.
Epoxy Molded Precision Wirewound Axial Terminals
L D Terminal AWG
Series PE PF PA PG PB PC PD
Wattage 0.125 0.250 0.500 0.750 0.900 1.500 2.000
Diam. (in./mm) 0.125 / 3.18 0.187 / 4.75 0.250 / 6.35 0.250 / 6.35 0.375 / 9.53 0.375 / 9.53 0.500 / 12.7
Length (in./mm) 0.250 / 6.35 0.375 / 9.53 0.500 / 12.7 0.750 / 19.1 1.000 / 25.4 1.000 / 25.4 1.500 / 38.1
Lead ga. 22 22 22 20 20 20 20
Ohmite's P Series Epoxy molded Precision Wirewound Resistors are designed to meet the exacting requirements of Military Specification MIL-R-93. The P Series offers high stability and low Temperature Coefficient of Resistance (TCR). These resistors offer tolerances as accurate as 0.005% and Temperature Coefficients of Resistance (TCR) as low as 2PPM/C in a wide range of resistance values.
SPECIFICATIONS
Material Terminals: Tinned Copper Encapsulation: Silicone Molding Compound Electrical Resistance range: 1 to 15M Standard Tolerances: 0.005%, 0.01%, 0.02%, 0.05%, 0.1%, 0.25%, 0.5%, and 1% Temperature Coefficient of Resistance, 0C to 85C: 1 to <10: 25 PPM/C 10 to <100: 15 PPM/C 100: 10 PPM/C Operating Temperature Range: -65C to 145C Temperature Compensating TCR: from +80 through +6000 PPM TCR Matching: to 0.5 PPM/C at 25C
FEATURES
* Wide Range of Precise Tolerances (0.005% to 1%). * Low Inductance. * RoHS Compliant. * Axial configuration convenient for PCB and hard wiring applications.
O R D E R I N G I N F O R M AT I O N
E = RoHS compliant
DERATING
P Series Resistors must be derated for tolerances below 0.1% and for elevated ambient temperatures. Choose the curve corresponding to the desired tolerance. Determine the maximum allowed percentage of rated power from the graph based on the maximum ambient temperature expected during use.
100 80 0.05% 60 40 0.02% 0.01% 1.0%, 0.5%, 0.25% & 0.1%
P Series Wattage E = 0.125W F = 0.25W A = 0.5W G = 0.75W B = 0.9W C = 1.5W D = 2.0W
Tolerance Z = 0.005% T = 0.010% Q = 0.020% A = 0.050% B = 0.100% C = 0.250% D = 0.500% F = 1.000%
Resistance 1R000 = 1 10R00 = 10 100R0 = 100 1000R = 1000 10K00 = 10K 100K0 = 100K 1M000 = 1M
Percent Rated Power
PAF1000RE
20 0.005% 0 0 20
Check product availability at www.ohmite.com
65 85 105 115 125 145 40 60 100 120 140 160 80 Ambient Temperature, C
40
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com


▲Up To Search▲   

 
Price & Availability of AGF1000RE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X