Part Number Hot Search : 
030CT P420001 72HF80 UM1522 26001 SVC323 1763FS LT1077AC
Product Description
Full Text Search
 

To Download A216RHI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A200RHI Series
Very High Isolation, 2W Single & Dual Output DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 2W Output Power * 8,000 VDC Isolation * 2 A Leakage Current Max * Compact DIP Case * Single & Dual Outputs * Meets EN55022 Class A * 600 kH MTBF * Industry Standard Pin-Out
Input
Parameter Input Voltage Range Input Filter Reverse Polarity Input Current Short Circuit Input Power Conditions Min. Typ. Max. 5 VDC Input 4.5 5.0 5.5 12 VDC Input 10.8 12.0 13.2 24 VDC Input 21.6 24.0 26.4 (Pi) Filter (Complies with EN55022 Class A) 0.5 2,000 Min. Typ. 2.0 2.0 0.3 0.5 30 Max. 4.0 4.0 0.5 1.0 50 100 5 50 6.0 0.02 Units VDC
A mW Units % % % % mV P - P mV P - P mV rms % Sec % %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20 MHz) (Note 1) Ripple & Noise (20 MHz) Ripple & Noise (20 MHz) Output Power Protection Transient Recovery Time (Note 2) Transient Response Deviation Temperature Coefficient Output Short Circuit Conditions Dual Output , Balanced Loads Vin = Min to Max Iout = 10% to 100% Over Line, Load & Temp. 120 50% Load Step Change 0.01 Continuous Conditions 60 Seconds Flash Tested For 1 Second 240 VAC, 60 Hz 500 VDC 100 kHz, 1V Min. 5,600 6,000 8,000 10 20 25 Conditions Min. Typ. -25 -25 -40 Free Air Convection RH, Non-condensing 30 80 Max. +60 +90 +125 95 Typ. Max. Units VDC VDC VDC A G pF kHz Units C C C %
RoHS Compliant
General
Parameter Isolation Voltage, Rated Isolation Test Voltage Isolation Test Voltage Leakage Current Isolation Resistance Isolation Capacitance Switching Frequency
2
Environmental
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Humidity
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Physical
Case Size Case Material Weight 1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm) Non-Conductive Black Plastic (UL94-V0) 0.42 Oz (12g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 5 VDC Input 12 VDC Input 24 VDC Input 1.5 mm From Case For 10 Sec All Models Min. 600 Min. -0.7 -0.7 -0.7 Typ. Max. Units kHours Units VDC
C
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation Typ. Max. 7.5 15.0 30.0 260 2,000
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Model Selection Guide
Model Number A201RHI A202RHI A203RHI A204RHI A205RHI A206RHI A211RHI A212RHI A213RHI A214RHI A215RHI A216RHI A221RHI A222RHI A223RHI A224RHI A225RHI A226RHI Voltage (VDC) Nominal 5 5 5 5 5 5 12 12 12 12 12 12 24 24 24 24 24 24 Range 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 Input Current (mA) Full-Load 645 629 623 476 699 695 269 262 260 185 281 280 134 131 130 93 143 142 Output Reflected Efficiency Current Ripple Voltage Current (%, Typ) (VDC) (mA, Max) (mA, Min) No-Load Current
(mA, Typ)
Fuse Rating Slow-Blow (mA) 1,000 1,000 1,000 1,000 1,000 1,000 500 500 500 500 500 500 250 250 250 250 250 250
100 100 100 100 100 100 50 50 50 50 50 50 30 30 30 30 30 30
15 15 15 15 15 15 8 8 8 8 8 8 3 3 3 3 3 3
5.0 12.0 15.0 5.0 12.0 15.0 5.0 12.0 15.0 5.0 12.0 15.0 5.0 12.0 15.0 5.0 12.0 15.0
400 165 133 100 83 66 400 165 133 100 83 66 400 165 133 100 83 66
0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.0
62 63 64 42 57 57 62 63 64 45 59 59 62 63 64 45 58 58
Notes: 1. When measuring output ripple, it is recommended that an external 0.33 F ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. For noise sensitive applications, the use of 1.5 F capacitors will reduce the output ripple. 2. Transient recovery is measured to within a 1% error band for a load step change of 50% to 100%. 3. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output common. 4. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance may affect the stability of the converter. In applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is recommended that a low ESR (ESR <1.0 at 100 kHz) capacitor be mounted close to the converter. For 5V input units a 4.7 F is recommended, and for 12V & 24V units a 2.2 F. 5. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the correct rating.
Derating Curve
Capacitive Load
Single Output Dual Output (F Max) (F Max) 470 220
Mechanical Dimensions
Pin Connections
Pin 1, 2 10, 11 12 13 15 23, 24 Single +Vin No Pin -Vout +Vout No Pin -Vin Dual +Vin Common No Pin -Vout +Vout -Vin
Mechanical Notes:
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
MicroPower Direct
www.micropowerdirect.com
*
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of A216RHI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X