Part Number Hot Search : 
1E104 N4148WS D1005 0M500 1N534 PM534 NJW1138M STM495
Product Description
Full Text Search
 

To Download 803-005-02ZN5-3EN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 803 "Mighty Mouse" 1/4 Turn Bayonet Coupling
Series 803 Receptacles With PCB or Solder Cup Contacts
A
Series 803 Receptacles feature a low profile shell for minimum protrusion inside enclosures. Contacts are factory-installed and are nonremovable. Connectors are backfilled with rigid epoxy for a watertight seal. Series 803 Bayonet Receptacles are available in two shell styles: jam nut for rear panel mounting, or elliptical flange mount. PCB Contacts feature gold-plated tails for solder termination to rigid or flexible circuits. Solder Cup Contacts are nonremovable and are sealed with rigid epoxy. Maximum wire gage is #22.
Series 803 Printed Circuit Board Receptacle
HOW TO ORDER SERIES 801 PRINTED CIRCUIT BOARD RECEPTACLES
Sample Part Number
803-005
Series 803-005
Receptacle with Solder Cup Contacts or PC Tails
-07
Shell Style -02
Flange Mount
ZN
Shell Material / Finish C
Aluminum / Black Anodize
6-7
Shell Size- Insert Arrangement 5-3 6-1 6-4 6-7 7-1 7-10 8-13 9-4 9-19 10-26 12-2
12-37 14-55 15-85 3 #23 1 #16 4 #23 7 #23 1 #12 10 #23 13 #23 4 #16 19 #23 26 #23 2 #12 37 #23 55 #23 85 #23
S
Contact Type P
Pin, PC Tail
N
Shell Key Position N
Normal Alternative Key Positions:
M
Aluminum / Electroless Nickel
NF
Aluminum / Cadmium with Olive Drab Chromate
S
Socket, PC Tail
ZN
-07 Jam Nut Aluminum / Zinc-Nickel with Olive Drab Chromate
X Y Z
E
Pin, Solder Cup
ZNU
Aluminum / Zinc-Nickel with Black Chromate
F
Socket, Solder Cup
Z1
Stainless Steel
(c) 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
www.glenair.com
F-9
Rev. 05-APR-2007
E-Mail: sales@glenair.com
Series 803
B F D E F G H J K L
M
A B F
C REF B BSC A MAX MASTER KEYWAY .110/.103 (2.79/2.62) 2 PLCS .485 (12.32) .425 (10.80)
D
45
E F G H
Shell Size
J K L
Series 803
Series 803 "Mighty Mouse" 1/4 Turn Bayonet Coupling
Series 803 Receptacles With PCB or Solder Cup Contacts
.700 (17.78) MAX
.125 (3.18) MIN OD
Flange Mount Receptacle 803-005-02
OJ
4 X .025 (0.64) STANDOFF .860 (21.84) MAX .580 (14.73) .125 (3.18) MIN OG F FLAT
MASTER KEYWAY
Jam Nut Receptacle 803-005-07
OD
OJ
H THREAD E FLATS TYP
4 X .025 (0.64) STANDOFF .100 (2.54) MAX PANEL THICKNESS
DIMENSIONS
A Max.
In. .703 .788 .890 1.154 1.207 1.291 1.394 1.545 1.630 mm. 17.86 20.02 22.61 29.31 30.66 32.79 35.41 39.24 41.40
B Bsc.
In. .513 .598 .708 .964 1.017 1.101 1.204 1.280 1.370 mm.
C Ref.
In. mm. In.
OD
mm. .300 .362 .436 .508 .561 .635 .714 .865 .925
E Flats In. mm.
F Flat In. mm.
In.
OG mm.
H Thread
OJ Tail Dia.
#23 .018/.022 (0.46/0.56) #16 .060/.064 (1.52/1.63) #12 .092/.096 (2.34/2.44)
5 6 7 8 9 10 12 14 15
13.03 .460 11.68 15.19 .522 13.26 17.98 .590 14.99 24.49 .668 16.97 25.83 .721 18.31 27.97 .795 20.19 30.58 .874 22.20 32.51 1.050 26.67 34.80 1.150 29.21
7.62 .545 13.84 .350 9.19 .595 15.11 .410 11.07 .723 18.36 .536 12.91 .723 18.36 .536 14.25 .790 20.07 .596 16.13 .855 21.72 .656 18.14 1.044 26.52 .845 21.97 1.230 31.24 1.022 23.50 1.290 32.77 1.096
8.89 .575 14.61 .3750-32 UNEF-2A 10.42 .635 16.13 .4375-28 UNEF-2A 13.61 .755 19.18 .5625-32 UN-2A 13.61 .755 19.18 .5625-32 UN-2A 15.14 .830 21.08 .6250-28 UN-2A 16.66 .890 22.61 .6875-28 UN-2A 21.46 1.078 27.38 .8750-28 UN-2A 25.96 1.264 32.11 1.0625-20 UN-2A 27.84 1.325 33.66 1.1250-28 UN-2A
(c) 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
www.glenair.com
F-10
Rev. 05-APR-2007
E-Mail: sales@glenair.com


▲Up To Search▲   

 
Price & Availability of 803-005-02ZN5-3EN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X