Part Number Hot Search : 
88SE9 TA124 LC810 LC810 00500 SQ4435EY EKB12 D100N
Product Description
Full Text Search
 

To Download 75462-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
0.80mm (.031") Pitch SFP Stacked Multi-Port Connectors 75310, 75786, 75460, 75787, 75462, 75640, 75759, 75714, 75454, 75450, 75733, 75734, 75477, 75451
Upgrade to high-speed Ethernet and Fibre Channel ports with Molex's Stacked Multi-Port SFP Connectors Molex is rapidly expanding its Small Form-factor Pluggable (SFP) product offering to meet the demands of networking and storage industries, which require denser and faster packaging for high-speed serial interfaces. The new SFP Stacked Multi-Port Connectors are the latest additions to Molex's extensive SFP product line. These new connectors offer high port density with complete integration of stacked 20-circuit SFP connector ports within a cage. Integrated lightpipes are available to provide port-status indication to the user. The product line encompasses connectors offered in two heights and is available in five port configurations: 2-by-1, 2-by-2, 2-by-4, 2-by-5 and 2-by-6. Molex's SFP Stacked Multi-Port Connectors accept SFP MSA-compliant modules, allowing installers to configure and upgrade high-speed Ethernet and Fibre Channel (FC) ports. Tin/Lead press-fit connector tails are provided as the standard option. Tin-plated tails will also be available to meet lead-free requirements. Contact Molex for additional information. Features and Benefits I High-speed contact design meets 4.25Gbps SFP requirements and is capable of speeds up to 10Gbps I Connectors are available in multiple port configurations (2, 4, 8, 10 and 12) providing greater port density and reduced PCB assembly labor SPECIFICATIONS Reference Information Packaging: Tray UL File No.: E29179 CSA File No.: LR19980 Mates With: SFP MSA-compliant modules Designed In: Millimeters Electrical Voltage: 120V Current: 0.5A max. Dielectric Withstanding Voltage: 300V Insulation Resistance: 1 Megohm Mechanical Insertion Force to PCB: 35.59N (8 lb) per compliant pin, max. Mating Force: 40N (8.99 lb) max. Unmating Force: 11.5N (2.59 lb) max. Durability: 100 cycles
Multi-port connectors with lightpipes
I Integrated lightpipe option, for use with mono or biI Connectors are available in 2 heights: medium
color SMT LED's provides port status and activity feedback I Modules are oriented "belly-to-belly" when inserted assuring ease of module removal from the port
25.50mm (1.000") and tall 29.30mm (1.150"); Medium-height connectors meet industry standard and are consistent with the stacked multi-port modular jack design; Tall-height connector (2-by-1 only) is designed for 1U applications
Physical Housing: High-temperature plastic, Glass-filled Contact: Tin/Brass (Sn/CuZn) Plating: Contact Area -- Gold (Au) Solder Tail Area -- Tin/Lead (Sn/Pb) or Tin (Sn) Underplating -- Nickel (Ni) PCB Thickness: 2.36mm (0.093") Operating Temperature: -40 to +85C
APPLICATIONS
I Networking, Storage and Telecommunication - Hubs - Routers - Servers - Switches
0.80mm (.031") Pitch SFP Stacked Multi-Port Connectors 75310, 75786, 75460, 75787, 75462, 75640, 75759, 75714, 75454, 75450, 75733, 75734, 75477, 75451
ORDERING INFORMATION
Order No.
75310-0001 75786-0001 75460-0001 75787-0001 75462-0001 75640-0001 75759-0001 75714-0001 75454-0001 75450-0001 75733-0001 75734-0001 75477-0001 75451-0001 2-by-2 Press-fit 2-by-1 29.30mm (1.150")
Port Configuration
Height
Mounting
Through-hole Press-fit Through-hole
Lightpipes
EMI Protection
Gasket with flange
Yes Gasket with extended flange No Yes No Yes
2-by-4
25.50mm (1.000")
No Yes No Yes No Yes
Spring fingers
2-by-5
2-by-6
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/SFP_Stacked_Connectors
Order No. USA-321 Printed in USA/JI/2005.08 (c)2005 Molex


▲Up To Search▲   

 
Price & Availability of 75462-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X