Part Number Hot Search : 
W1T1G ST62T 28000 1N4004G 27V20 AP163201 2SC2570A ASI10590
Product Description
Full Text Search
 

To Download 74CBTLV1G125GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74CBTLV1G125
Single bus switch
Rev. 01 -- 2 February 2007 Product data sheet
1. General description
The 74CBTLV1G125 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Schmitt trigger action at control input makes the circuit tolerant to slower input rise and fall times across the entire VCC range from 2.3 V to 3.6 V. This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. The 74CBTLV1G125 provides a single high-speed line switch. The switch is disabled when the output enable (OE) input is high. To ensure the high-impedance OFF-state during power up or power down, OE should be tied to the VCC through a pullup resistor. The minimum value of the resistor is determined by the current-sinking capability of the driver.
2. Features
s Supply voltage range from 2.3 V to 3.6 V s High noise immunity s Complies with JEDEC standard: x JESD8-5 (2.3 V to 2.7 V) x JESD8-B/JESD36 (2.7 V to 3.6 V). s ESD protection: x HBM JESD22-A114-D exceeds 2000 V x MM JESD22-A115-A exceeds 200 V x CDM JESD22-C101-C exceeds 1000 V s 5 switch connection between two ports s Rail to rail switching on data I/O ports s CMOS low power consumption s Latch-up performance meets requirements of JESD78 Class I s IOFF circuitry provides partial power down mode operation s Multiple package options s Specified from -40 C to +85 C and -40 C to +125 C
NXP Semiconductors
74CBTLV1G125
Single bus switch
3. Ordering information
Table 1. Ordering information Package Temperature range Name 74CBTLV1G125GW 74CBTLV1G125GV 74CBTLV1G125GM 74CBTLV1G125GF -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C TSSOP5 SC-74A XSON6 XSON6 Description plastic thin shrink small outline package; 5 leads; body width 1.25 mm plastic surface-mounted package; 5 leads Version SOT353-1 SOT753 Type number
plastic extremely thin small outline package; no leads; SOT886 6 terminals; body 1 x 1.45 x 0.5 mm plastic extremely thin small outline package; no leads; SOT891 6 terminals; body 1 x 1 x 0.5 mm
4. Marking
Table 2. Marking Marking code bM b25 bM bM Type number 74CBTLV1G125GW 74CBTLV1G125GV 74CBTLV1G125GM 74CBTLV1G125GF
5. Functional diagram
A
2
SWITCH
4
A B OE
B
OE
1
001aad713
001aad714
Fig 1. Logic symbol
Fig 2. Logic diagram
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
2 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
6. Pinning information
6.1 Pinning
74CBTLV1G125 74CBTLV1G125
OE A 1 2 GND GND 3
001aad715
OE VCC
1
6
VCC OE A
74CBTLV1G125
1 2 3 6 5 4 VCC n.c. B
5
A
2
5
n.c.
3
4
B
GND
4
B
001aad717
001aaf817
Transparent top view
Transparent top view
Fig 3. Pin configuration SOT353-1 and SOT753
Fig 4. Pin configuration SOT886
Fig 5. Pin configuration SOT891
6.2 Pin description
Table 3. Symbol OE A GND B n.c. VCC Pin description Pin SOT353-1/SOT753 1 2 3 4 5 SOT886/SOT891 1 2 3 4 5 6 output enable input OE (active LOW) data input or output A ground (0 V) data input or output B not connected supply voltage Description
7. Functional description
7.1 Function table
Table 4. L H
[1] H = HIGH voltage level; L = LOW voltage level;
Function table[1] Function switch ON-state OFF-state
Output enable input OE
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
3 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
8. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC VI VSW IIK ISK ISW ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input voltage switch voltage input clamping current switch clamping current switch current supply current ground current storage temperature total power dissipation
Conditions
[1]
Min -0.5 -0.5 -0.5 -50 -65
Max +4.6 +4.6 VCC + 0.5 -50 50 128 +50 +150 250
Unit V V V mA mA mA mA mA C mW
enable and disable mode VI/O < -0.5 V VI < -0.5 V or VI > VCC + 0.5 V VSW = 0 V to VCC
Tamb = -40 C to +125 C
[2]
-
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. For TSSOP5 and SC-74A packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K. For XSON6 packages: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
9. Recommended operating conditions
Table 6. Symbol VCC VI VSW Tamb t/V
[1]
Recommended operating conditions Parameter supply voltage input voltage switch voltage ambient temperature input transition rise and fall rate VCC = 2.3 V to 3.6 V
[1]
Conditions
Min 2.3 0
Max 3.6 3.6 VCC +125 20
Unit V V V C ns/V
enable and disable mode
0 -40 0
Applies to control signal levels.
10. Static characteristics
Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = -40 C to +85 C VIH VIL II IS(OFF) IS(ON)
74CBTLV1G125
Conditions VCC = 2.3 V to 2.7 V VCC = 2.7 V to 3.6 V VCC = 2.3 V to 2.7 V VCC = 2.7 V to 3.6 V VI = GND to VCC; VCC = 3.6 V VI = VIH or VIL; VO = VCC - GND; VCC = 3.6 V; see Figure 6 VI = VIH or VIL; VCC = 3.6 V; see Figure 7
Rev. 01 -- 2 February 2007
Min 1.7 2.0 -
Typ[1] 0.1 0.1
Max 0.7 0.8 1.0 5 5
Unit V V V V A A A
4 of 18
HIGH-level input voltage LOW-level input voltage input leakage current OFF-state leakage current ON-state leakage current
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
NXP Semiconductors
74CBTLV1G125
Single bus switch
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter IOFF ICC ICC CI Csw power-off leakage current supply current additional supply current input capacitance switch capacitance Conditions VI or VO = 0 V to 3.6 V; VCC = 0 V VI = GND or VCC; IO = 0 A; VCC = 3.6 V control input; VI = VCC - 0.6 V; VCC = 3.6 V control input; VI = 0 V or 3 V OFF-state ON-state Tamb = -40 C to +125 C VIH VIL II IS(OFF) IS(ON) IOFF ICC ICC
[1] [2]
[2]
Min 1.7 2.0 [2]
Typ[1] 2.5 7.0 10.3 -
Max 10 10 300 0.7 0.8 100 200 200 10 200 5000
Unit A A A pF pF pF V V V V A A A A A A
HIGH-level input voltage LOW-level input voltage input leakage current OFF-state leakage current ON-state leakage current power-off leakage current supply current additional supply current
VCC = 2.3 V to 2.7 V VCC = 2.7 V to 3.6 V VCC = 2.3 V to 2.7 V VCC = 2.7 V to 3.6 V VI = GND to VCC; VCC = 3.6 V VI = VIH or VIL; VO = VCC - GND; VCC = 3.6 V; see Figure 6 VI = VIH or VIL; VCC = 3.6 V; see Figure 7 VI or VO = 0 V to 3.6 V; VCC = 0 V VI = GND or VCC; IO = 0 A; VCC = 3.6 V control input; VI = VCC - 0.6 V; VCC = 3.6 V
-
Typical values are measured at Tamb = 25 C and at VCC = 3.3 V. One input at 3 V, other inputs at VCC or GND.
Table 8. Resistance RON At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 8. Symbol Parameter RON Conditions
[2]
-40 C to +85 C Min Typ[1] 4.7 4.5 11 4.2 4.1 7.3 Max 10 10 25 7 7 15
-40 C to +125 C Min Max 15.0 15.0 38.0 11.0 11.0 25.5
Unit
ON resistance VCC = 2.3 V; see Figure 9 ISW = 64 mA; VI = 0 V ISW = 24 mA; VI = 0 V ISW = 15 mA; VI = 1.7 V VCC = 3.0 V; see Figure 10 ISW = 64 mA; VI = 0 V ISW = 24 mA; VI = 0 V ISW = 15 mA; VI = 2.4 V
-

[1] [2]
Typical values are measured at Tamb = 25 C. Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is determined by the lower of the voltages of the two (A or B) terminals
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
5 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
VCC
VCC
VIH IS
OE
VIL B IS IS
OE
A
A
B
n.c.
VI GND
VO
VI GND
001aad716
001aad718
Fig 6. Test circuit for measuring OFF-state leakage current
Fig 7. Test circuit for measuring ON-state leakage current
VSW VCC VIL OE B A
VI GND
ISW
001aad729
RON = VSW / ISW.
Fig 8. Test circuit for measuring ON-resistance
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
6 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
16 RON () 12
001aad732
16 RON () 12
001aad733
8
(1) (2) (3) (4)
8
(1) (2) (3) (4)
4
4
0 0 1 2 VSW (V) 3
0 0 1 2 VSW (V) 3
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
a. VCC = 2.5 V; ISW = 15 mA; VSW = 1.7 V
14 RON () 10
(1) (2)
b. VCC = 2.5 V; ISW = 24 mA; VSW = 0 V
001aad734
6
(3)
(4)
2 0 1 2 VSW (V) 3
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
c. VCC = 2.5 V; ISW = 64 mA; VSW = 0 V Fig 9. Switch ON-resistance as a function of input voltage at VCC = 2.5 V
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
7 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
11 RON () 9
001aad737
11 RON () 9
001aad736
7
(1) (2)
7
(1) (2)
5
(3)
5
(3)
(4)
(4)
3 0 1 2 3 VSW (V) 4
3 0 1 2 3 VSW (V) 4
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
a. VCC = 3.3 V; ISW = 15 mA; VSW = 2.4 V
10 RON () 8
(1)
b. VCC = 3.3 V; ISW = 24 mA; VSW = 0 V
001aad735
6
(2)
(3)
4
(4)
2 0 1 2 3 VSW (V) 4
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
c. VCC = 3.3 V; ISW = 64 mA; VSW = 0 V Fig 10. Switch ON-resistance as a function of input voltage at VCC = 3.3 V
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
8 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
11. Dynamic characteristics
Table 9. Dynamic characteristics GND = 0 V; see Figure 13 Symbol Parameter tpd Conditions
[2][3]
-40 C to +85 C Min Typ[1] Max
-40 C to +125 C Min Max
Unit
propagation delay A to B or B to A; see Figure 11; RL = VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[4]
0.16
0.21 0.25
-
0.32 0.39
ns ns
ten
enable time
OE to A or B; see Figure 12; RL = 500 VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
1.0 1.0
[5]
2.50 2.05
4.00 4.00
1.0 1.0
5.00 5.00
ns ns
tdis
disable time
OE to A or B; see Figure 12; RL = 500 VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
1.0 1.0
2.80 3.40
5.00 4.10
1.0 1.0
6.30 5.40
ns ns
[1] [2] [3] [4] [5]
All typical values are measured at Tamb = 25 C and at nominal VCC. The propagation delay is the calculated RC time constant of the maximum on-state resistance of the switch and the load capacitance, when driven by an ideal voltage source (zero output impedance). tpd is the same as tPLH and tPHL. ten is the same as tPZH and tPZL. tdis is the same as tPHZ and tPLZ.
12. Waveforms
VI A or B input GND t PLH VOH B or A output VOL VM VM
001aad719
VM
VM
t PHL
Measurement points are given in Table 10. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 11. The data input (A or B) to output (B or A) propagation delays Table 10. VCC 2.3 V to 3.6 V Measurement points Output VM 0.5 x VCC Inputs VM 0.5 x VCC VI VCC tr = tf 2.0 ns
Supply voltage
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
9 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
VI OE input GND t PLZ output LOW-to-OFF OFF-to-LOW VCC VM VOL t PHZ VOH output A or B HIGH-to-OFF OFF-to-HIGH GND switch enabled switch disabled switch enabled
001aad720
VM
t PZL
A or B
VX t PZH VY VM
Measurement points are given in Table 11. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 12. enable and disable times Table 11. VCC 2.3 V to 2.7 V 3.0 V to 3.6 V Measurement points Input VM 0.5VCC 0.5VCC Output VM 0.5VCC 0.5VCC VX VOL + 0.15 V VOL + 0.3 V VY VOH - 0.15 V VOH - 0.3 V
Supply voltage
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
10 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
VEXT VCC PULSE GENERATOR VI DUT
RT CL RL RL
VO
mna616
Test data is given in Table 12. Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. VEXT = Test voltage for switching times.
Fig 13. Load circuitry for switching times Table 12. VCC 2.3 V to 2.7 V 3.0 V to 3.6 V Test data Load CL 30 pF 50 pF VEXT tPLH, tPHL open open tPZH, tPHZ GND GND tPZL, tPLZ 2 x VCC 2 x VCC
Supply voltage
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
11 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
13. Package outline
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm SOT353-1
D
E
A X
c y HE vMA
Z
5
4
A2 A1 (A3) A
1
e e1 bp
3
wM detail X
Lp L
0
1.5 scale
3 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.1 0 A2 1.0 0.8 A3 0.15 bp 0.30 0.15 c 0.25 0.08 D(1) 2.25 1.85 E(1) 1.35 1.15 e 0.65 e1 1.3 HE 2.25 2.0 L 0.425 Lp 0.46 0.21 v 0.3 w 0.1 y 0.1 Z(1) 0.60 0.15 7 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT353-1 REFERENCES IEC JEDEC MO-203 JEITA SC-88A EUROPEAN PROJECTION ISSUE DATE 00-09-01 03-02-19
Fig 14. Package outline SOT353-1 (TSSOP5)
74CBTLV1G125 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
12 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
Plastic surface-mounted package; 5 leads
SOT753
D
B
E
A
X
y
HE
vMA
5
4
Q
A A1 c
1
2
3
detail X
Lp
e
bp
wM B
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.100 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT753
REFERENCES IEC JEDEC JEITA SC-74A
EUROPEAN PROJECTION
ISSUE DATE 02-04-16 06-03-16
Fig 15. Package outline SOT753
74CBTLV1G125 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
13 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
Fig 16. Package outline SOT886 (XSON6)
74CBTLV1G125 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
14 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm
SOT891
1
2
b 3
L1 e
L
6 e1
5 e1
4
A
A1 D
E
terminal 1 index area 0 1 scale 2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max 0.5 A1 max 0.04 b 0.20 0.12 D 1.05 0.95 E 1.05 0.95 e 0.55 e1 0.35 L 0.35 0.27 L1 0.40 0.32
OUTLINE VERSION SOT891
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 05-03-11 05-04-06
Fig 17. Package outline SOT891 (XSON6)
74CBTLV1G125 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
15 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
14. Abbreviations
Table 13: Acronym CDM CMOS DUT ESD HBM MM TTL Abbreviations Description Charged Device Model Complementary Metal Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model Transistor-Transistor Logic
15. Revision history
Table 14. Revision history Release date 20070202 Data sheet status Product data sheet Change notice Supersedes Document ID 74CBTLV1G125_1
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
16 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
16. Legal information
16.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
16.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of a NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
16.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
16.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
17. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
74CBTLV1G125
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 2 February 2007
17 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
18. Contents
1 2 3 4 5 6 6.1 6.2 7 7.1 8 9 10 11 12 13 14 15 16 16.1 16.2 16.3 16.4 17 18 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 4 Dynamic characteristics . . . . . . . . . . . . . . . . . . 9 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 16 Legal information. . . . . . . . . . . . . . . . . . . . . . . 17 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 17 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Contact information. . . . . . . . . . . . . . . . . . . . . 17 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 2 February 2007 Document identifier: 74CBTLV1G125


▲Up To Search▲   

 
Price & Availability of 74CBTLV1G125GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X