Part Number Hot Search : 
NTE1519 3EVKI APL2361 EG01AZ CONDUCT PC113L DT54F NLAS7242
Product Description
Full Text Search
 

To Download 5KP36AJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 THRU 5KP110CA 5KP5.0J THRU 5KP110CAJ FEATURES
* * * Stand-off Voltage Peak Pulse Power 5.0 to 110 Volts 5000 Watts
R-6
* * * * *
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Glass passivated junction or silastic guard junction (open junction) 5000W peak pulse power capability with a 10/1000s Waveform, repetition rate (duty cycle): 0.05% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) Devices with V(BR)10V, ID are typically less than 1.0A High temperature soldering guaranteed: 265/10 seconds, 0.375" (9.5mm) lead length, 51bs.(2.3kg) tension Cass: molded plastic body over passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: The Color bands denotes the cathode, which is postitive with respect to the anode under normal TVS operation Mounting Position: any Weight: 0.07 ounces, 2.1 grams
1.0(25.4) MIN
.052(1.3) .048(1.2)
DIA
.360(9.1) .340(8.6)
.360(9.1) .344(8.6)
DIA
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MECHANICAL DATA
* * * * *
DEVICES FOR BIDRECTIONAL APPLICATIONS
* *
For bidirectional use C or CA suffix for types 5KP5.0 thru 5KP110 (e.g. 5KP7.5CA, 5KP110CA).Electrical Characteristics apply in both directions. Suffix A denotes 5% tolerance device, No suffix A denotes 10% tolerance device
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
*
Ratings at 25 ambient temperature unless otherwise specified Ratings Peak Pulse power dissipation with a 10/1000s waveform (NOTE1) Peak Pulse current with a 10/1000s waveform (NOTE1) Steady Stage Power Dissipation at TL=75 Lead lengths 0.375"(9.5mm)(Note2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method)(Note 3) Maximum forward voltage at 100.0A (NOTE 3) Operating Junction and Storage Temperature Range
Symbols PPPM IPPM PM(AV) IFSM VF TJ, TSTG
Value Minimum5000 See Table 1 8.0 400.0 3.5 50 to +150
Unit Watts Amps Watts Amps Volts
Notes:
1. 2. 3. Non-repetitive current pulse, per Fig.3 and derated above TA=25 per Fig.2 Mounted on copper pads ares of 0.8x0.8"(20x20mm) per Fig 5. Measured on 8.3ms single half sine-wave or equivalent wave, duty cycle=4 pulses per minute maximum
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 THRU 5KP110CA 5KP5.0J THRU 5KP110CAJ
Electrical Characteristic at (TA =25 unless otherwise noted) TABLE1
Device Type 5KP5.0/J 5KP5.0A/J 5KP6.0/J 5KP6.0A/J 5KP6.5/J 5KP6.5A/J 5KP 7.0/J 5KP7.0A/J 5KP7.5/J 5KP7.5A/J 5KP8.0/J 5KP8.0A/J 5KP 8.5/J 5KP8.5A/J 5KP9.0/J 5KP9.0A/J 5KP10/J 5KP10A/J 5KP11/J 5KP11A/J 5KP12/J 5KP12A/J 5KP13/J 5KP13A/J 5KP14/J 5KP14A/J 5KP15/J 5KP15A/J 5KP16/J 5KP16A/J 5KP17/J 5KP17A/J 5KP18/J 5KP18A/J 5KP20/J 5KP20A/J 5KP22/J 5KP22A/J 5KP24/J 5KP24A/J 5KP26/J 5KP26A/J 5KP28/J 5KP28A/J 5KP30/J 5KP30A/J 5KP33/J 5KP33A/J Breakdown Voltage V(BR)(Volts) (Note 1) MIN 6.4 6.4 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10 10 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20 20 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 MAX 7.3 7 8.15 7.37 8.82 7.98 9.51 8.6 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38 34.4 40.7 36.8 44.9 40.6 Test Current at IT (mA) 50 50 50 50 50 50 50 50 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Stand-off Voltage VWM (Volts) 5 5 6 6 6.5 6.5 7 7 7.5 7.5 8 8 8.5 8.5 9 9 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 Maximum Reverse Leakage at VWM ID (A) 2000 2000 5000 5000 2000 2000 1000 100 250 250 150 150 50 50 20 20 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 Maximum Peak Pulse Current IPPM (Note 2) (Amps) 521 543 439 485 407 446 376 417 350 388 333 368 314 347 296 325 266 294 249 275 227 251 210 233 194 216 186 205 174 192 164 181 155 171 140 154 127 141 116 129 107 119 100 110 93.5 103 84.7 93.8 Maximum Clamping Voltage at IPPM VC(Volts) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12 14.3 12.9 15 13.6 15.9 14.4 16.9 15.4 18.8 17 20.1 18.2 22 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59 53.3 Maximum Temperature Coefficient of V(BR) (%/) Stand-off Voltage Peak Pulse Power 5.0 to 110 Volts 5000 Watts
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.089 0.09 0.09 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.1 0.1 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 THRU 5KP110CA 5KP5.0J THRU 5KP110CAJ
Electrical Characteristic at (TA =25 unless otherwise noted) TABLE 1 (Cont'd)
Device Type 5KP36 5KP36A 5KP40 5KP40A 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP51 5KP51A 5KP54 5KP54A 5KP58 5KP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP100A 5KP110 5KP110A Breakdown Voltage V(BR)(Volts) (Note 1) MIN MAX Test Current at IT (mA) Stand-off Voltage VWM (Volts) Maximum Reverse Leakage At VWM ID (A) Maximum Peak Pulse Current IPPM (Note 2) (Amps) Maximum Clamping Voltage at IPPM VC(Volts) Maximum Temperature Coefficient of V(BR) (%/) Stand-off Voltage Peak Pulse Power 5.0 to 110 Volts 5000 Watts
40 40 44.4 44.4 47.8 47.8 50 50 53.3 53.3 56.1 56.1 60 60 64.4 64.4 66.7 66.7 71.1 71.1 77.6 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122
48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 96.9 78.6 95.1 86 102 92.1 106 95.8 115 104 122 111 136 123 149 135
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
77.8 86.1 70 77.5 65.2 72 62.3 68.8 58.5 64.6 54.9 60.7 51.9 57.4 48.5 53.4 46.7 51.7 43.9 48.5 40 44.2 37.3 41.3 36 39.7 33.1 36.5 31.3 34.2 27.9 30.9 25.5 28.2
64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 94 107 97 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177
0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.11 0.11 0.11 0.11 0.11 0.112 0.112
Notes:
(1) (2) (3) V(BR) measured after IT applied for 300ms IT =square wave pulse or equivalent Surge current waveform per Figure 3 and derate per Fig.2 All terms and symbols are consistent with ANSI/IEEE C62.35
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 THRU 5KP110CA 5KP5.0J THRU 5KP110CAJ
Stand-off Voltage Peak Pulse Power 5.0 to 110 Volts 5000 Watts
RATING AND CHARACTERISTIC CURVES 5KP5.0/J THRU 5KP110A/J
PEAK PULSE POWER (PPP ) OR CURRENT(IPP ) DERATING IN PERCENTAGE % FIG.1- PEAK PULSE POWER RATING CURVE
100 Non-Repetitive Pulse Waveform Shown in Figure 3 TA=25 10
FIG.2- PULSE DERATING CURVE
100
P PPM, PEAK PULSE POWER, kW
75
50
1.0
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
0
t d ,PULSE WIDTH, SEC FIG.3- PULSE WAVEFORM
150 tf=10use Peak Value lppm Half Value-lpp 2 50 10/1000usec Waveform as Defined by R.E.A. Pulse Width (td)is Defined as the Point Where the Peak Current Decays to 50% of lpp
0
25
50
75
100
125
150
175
200
TA , AMBIENT TEMPERATURE () FIG.4- TYPICAL JUNCTION CAPACITANCE
100,000 TJ=25 f = 1.0MHz Vsig = 50mVp-p MEASURED at ZERO BIAS 10,000
IPPM, PEAK PULSE CURRENT ,%
100
CJ, JUNCTION CAPACITANCE, pF
MEASURED at STAND-OFF VOLTAGE,VWM 1000
0
td 0 1.0
t, TIME, ms
2.0
3.0
4.0
PM(AV), STEADY STATE POWER DISSIPATION, WATTS
FIG.5- STEADY STATE POWER DERATING CURVE
8 60 Hz Resistive or induction load
100
1
10
100 200
V(BR) ,BREALDOWN VOLTAGE, VOLTS FIG.6 - MAXMIUM NON-REPETITIVE FORWARD SURGE CURRENT
400 350 300 250 200 150 100 8.3ms Single Half Since-Wave JEDEC Method
4
L = 0.375" (9.5mm) LEAD LENGTHS
2 0.8x0.8x0.040" (20x20mm) COPPER HEAT SINKS 0 25 50 75 100 125 150 175 200
0
TL ,LEAD TEMPERATURE
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
6
1
10
100
NUMBER OF CYCLES AT 60 Hz
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of 5KP36AJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X