Part Number Hot Search : 
854SG STTA2512 A1203 B2100 IDT74A 2SA1190 STU03L01 F62D02
Product Description
Full Text Search
 

To Download 592D108X004R220H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 592D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Conformal Coated, Maximum CV
FEATURES
* New robust 6.3 V ratings for battery operated wireless applications * 1.0 mm to 2.5 mm height * Terminations: Lead (Pb)-free (2) standard * Low Impedance * 8 mm, 12 mm tape and reel packaging available per EIA-481-1 and reeling per IEC 286-3 7" [178 mm] standard 13" [330 mm] available * Case code compatible with CECC 30801 molded chips EIA 535BAAC and
Pb-free Available
RoHS*
COMPLIANT
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 C to + 85 C (To + 125 C with voltage derating)
Note: Refer to Doc. 40088
Capacitance Range: 1.0 F to 2200 F Capacitance Tolerance: 10 %, 20 % standard Voltage Rating: 4 WVDC to 50 WVDC
ORDERING INFORMATION
592D TYPE 106 CAPACITANCE X0 CAPACITANCE TOLERANCE X0 = 20 % X9 = 10 % 010 DC VOLTAGE RATING AT + 85 C This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 V). B CASE CODE See Ratings and Case Codes Table 2 TERMINATION T REEL SIZE AND PACKAGING T = Tape and Reel 7" [178 mm] Reel W = 13" [330 mm] Reel 15H SUFFIX
This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow.
2 = 100 % Tin 4 = Gold Plated 8 = Solder Plated 60/40 Special Order
Maximum height (mm) see dimensions
Note: Preferred Tolerance and reel sizes are in bold. We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating.
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 40004 Revision: 22-Aug-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 89
592D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Conformal Coated, Maximum CV
Tantalum Wire Nib Identifies Anode (+) Terminal
DIMENSIONS in inches [millimeters]
W L MAX. D REF. A B
J MAX. H
J MAX.
CASE SUFFIX H L (MAX.) W CODE A 12H 0.047 [1.2] Max. 0.146 0.072 0.012 [3.7] [1.8 0.3] A 15H 0.047 0.012 [1.2 0.3] B 15H 0.047 0.012 [1.2 0.3] 0.110 0.012 0.158 B 20H 0.079 [2.0] Max. [4.0] [2.8 0.3] B 13H 0.057 [1.3] Max. C 14H 0.055 [1.4] Max. C 15H 0.047 0.012 [1.2 0.3] 0.281 0.126 0.012 [7.1] [3.2 0.3] C 16H 0.063 [1.6] Max. C 20H 0.079 [2.0] Max. D 15H 0.047 0.012 [1.2 0.3] 0.298 0.170 0.012 D 18H 0.071 [1.8] Max. [7.5] [4.3 0.3] D 20H 0.079 [2.0] Max. R 15H 0.047 0.012 [1.2 0.3] 0.285 0.235 + 0.012/- 0.024 [7.2] [6.0 + 0.3/- 0.6] R 20H 0.079 [2.0] Max. S 12H 0.047 [1.2] Max. 0.126 0.012 0.063 0.012 [3.2 0.3] [1.6 0.3] S 13H 0.047 0.012 [1.2 0.3] X 16H 0.063 [1.6] Max. X 18H 0.071 [1.8] Max. 0.575 0.290 + 0.010/- 0.020 [14.5] [7.37 + 0.25/- 0.5] X 20H 0.079 [2.0] Max. X 25H 0.098 [2.5] Max. Note: The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]
A 0.031 0.012 [0.80 0.3] 0.031 0.012 [0.80 0.3]
B 0.087 0.016 [2.2 0.4] 0.097 0.016 [2.5 0.4]
D (REF.) 0.115 [2.9] 0.139 [3.5]
J (MAX.) 0.004 [0.1] 0.004 [0.1]
0.051 0.012 [1.3 0.3]
0.180 0.024 [4.4 0.6]
0.238 [6.0]
0.004 [0.1]
0.051 0.012 [1.3 0.3] 0.051 0.012 [1.3 0.3] 0.031 0.012 [0.8 0.3] 0.051 0.016 [1.3 0.4]
0.180 0.024 [4.6 0.6] 0.180 0.024 [4.6 0.6] 0.079 0.012 [2.0 0.3] 0.470 0.024 [11.9 0.6]
0.254 [6.4] 0.246 [6.2] 0.087 [2.2] 0.524 [13.2]
0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1]
RATINGS AND CASE CODES
F 4V 6.3 V 1.0 1.5 2.2 3.3 4.7 6.8 A A 10 15 B 22 A/B 33 B B/C/S 47 B*/C C/D 68 B/C/D C/D/B/R 100 A/B/C/D/R D/R 120 C 150 B/C/D/R D/C 220 C/D/R C/D/R 330 C/D/R C/D/R 470 B/C/D/R C/D/R 680 D/R R 1000 R R/X 1500 X R/X 2200 X X/X(25H)* Note: Contact factory for availability www.vishay.com 90 10 V 16 V 20 V 25 V 35 V A/B B B*/C C/D B/C/D/R D/R R 50 V
B A/C B*/C/D B/D/R B/C/C*/D/R/ D/C D* D D
A/B B/C B/D B/C/D B/C/D/R B/C/R C/D C/D D R
A/B B/C B/D C/R B/C*/D/R D*/R
A/B B/C C C/D B/D/R C*/R C*/D*
R
R
For technical questions, contact: tantalum@vishay.com
Document Number: 40004 Revision: 22-Aug-08
592D
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Conformal Coated, Maximum CV
STANDARD/EXTENDED RATINGS
CAPACITANCE (F) 22 22 33 47* 47 68 68 68 100 100* 100 100 100 100 100 150 150 150 150 150 220 220 220 330 330 330 330 470 470 470 470 470 470 680 680 1000 1500 2200 2200 CASE CODE PART NUMBER MAX. DCL AT + 25 C (A) MAX. DF AT + 25 C 120 Hz (%) MAX. ESR AT + 25 C 100 kHz () MAX. RIPPLE 100 kHz Irms (A) 0.16 0.22 0.22 0.23* 0.50 0.24 0.53 0.68 0.24 0.27* 0.87 0.42 0.53 0.69 0.42 0.87 0.42 0.52 0.71 0.42 0.87 0.78 0.76 1.08 1.12 0.91 0.86 0.40 0.94 0.95 1.05 1.18 1.32 1.32 1.18 0.94 2.10 2.30 2.30 0.10 0.15 0.15 0.22 0.23 0.39 0.20 0.20 0.32 0.24 0.50 0.17 0.24 0.17 0.17 0.24
Vishay Sprague
4 WVDC AT + 85 C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 C, SURGE = 3.4 V 592D226X_004A2_15H 0.9 6 2.40 592D226X_004B2_15H 0.9 6 1.60 592D336X_004B2_15H 1.3 6 1.60 592D476X_004B2_15H* 1.9* 6* 1.5* 592D476X_004C2_15H 1.9 6 0.40 592D686X_004B2_15H 2.7 6 1.40 592D686X_004C2_15H 2.7 6 0.35 592D686X_004D2_15H 2.7 6 0.27 592D107X_004A2_12H 4.0 24 1.00 592D107X_004A2_15H* 4.0* 8* 0.80* 592D107X_004B2_20H 4.0 8 0.20 592D107X_004C2_15H 4.0 8 0.45 592D107X_004D2_15H 4.0 8 0.35 592D107X_004R2_15H 4.0 8 0.26 592D107X_004B2_20H 4.0 8 0.45 592D157X_004B2_20H 6.0 8 0.20 592D157X_004C2_15H 6.0 8 0.45 592D157X_004D2_15H 6.0 8 0.36 592D157X_004R2_15H 6.0 8 0.25 592D157X_004B2_20H 6.0 8 0.45 592D227X_004C2_20H 8.3 8 0.20 592D227X_004D2_20H 8.3 8 0.20 592D227X_004R2_15H 8.3 8 0.19 592D337X_004C2_15H 13.2 8 0.12 592D337X_004D2_20H 13.2 8 0.12 592D337X_004D2_15H 13.2 8 0.18 592D337X_004R2_15H 13.2 8 0.15 592D477X_004B2_20H 18.8 35 0.50 592D477X_004D2_15H 18.8 8 0.14 592D477X_004D2_14H 18.8 8 0.14 592D477X_004C2_20H 18.8 8 0.10 592D477X_004D2_20H 18.8 8 0.10 592D477X_004R2_20H 18.8 10 0.10 592D687X_004D2_20H 27.2 12 0.10 592D687X_004R2_20H 27.2 12 0.10 592D108X_004R2_20H 40 14 0.20 592D158X_004X2_20H 60 20 0.04 592D228X_004X2_25H 88 25 0.04 592D228X_004X2_20H 88 25 0.055 6.3 WVDC AT + 85 C, SURGE = 8 V . . . 4 WVDC AT + 125 C, SURGE = 5 V 6.8 A 592D685X_6R3A2_15H 0.56 5 5.50 10 A 592D106X_6R3A2_15H 0.48 5 2.70 15 A 592D156X_6R3A2_15H 0.9 6 2.50 15 B 592D156X_6R3B2_15H 0.9 6 1.70 22 B 592D226X_6R3B2_15H 1.4 6 1.50 22 A 592D226X_6R3A2_10H 1.4 12 4.00 22 A 592D226X_6R3A2_13H 1.4 6 1.50 22 B 592D226X_6R3B2_15H 1.4 6 1.50 33 A 592D336X_6R3A2_15H 2.1 6 1.70 33 B 592D336X_6R3B2_15H 2.1 6 1.40 33 C 592D336X_6R3C2_15H 2.1 6 0.40 33 S 592D336X_6R3S2_12H 2.1 10 2.00 33 S 592D336X_6R3S2_13H 2.1 8 1.30 47 A 592D476X_6R3A2_13H 2.7 14 2.00 47 A 592D476X_6R3A2_15H 2.7 14 2.00 47 B 592D476X_6R3B2_15H 3.0 8 1.40 Note: * Preliminary values contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0". A B B B* C B C D A A* B C D R B B C D R B C D R C D D R B D D C D R D R R X X X Document Number: 40004 Revision: 22-Aug-08 For technical questions, contact: tantalum@vishay.com
www.vishay.com 91
592D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Conformal Coated, Maximum CV
MAX. DCL AT + 25 C (A) MAX. DF AT + 25 C 120 Hz (%) MAX. ESR AT + 25 C 100 kHz () MAX. RIPPLE 100 kHz Irms (A) 0.24 0.50 0.65 0.40 0.36 0.46 0.51 0.68 0.87 0.28 0.42 0.51 0.51 0.69 0.87 0.87 0.74 0.76 0.71 0.87 0.87 0.86 0.86 0.86 0.75 1.08 0.91 1.05 1.02 1.18 1.18 1.18 0.91 1.32 1.05 0.71 1.18 1.32 1.32 1.32 1.87 1.87 0.94 2.10 2.10 1.21 1.97 2.30 2.30 1.97 1.80 1.80
STANDARD/EXTENDED RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER
47 47 47 68 68 68 68 68 68 100 100 100 100 100 100 100 120 150 150 150 150 220 220 220 220 220 220 330 330 330 330 330 330 330 470 470 470 470 470 470 680 680 1000 1000 1000 1500 1500 1500 1500 1500 2200 2200
B C D B B C C D R B B C C D R R C C D R R C C C D D R C D D D D R R C C D R R R R R R X X R X X X X X X
6.3 WVDC AT + 85 C, SURGE = 8 V . . . 4 WVDC AT + 125 C, SURGE = 5 V 592D476X_6R3B2_12H 3.0 8 1.40 592D476X_6R3C2_15H 3.0 6 0.40 592D476X_6R3D2_15H 3.0 6 0.30 592D686X_6R3B2_20H 4.3 6 0.50 592D686X_6R3B2_13H 4.3 8 0.60 592D686X_6R3C2_14H 3.87 6 0.38 592D686X_6R3C2_15H 4.3 6 0.38 592D686X_6R3D2_15H 4.3 6 0.27 592D686X_6R3R2_15H 4.3 6 0.20 592D107X_6R3B2_15H 4.3 6 1.00 592D107X_6R3B2_20H 6.3 8 0.45 592D107X_6R3C2_15H 6.3 8 0.38 592D107X_6W3C2_15H 6.3 8 0.38 592D107X_6R3D2_15H 6.3 8 0.26 592D107X_6R3R2_15H 6.3 8 0.20 592D107X_6W3R2_15H 6.3 8 0.20 592D127X_6R3C2_20H 6.50 8 0.20 592D157X_6R3C2_20H 9.5 8 0.19 592D157X_6R3D2_15H 9.5 8 0.25 592D157X_6W3R2_15H 9.5 8 0.20 592D157X_6R3R2_15H 9.5 8 0.20 592D227X_6R3C2_18H 13.9 8 0.15 592D227X_6R3C2_20H 13.9 8 0.15 592D227X_6W3C2_20H 13.9 8 0.15 592D227X_6R3D2_15H 13.9 8 0.22 592D227X_6R3D2_20H 13.9 8 0.12 592D227X_6R3R2_15H 13.9 8 0.18 592D337X_6R3C2_20H 20.8 8 0.10 592D337X_6R3D2_16H 20.8 8 0.12 592D337X_6R3D2_20H 20.8 8 0.10 592D337X_6W3D2_20H 20.8 8 0.10 592D337X_6R3D2_19H 20.8 8 0.10 592D337X_6R3R2_15H 20.8 8 0.18 592D337X_6R3R2_20H 20.8 8 0.10 592D477X_6R3C2_20H 29.6 14 0.10 592D477X_6R3C2_16H 29.6 14 0.20 592D477X_6R3D2_20H 29.6 10 0.10 592D477X_6R3R2_20H 29.6 10 0.10 592D477X_6W3R2_20H 29.6 10 0.10 592D477X_6R3R2_16H 29.6 10 0.12 592D687X_6R3R2_20H 42.8 10 0.10 592D687X_6R3R2_16H 42.8 10 0.10 592D108X_6R3R2_20H 63 20 0.20 592D108X_6R3X2_20H 63 16 0.04 592D108X_6R3X2_18H 63 16 0.04 592D158X06R3R2_20H 95 33 0.12 592D158X_6R3X2_16H 95 25 0.045 592D158X_6R3X2_25H 95 20 0.035 592D158X_6W3X2_25H 95 20 0.035 592D158X_6R3X2_20H 95 25 0.045 592D228X_6R3X2_20H 139 35 0.055 592D228X_6R3X2_22H 139 35 0.055
Note: * Preliminary values contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0". www.vishay.com 92 For technical questions, contact: tantalum@vishay.com Document Number: 40004 Revision: 22-Aug-08
592D
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Conformal Coated, Maximum CV
STANDARD/EXTENDED RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DCL AT + 25 C (A) MAX. DF AT + 25 C 120 Hz (%) MAX. ESR AT + 25 C 100 kHz () MAX. RIPPLE 100 kHz Irms (A) 0.15 0.22 0.20 0.23 0.23 0.50 0.50 0.65 0.40* 0.68 0.87 0.40 0.84 0.68 0.66* 0.87 0.42 0.45 1.11 0.76 0.83 0.80 0.80 0.71 1.00 1.08 1.08 1.32 1.12 1.18 1.32 0.13 0.13 0.21 0.22 0.32 0.24 0.50 0.36 0.46 0.60 0.36 0.66 0.62 0.75 0.33 0.66 0.66 0.77 1.20 0.66
Vishay Sprague
10 10 22 22 22 22 33 33 33* 47 47 47 68 68 68* 68 68 100 100 100 100 150 150 150 150 220 220 220 330 330 330 4.7 6.8 6.8 10 10 15 15 22 22 22 33 33 33 33 47 47 47 47 68 68
A B A B B C C D B* B D R B C C* D R B C D R C C D D D D R D D R A A B B C B D B C D B C D R B C C R C C
10 WVDC AT + 85 C, SURGE = 13 V . . . 7 WVDC AT + 125 C, SURGE = 8 V 592D106X_010A2_15H 1.0 6 2.60 592D106X_010B2_15H 1.0 6 1.70 592D226X_010A2_13H 2.2 6 1.50 592D226X_010B2_15H 2.2 6 1.50 592D226X_010B2_13H 2.2 6 1.50 592D226X_010C2_15H 2.2 6 0.40 592D336X_010C2_15H 3.3 6 0.40 592D336X_010D2_15H 3.3 6 0.30 592D336X_010B2_20H* 3.3* 6* 0.50* 592D476X_010B2_20H 4.7 6 0.50 592D476X_010D2_15H 4.7 6 0.27 592D476X_010R2_15H 4.7 6 0.20 592D686X_010B2_20H 6.8 6 0.45 592D686X_010C2_15H 6.8 6 0.24 592D686X_010C2_20H* 6.8* 6* 0.25* 592D686X_010D2_15H 6.8 6 0.27 592D686X_010R2_15H 6.8 6 0.20 592D107X_010B2T20H 10 14 0.40 592D107X_010C2_20H 10 8 0.19 592D107X_010D2_15H 10 8 0.10 592D107X_010R2_15H 10 6 0.22 592D157X_010C2_15H 15 8 0.17 592D157X_010C2_20H 15 8 0.17 592D157X_010D2_15H 15 8 0.25 592D157X_010D2_20H 15 8 0.14 592D227X_010D2_20H 22 8 0.12 592D227X_010D2_19H 22 8 0.12 592D227X_010R2_20H 22 8 0.10 592D337X_010D2_18H 33 8 0.10 592D337X_010D2_20H 33 8 0.10 592D337X_010R2_20H 33 8 0.10 16 WVDC AT + 85 C, SURGE = 20 V . . . 10 WVDC AT + 125 C, SURGE = 12 V 592D475X_016A2_15H 0.8 6 3.50 592D685X_016A2_15H 1.1 6 3.30 592D685X_016B2_15H 1.1 6 1.80 592D106X_016B2_15H 1.6 6 1.60 592D106X_016C2_15H 1.6 6 1.00 592D156X_016B2_15H 2.4 6 1.40 592D156X_016D2_15H 2.4 6 0.50 592D226X_016B2_20H 3.5 6 0.60 592D226X_016C2_15H 3.5 6 0.30 592D226X_016D2_15H 3.5 6 0.40 592D336X_016B2_20H 5.3 6 0.60 592D336X_016C2_15H 5.3 6 0.25 592D336X_016D2_15H 5.3 6 0.30 592D336X_016R2_15H 5.3 6 0.27 592D476X_016B2_20H 7.5 6 0.72 592D476X_016C2_16H 7.5 6 0.25 592D476X_016C2_20H 7.5 6 0.25 592D476X_016R2_15H 7.5 6 0.25 592D686X_016C2_15H 10.9 6 0.50 592D686X_016C2_20H 10.9 6 0.25
Note: * Preliminary values contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".
Document Number: 40004 Revision: 22-Aug-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 93
592D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Conformal Coated, Maximum CV
MAX. DCL MAX. DF MAX. ESR AT + 25 C AT + 25 C AT + 25 C (A) 120 Hz (%) 100 kHz () 16 WVDC AT + 85 C, SURGE = 20 V . . . 10 WVDC AT + 125 C, SURGE = 12 V 592D686X_016D2_20H 10.9 6 0.17 592D107X_016C2_20H 16 8 0.15 592D107X_016D2_15H 16 8 0.15 592D107X_016C2_20H 16 8 0.15 592D107X_016D2_20H 16 8 0.15 592D157X_016D2_20H 24 8 0.10 592D157X_016R2_20H 24 8 0.10 592D227X_016R2_20H 35.2 9 0.12 20 WVDC AT + 85 C, SURGE = 26 V . . . 13 WVDC AT + 125 C, SURGE = 16 V 592D475X_020A2_15H 0.9 6 3.80 592D475X_020B2_15H 0.9 6 3.20 592D685X_020B2_15H 1.4 6 3.10 592D685X_020C2_15H 1.4 6 1.10 592D106X_020B2_15H 2.0 6 3.00 592D106X_020D2_15H 2.0 6 0.50 592D156X_020C2_15H 3.0 6 0.60 592D156X_020R2_15H 3.0 6 0.40 592D226X_020B2_20H 4.4 6 0.60 592D226X_020C2_20H* 4.4* 6* 0.30* 592D226X_020D2_15H 4.4 6 0.40 592D226X_020R2_15H 4.4 6 0.28 592D336X_020D2_20H* 6.6* 6* 0.26* 592D336X_020R2_15H 6.6 6 0.28 25 WVDC AT + 85 C, SURGE = 33 V . . . 17 WVDC AT + 125 C, SURGE = 20 V 592D225X_025A2_15H 0.6 6 8.00 592D225X_025B2_15H 0.6 6 6.00 592D335X_025B2_15H 0.8 6 5.60 592D335X_025C2_15H 0.8 6 2.00 592D475X_025C2_15H 1.2 6 1.60 592D685X_025C2_15H 1.7 6 1.30 592D685X_025D2_15H 1.7 6 1.30 592D106X_025B2_15H 2.5 6 2.00 592D106X_025D2_15H 2.5 6 1.20 592D106X_025R2_15H 2.5 6 0.48 592D156X_025R2_15H 3.8 6 0.40 592D156X_025C2_20H* 3.8* 6* 0.40* 592D226X_025C2_20H* 5.5* 6* 0.30* 592D226X_025D2_20H* 5.5* 6* 0.30* 592D686X_025R2_20H 17 8 0.23 35 WVDC AT + 85 C, SURGE = 46 V . . . 23 WVDC AT + 125 C, SURGE = 28 V 592D105X_035A2_15H 0.5 4 10.0 592D105X_035B2_15H 0.5 4 6.50 592D155X_035B2_15H 0.5 4 4.2 592D225X_035B2_15H* 0.8* 6* 6.00* 592D225X_035C2_15H 0.8 6 3.50 592D335X_035C2_15H 1.2 6 3.20 592D335X_035D2_15H 1.2 6 2.10 592D475X_035B2_15H 1.6 6 1.60 592D475X_035C2_15H 1.6 6 2.60 592D475X_035C2_15H 1.6 6 2.80 592D475X_035D2_15H 1.6 6 1.80 592D475X_035R2_15H 1.6 6 1.30 592D685X_035D2_15H 2.4 6 1.30 592D685X_035R2_15H 2.4 6 1.20 592D106X_035R2_15H 3.5 6 1.20 50 WVDC AT + 85 C, SURGE = 65 V . . . 33 WVDC AT + 125 C, SURGE = 38 V 592D106X_050R2_20H 5.0 6 0.70 PART NUMBER MAX. RIPPLE 100 kHz Irms (A) 0.91 0.85 0.97 0.97 0.97 1.18 1.32 1.30 0.13 0.16 0.16 0.30 0.16 0.48 0.42 0.65 0.37 0.61* 0.56 0.73 0.73* 0.73 0.09 0.12 0.12 0.22 0.25 0.26 0.31 0.29 0.32 0.56 0.61 0.52* 0.68* 0.68* 0.812 0.08 0.11 0.14 0.12* 0.17 0.18 0.24 0.23 0.20 0.18 0.24 0.34 0.31 0.35 0.35 0.50
STANDARD/EXTENDED RATINGS
CAPACITANCE (F) 68 100 100 100 100 150 150 220 4.7 4.7 6.8 6.8 10 10 15 15 22 22* 22 22 33* 33 2.2 2.2 3.3 3.3 4.7 6.8 6.8 10 10 10 15 15* 22* 22* 68 1.0 1.0 1.5 2.2* 2.2 3.3 3.3 4.7 4.7 4.7 4.7 4.7 6.8 6.8 10 10 CASE CODE
D C D C D D R R A B B C B D C R B C* D R D* R A B B C C C D B D R R C* C* D* R A B B B* C C D B C C D R D R R R
Note: * Preliminary values contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0". www.vishay.com 94 For technical questions, contact: tantalum@vishay.com Document Number: 40004 Revision: 22-Aug-08
592D
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Conformal Coated, Maximum CV
CASE CODE/PART NUMBER X-REF
OLD A2_ B2_ C2_ D2_ R2_ S2_ T2_ U2_ V2_ W2_ X2_ Y2_ NEW A2_15H B2_15H C2_15H D2_15H R2_15H S2_13H B2_20H C2_20H D2_20H R2_20H X2_20H X2_25H
Vishay Sprague
TYPICAL CURVES OF ESR - AS A FUNCTION OF FREQUENCY
"A" Case "B" Case
1000
IMPEDANCE ESR
1000
IMPEDANCE ESR
100 1 F, 35 V 10 15 F, 6.3 V 1
100
4.7 F, 20 V
10
1
10 F, 10 V
0.1 0.1
1
10 FREQUENCY (kHz)
100
1000
0.1 0.1
1
10 FREQUENCY (kHz)
100
1000
"C" Case
"D" Case
1000
IMPEDANCE ESR
100
IMPEDANCE ESR
100
4.7 F, 25 V
10 1
10
6.8 F, 25 V
1
33 F, 6.3 V
0.1
47 F, 6.3 V
0.1 0.1 1 10 FREQUENCY (kHz) 100 1000 0.01 0.1 1 10 FREQUENCY (kHz) 100 1000
Document Number: 40004 Revision: 22-Aug-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 95
592D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Conformal Coated, Maximum CV
TYPICAL CURVES AT + 25 C, IMPEDANCE AND ESR VS. FREQUENCY
"R" Case "S" Case
100
IMPEDANCE ESR
100
IMPEDANCE ESR
10

10 33 - 6.3 V
1
10 F, 25 V
1
0.1
0.1
100 F, 6.3 V
0.01 0.1 1 10 FREQUENCY (kHz) 100 1000 0.01 0.1 1 10 FREQUENCY (kHz) 100 1000
592D 1500-4 V X/20H CASE ESR/IMPEDANCE VS FREQUENCY
10 IMPEDANCE ESR 1
592D 1500-6.4 V X/25H CASE ESR/IMPEDANCE VS FREQUENCY
10 IMPEDANCE ESR 1
0.1
0.1 1 10 100 FREQUENCY (kHz) 1000 10 000 0.01 0.1
0.01 0.1
1
10 100 FREQUENCY (kHz)
1000
10 000
592D 1000-6.3 V X/20H CASE ESR/IMPEDANCE VS FREQUENCY
10 IMPEDANCE ESR 1 1 10
592D 2200-4 V X/25H CASE ESR/IMPEDANCE VS FREQUENCY
IMPEDANCE ESR
0.1
0.1
0.01 0.1
1
10 100 FREQUENCY (kHz)
1000
10 000
0.01 0.1
1
10 100 FREQUENCY (kHz)
1000
10 000
www.vishay.com 96
For technical questions, contact: tantalum@vishay.com
Document Number: 40004 Revision: 22-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 592D108X004R220H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X