Part Number Hot Search : 
1209S 1209S 4073B C5141 1209S TA9329FB IT610HX IRF1010E
Product Description
Full Text Search
 

To Download 520C113T250DF2B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Ripple, Long-life, Inverter Grade, 85 C
Type 520C 85 C Long-life, Inverter Grade, Aluminum
Best Value High Ripple Type Type 520C is the 85 C version of the Type 550C InverterGrade capacitor. It delivers the ripple-current capability and exceptional life needed for motor-drive bus capacitors and approaches the performance of the 550C at lower cost. It is rated for 8000 hours life with full ripple current, rated voltage, 85 C and 100 lfm airflow while mounted horizontally. Horizontal mounting is more severe than vertical mounting. The extended cathode foil of the 520C assures heat flow from the capacitor element to the can in all orientations. * 8,000 hour load life * Ripple current to 55 amps * ESRs to 8 m * Best value high ripple current * Thermal-PakTM extended cathode construction -40 C to +85 C 200 to 500 Vdc 84 F to 39,000 F -10% +50% 3CV (A) 5 mA max., 5 minutes -20 C multiple of 25 C Z 3 Ambient Temperature
45 C 1.80 55 C 1.63 65 C 1.45 75 C 1.25 85 C 1.00
10 kHz 50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 1 3/8" & 1 3/4" Diameters 200 to 350 V 400 to 500 Vx 2" & 2 1/2" Diameters 200 to 350 V 400 to 500 V 3" & 3 1/2" Diameters 200 to 350 V 400 to 500 V 0.84 0.79 0.88 0.84 1.00 1.00 1.12 1.18 1.17 1.26 1.20 1.31 1.20 1.32 0.78 0.77 0.83 0.82 1.00 1.00 1.20 1.22 1.29 1.33 1.34 1.39 1.35 1.40 0.76 0.76 0.81 0.81 1.00 1.00 1.24 1.24 1.36 1.37 1.43 1.44 1.44 1.45 & up
Highlights
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: Leakage Current: Cold Impedence: Ripple Current Multipliers:
Frequency
EIA Ripple Life: 8,000 h at full load @ +85 C per EIA IS-749 Capacitance 20% ESR 200% of limit DCL 100% of limit Life Test: 10,000 h at rated voltage and 85 C Complies with the EU Directive Capacitance: 20% 2002/95/EC requirement restricting ESR: 200% of limit the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium DCL: 100% of limit (Cr(VI)), PolyBrominated Biphenyls 500 h @ 85 C, capacitance, ESR and DCL, initial requireShelf Life: (PBB) and PolyBrominated Diphenyl ments Ethers (PBDE). Vibration: 10 to 55 Hz, 0.06" and 10 g max, 1.5 h ea. of 2 axis CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 520C 85 C Long-life, Inverter Grade, Aluminum
Outline Drawing Case Dimensions Uninsulated Case Dimensions
For insulated case, add 0.024"(0.610 mm) to "D"and 0.030"(0.762 mm) to height.
Diam. (D) Case Code AK AA AH AB AJ AC AD AE AF EA EH EB EJ EC ED EE EF BA BH BB BJ BC BD BE BF CH CB CJ CC CD CE CF DB .031 Inches 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.750 1.750 1.750 1.750 1.750 1.750 1.750 1.750 2.000 2.000 2.000 2.000 2.000 2.000 2.000 2.000 2.500 2.500 2.500 2.500 2.500 2.500 2.500 3.000 3.000 3.000 3.000 3.000 3.000 3.000 3.000 3.000 3.500 3.500 3.500 3.500 3.500 3.500 3.500 .78 mm 34.93 34.93 34.93 34.93 34.93 34.93 34.93 34.93 34.93 44.45 44.45 44.45 44.45 44.45 44.45 44.45 44.45 50.80 50.80 50.80 50.80 50.80 50.80 50.80 50.80 63.50 63.50 63.50 63.50 63.50 63.50 63.50 76.20 76.20 76.20 76.20 76.20 76.20 76.20 76.20 76.20 88.90 88.90 88.90 88.90 88.90 88.90 88.90 Length (L) .062 Inches 1.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.625 3.125 3.625 4.125 4.625 5.125 5.625 3.125 3.625 4.125 4.625 5.125 5.625 5.875 7.625 8.625 4.125 4.625 5.125 5.625 5.875 7.625 8.625 1.57 mm 41.28 53.98 66.68 79.38 92.08 104.78 117.48 130.18 142.88 53.98 66.68 79.38 92.08 104.78 117.48 130.18 142.88 53.98 66.68 79.38 92.08 104.78 117.48 130.18 142.88 66.68 79.38 92.08 104.78 117.48 130.18 142.88 79.38 92.08 104.78 117.48 130.18 142.88 149.23 193.68 219.08 104.78 117.48 130.18 142.88 149.23 193.68 219.08 Terminals (S) 0.015 Inches 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.88 0.88 0.88 0.88 0.88 0.88 0.88 0.88 1.13 1.13 1.13 1.13 1.13 1.13 1.13 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 .38 mm 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 19.05 19.05 19.05 19.05 19.05 19.05 19.05 19.05 22.23 22.23 22.23 22.23 22.23 22.23 22.23 22.23 28.58 28.58 28.58 28.58 28.58 28.58 28.58 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 Typical Weight oz 1.9 2.0 2.7 3.3 3.8 4.4 5.1 6.8 8.1 2.7 3.8 5.1 6.8 8.1 9.0 9.5 10.5 5.4 6.1 6.8 8.2 9.5 10.3 10.7 13.0 9.2 10.4 12.7 15.0 17.2 19.3 21.4 16.7 20.0 22.2 25.5 30.0 31.9 32.8 39.5 43.3 30.0 34.4 40.5 43.1 44.3 53.3 58.5 g 54 57 77 94 108 125 145 193 230 76 108 145 193 230 255 269 298 153 173 193 232 269 292 303 369 261 295 361 425 488 547 607 473 567 629 723 850 904 931 1119 1227 850 976 1148 1221 1257 1512 1658
NOTE:With the stud-mount feature, a thermally-conductive disk can be inserted in the bottom flush with the outer insulating sleeve. This reduces the thermal resistance through the can bottom by 0.3 C/W. Can Style P.
Stud Dimensions
Case
Stud Thread M8 M8 M12 M12 M12 M12
P 0.039" (1.0 mm) 0.470" (12.0) 0.470" (12.0) 0.630" (16.0) 0.630" (16.0) 0.630" (16.0) 0.630" (16.0)
DJ DC DD DE DF DP DN DG FC FD FE FF FP FN FG
Diam. 1.38 1.75 2.00 2.50 3.00 3.50
Terminal Dimensions
For Case Terminal Style Diameters Code Post Diameter in mm
H max in mm Thread
min Full Thread in mm
Torque in*lb N*m
Low Post High Post
1 to 3 1 to 3
A B D E M F G H
0.314 8.0 0.314 8.0 0.684 17.4 0.684 17.4 0.314 8.0 0.512 13.0 0.684 17.4 0.684 17.4
0.094 2.4 0.281 7.1 0.125 3.2 0.281 7.1 0.281 7.1 0.230 5.8 0.125 3.2 0.281 7.1
10-32 10-32 1/4-28 1/4-28 M5 M5 M6 M6
0.218 0.375 0.344 0.469 0.375 0.344 0.344 0.469
5.5 9.5 8.7 11.9 9.5 8.7 8.7 11.9
25 25 60 60 25 25 60 60
2.82 2.82 6.78 6.78 2.82 2.82 6.78 6.78
High Current, Low 21/2 to 31/2 High Current, High 21/2 to 31/2 M5 Post, Small M5 Post M6 Low Post M6 High Post 1 to 2 21/2 & 3 21/2 to 31/2 21/2 to 31/2
Click here to see Hardware & Mounting Options
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Part Numbering System 520C
Type 520C
Type 520C 85 C Long-life, Inverter Grade, Aluminum
T 500 FG 2 D S
782
Capacitance 782 = 7800 F
Tolerance Voltage Case Code Insulation M= 20% 200=200 Vdc 0= None U= 10%+75% 500=500 Vdc 1= Polyester T= 10%+50% 2= PVC Polyester insulation is not available for 3.5-inch diameter units. Standard insulation is 0.008-in PVC sleeve with 0.01-in polypropylene end disk.
Typical Performance Curves
Terminal Can Style A= Low Post Blank= B= High Post Standard D= High Current, Can Low Post S= Stud E= High Current, Mount High Post P= Stud F or M= M5 Post with G= M6 Low Post thermal H= M6 High Post pad
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 520C 85 C Long-life, Inverter Grade, Aluminum
Ratings
Cap. (F) 430 780 950 1300 1300 1400 1600 1600 2000 2000 2200 2300 2700 2700 2800 3000 3200 3300 3600 3900 4400 4400 4500 5000 5200 5700 6000 6400 6800 7000 8200 8200 9500 10000 11000 12000 14000 15000 16000 16000 17000 20000 22000 23000 24000 26000 34000 Catalog Part Number ESR Max. @ 25 C 120 Hz (m) 216.0 147.0 106.0 82.4 83.1 86.1 67.1 65.7 54.2 64.1 50.8 45.4 39.7 39.8 48.4 35.0 44.3 32.9 38.0 28.1 30.0 32.8 24.6 22.0 25.7 23.4 22.8 31.8 20.6 21.3 18.2 24.9 16.6 20.7 14.4 17.7 18.0 15.6 14.0 16.1 13.3 14.1 12.3 12.6 12.0 10.1 9.7 Ripple Max. @ 85C Nominal Size 120 Hz DxL (A) (inches) 2.4 3.2 4.0 4.9 4.9 5.2 5.7 5.9 6.6 6.5 7.2 7.6 8.4 8.5 8.0 9.3 9.0 9.8 9.5 11.1 11.2 11.1 12.3 13.4 12.5 13.8 13.8 12.6 15.0 15.1 17.0 15.0 18.4 17.1 20.4 19.2 19.7 21.7 23.0 21.7 24.4 24.4 27.6 26.5 27.5 31.0 33.6 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 5/8 1 3/4 x 2 5/8 1 3/8 x 4 1/8 2 x 2 5/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/4 x 3 5/8 2 x 3 1/8 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2 x 3 5/8 1 3/4 x 4 5/8 2 x 4 1/8 2 1/2 x 3 1/8 1 3/4 x 5 1/8 1 3/4 x 5 5/8 2 x 4 5/8 2 1/2 x 3 5/8 2 x 5 1/8 3 x 3 1/8 2 x 5 5/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8 3 x 7 5/8 3 1/2 x 5 5/8 3 1/2 x 5 7/8 3 x 8 5/8 3 1/2 x 7 5/8 290 530 640 880 880 940 1100 1100 1300 1400 1500 1600 1800 1900 1900 2000 2100 2200 2400 2600 3000 3000 3000 3400 3500 3900 4100 4300 4600 4700 5600 5600 6400 6800 7300 8000 9300 10000 11000 11000 12000 14000 15000 16000 16000 18000 Cap. (F) 39000 Catalog Part Number 520C393T200FG2D 520C291T250AK2B 520C531T250AA2B 520C641T250AH2B 520C881T250AB2B 520C881T250EA2B 520C941T250BA2B 520C112T250AJ2B 520C112T250EH2B 520C132T250AC2B 520C142T250BH2B 520C152T250EB2B 520C162T250AD2B 520C182T250AE2B 520C192T250EJ2B 520C192T250BB2B 520C202T250AF2B 520C212T250CH2B 520C222T250EC2B 520C242T250BJ2B 520C262T250ED2B 520C302T250EE2B 520C302T250BC2B 520C302T250CB2B 520C342T250EF2B 520C352T250BD2B 520C392T250CJ2B 520C412T250BE2B 520C432T250DB2B 520C462T250BF2B 520C472T250CC2B 520C562T250CD2B 520C562T250DJ2B 520C642T250CD2B 520C682T250DC2B 520C732T250CF2B 520C802T250DD2B 520C932T250DE2B 520C103T250FC2D 520C113T250DF2B 520C113T250DP2B 520C123T250FD2D 520C143T250FE2D 520C153T250FF2D 520C163T250DN2B 520C163T250FP2D 520C183T250DG2D ESR Max. @ 25 C 120 Hz (m) 8.3 273.0 164.0 125.0 91.9 104.0 99.3 72.9 87.0 60.6 69.0 64.1 54.1 46.3 51.0 48.5 40.3 54.2 42.4 40.0 36.4 32.0 33.0 33.6 28.6 28.2 26.3 24.7 29.0 22.1 21.8 18.6 22.7 16.3 18.5 14.5 17.1 15.0 20.4 12.6 12.1 18.1 15.8 13.9 9.1 13.5 7.4
RoHS Compliant
Ripple Max. @ 85C Nominal Size 120 Hz DxL (A) (inches) 37.2 2.1 3.0 3.7 4.6 4.4 4.9 5.5 5.2 6.3 6.3 6.4 6.9 7.8 7.6 8.0 8.7 8.2 8.7 9.2 9.7 10.8 10.6 11.0 11.8 12.0 13.0 13.2 13.2 14.5 15.0 16.8 15.7 18.6 18.2 20.3 19.5 21.6 19.0 24.3 25.1 20.9 23.0 25.3 32.2 26.0 36.2 3.5 x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 5/8 1 3/4 x 2 5/8 1 3/8 x 4 1/8 2 x 2 5/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/4 x 3 5/8 2 x 3 1/8 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2 x 3 5/8 1 3/4 x 4 5/8 1 3/4 x 5 1/8 2 x 4 1/8 2 1/2 x 3 1/8 1 3/4 x 5 5/8 2 x 4 5/8 2 1/2 x 3 5/8 2 x 5 1/8 3 x 3 1/8 2 x 5 5/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 x 7 5/8 3 1/2 x 5 7/8 3 x 8 5/8
200 Vdc (250 Vdc Surge) 520C431T200AK2B 520C781T200AA2B 520C951T200AH2B 520C132T200AB2B 520C132T200EA2B 520C142T200BA2B 520C162T200AJ2B 520C162T200EH2B 520C202T200AC2B 520C202T200BH2B 520C222T200EB2B 520C232T200AD2B 520C272T200AE2B 520C272T200EJ2B 520C282T200BB2B 520C302T200AF2B 520C322T200CH2B 520C332T200EC2B 520C362T200BJ2B 520C392T200ED2B 520C442T200BC2B 520C442T200CB2B 520C452T200EE2B 520C502T200EF2B 520C522T200BD2B 520C572T200CJ2B 520C602T200BE2B 520C642T200DB2B 520C682T200BF2B 520C702T200CC2B 520C822T200CD2B 520C822T200DJ2B 520C952T200CD2B 520C103T200DC2B 520C113T200CF2B 520C123T200DD2B 520C143T200DE2B 520C153T200FC2D 520C163T200DF2B 520C163T200DP2B 520C173T200FD2D 520C203T200FE2D 520C223T200DN2D 520C233T200FF2D 520C243T200FP2D 520C263T200DG2D 520C343T200FN2D
250 Vdc (300 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 520C 85 C Long-life, Inverter Grade, Aluminum
Cap. (F) 22000 26000 210 360 510 530 670 670 760 840 960 1000 1100 1200 1300 1300 1400 1500 1600 1700 1700 2000 2200 2300 2400 2500 2600 2900 2900 3300 3400 3500 4100 4300 4800 5300 5400 6300 7200 7400 8200 8700 8800 10000 11000 12000 12000 Catalog Part Number 520C223T250FN2D 520C263T250FG2D 520C211T300AK2B 520C361T300AA2B 520C511T300AH2B 520C531T300EA2B 520C671T300AB2B 520C671T300BA2B 520C761T300EH2B 520C841T300AJ2B 520C961T300BH2B 520C102T300AC2B 520C112T300EB2B 520C122T300AD2B 520C132T300AE2B 520C132T300BB2B 520C142T300EJ2B 520C152T300AF2B 520C162T300CH2B 520C172T300EC2B 520C172T300BJ2B 520C202T300ED2B 520C222T300CB2B 520C232T300EE2B 520C242T300BC2B 520C252T300BD2B 520C262T300EF2B 520C292T300BE2B 520C292T300CJ2B 520C332T300BF2B 520C342T300DB2B 520C352T300CC2B 520C412T300CD2B 520C432T300DJ2B 520C482T300CD2B 520C532T300DC2B 520C542T300CF2B 520C632T300DD2B 520C722T300DE2B 520C742T300FC2D 520C822T300DF2B 520C872T300DP2B 520C882T300FD2D 520C103T300FE2D 520C113T300FF2D 520C123T300DN2B 520C123T300FP2D ESR Max. @ 25 C 120 Hz (m) 11.0 9.6 439.0 243.0 198.0 146.0 144.0 138.0 123.0 112.0 108.0 94.9 88.7 81.2 69.0 71.7 74.7 63.4 59.5 63.6 58.3 51.0 48.8 44.7 48.0 40.8 39.8 35.7 40.0 31.7 44.9 31.4 26.8 35.7 23.3 27.5 20.7 24.8 21.5 22.1 18.9 17.9 19.1 16.8 15.0 13.8 14.2 Ripple Max. @ 85C Nominal Size 120 Hz DxL (A) (inches) 31.5 34.6 1.7 2.5 2.9 3.7 3.7 4.1 4.3 4.4 5.0 5.0 5.4 5.7 6.4 6.6 6.2 6.9 7.8 7.1 7.7 8.2 9.1 9.1 8.8 9.9 10.0 11.0 10.6 12.1 10.6 12.5 14.0 12.5 15.5 14.9 17.0 16.3 18.0 18.2 19.8 20.6 20.3 22.3 24.4 26.1 25.3 3 1/2 x 7 5/8 3 1/2 x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 2 x 2 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2 x 3 5/8 1 3/4 x 4 5/8 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 1/8 2 x 4 5/8 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 x 7 5/8 3 1/2 x 5 7/8 190 330 460 480 610 620 690 770 880 920 970 1100 1200 1200 1300 1400 1500 1500 1600 1800 2000 2100 2200 2300 2400 2600 2600 3000 3100 3200 3800 4000 4400 4800 4900 5700 6600 6800 7500 7900 8000 9200 10000 10000 Cap. (F) 14000 17000 20000 Catalog Part Number 520C143T300DG2B 520C173T300FN2D 520C203T300FG2D 520C191T350AK2B 520C331T350AA2B 520C461T350AH2B 520C481T350EA2B 520C611T350BA2B 520C621T350AB2B 520C691T350EH2B 520C771T350AJ2B 520C881T350BH2B 520C921T350AC2B 520C971T350EB2B 520C112T350AD2B 520C122T350AE2B 520C122T350BB2B 520C132T350EJ2B 520C142T350AF2B 520C152T350EC2B 520C152T350CH2B 520C162T350BJ2B 520C182T350ED2B 520C202T350CB2B 520C212T350EE2B 520C222T350BC2B 520C232T350BD2B 520C242T350EF2B 520C262T350BE2B 520C262T350CJ2B 520C302T350BF2B 520C312T350DB2B 520C322T350CC2B 520C382T350CD2B 520C402T350DJ2B 520C442T350CD2B 520C482T350DC2B 520C492T350CF2B 520C572T350DD2B 520C662T350DE2B 520C682T350FC2D 520C752T350DF2B 520C792T350DP2B 520C802T350FD2D 520C922T350FE2D 520C103T350FF2D 520C103T350FF2D ESR Max. @ 25 C 120 Hz (m) 11.3 11.5 9.8 636.0 398.0 266.0 185.0 176.0 200.0 170.0 160.0 139.0 134.0 131.0 115.0 101.0 107.0 102.0 90.2 83.9 91.3 83.2 71.2 64.0 62.0 68.4 58.1 55.0 50.7 51.0 45.0 56.6 41.9 35.7 43.8 31.1 36.5 27.6 31.0 27.1 31.4 24.1 22.8 27.0 23.6 21.0 21.0 Ripple Max. @ 85C Nominal Size 120 Hz DxL (A) (inches) 29.3 30.9 34.2 1.4 1.9 2.5 3.3 3.7 3.1 3.7 3.7 4.4 4.2 4.5 4.8 5.3 5.4 5.3 5.8 6.2 6.3 6.4 7.0 8.0 7.7 7.4 8.3 8.5 9.2 9.4 10.1 9.5 10.8 12.1 11.3 13.5 12.9 14.7 14.5 16.1 15.3 17.5 18.3 17.1 18.9 20.6 20.6 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2 x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 1 3/8 x 5 5/8 1 3/4 x 4 1/8 2 1/2 x 2 5/8 2 x 3 5/8 1 3/4 x 4 5/8 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 1/8 2 x 4 5/8 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 1/2 x 5 5/8
300 Vdc (350 Vdc Surge)
350 Vdc (400 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 520C 85 C Long-life, Inverter Grade, Aluminum
Cap. (F) 11000 13000 15000 18000 150 250 350 370 470 470 530 590 670 710 740 820 940 940 950 1100 1100 1200 1200 1400 1600 1600 1700 1700 1800 2000 2000 2300 2400 2400 2900 3000 3300 3700 3800 4400 5000 5200 5700 6100 6100 7000 8000 Catalog Part Number 520C113T350FP2D 520C133T350DG2B 520C153T350FN2D 520C183T350FG2D 520C151T400AK2B 520C251T400AA2B 520C351T400AH2B 520C371T400EA2B 520C471T400AB2B 520C471T400BA2B 520C531T400EH2B 520C591T400AJ2B 520C671T400BH2B 520C711T400AC2B 520C741T400EB2B 520C821T400AD2B 520C941T400AE2B 520C941T400BB2B 520C951T400EJ2B 520C112T400AF2B 520C112T400CH2B 520C122T400EC2B 520C122T400BJ2B 520C142T400ED2B 520C162T400EE2B 520C162T400CB2B 520C172T400BC2B 520C172T400BD2B 520C182T400EF2B 520C202T400BE2B 520C202T400CJ2B 520C232T400BF2B 520C242T400CC2B 520C242T400DB2B 520C292T400CD2B 520C302T400DJ2B 520C332T400CD2B 520C372T400DC2B 520C382T400CF2B 520C442T400DD2B 520C502T400DE2B 520C522T400FC2D 520C572T400DF2B 520C612T400DP2B 520C612T400FD2D 520C702T400FE2D 520C802T400FF2D ESR Max. @ 25 C 120 Hz (m) 19.9 14.9 15.7 13.0 685.0 429.0 286.0 199.0 215.0 188.0 182.0 173.0 149.0 149.0 141.0 124.0 109.0 114.0 110.0 97.1 97.8 97.8 89.2 76.5 66.6 68.6 73.3 62.3 59.0 54.3 54.6 48.2 44.9 60.4 47.1 47.1 33.0 38.8 33.0 29.5 28.8 33.5 25.6 24.3 28.8 25.1 22.3 Ripple Max. @ 85C Nominal Size 120 Hz DxL (A) (inches) 21.4 25.5 26.7 29.7 1.3 1.9 2.5 3.2 3.0 3.5 3.6 3.6 4.3 4.0 4.3 4.6 5.1 5.2 5.1 5.6 6.1 5.7 6.2 6.7 7.5 7.7 7.1 8.1 8.2 8.9 9.1 9.8 10.4 9.2 10.6 10.9 13.0 12.5 13.5 14.9 15.6 14.8 17.0 17.7 16.6 18.3 20.0 3 1/2 x 5 7/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2 x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 2 x 2 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2 x 3 5/8 1 3/4 x 4 5/8 1 3/4 x 5 1/8 2 1/2 x 3 1/8 2 x 4 1/8 2 x 4 5/8 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 2 x 5 5/8 2 1/2 x 4 1/8 3 x 3 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 120 210 290 300 390 390 440 490 550 580 610 680 780 780 790 870 920 960 1000 1100 1300 1300 1400 1400 1500 1600 1700 1900 1900 2000 2400 2500 2700 3100 3100 3600 4200 4300 4700 5000 5000 5800 Cap. (F) 8400 8500 9800 12000 14000 Catalog Part Number 520C842T400DN2B 520C852T400FP2D 520C982T400DG2B 520C123T400FN2D 520C143T400FG2D 520C121T450AK2B 520C211T450AA2B 520C291T450AH2B 520C301T450EA2B 520C391T450AB2B 520C391T450BA2B 520C441T450EH2B 520C491T450AJ2B 520C551T450BH2B 520C581T450AC2B 520C611T450EB2B 520C681T450AD2B 520C781T450AE2B 520C781T450BB2B 520C791T450EJ2B 520C871T450AF2B 520C921T450CH2B 520C961T450EC2B 520C102T450BJ2B 520C112T450ED2B 520C132T450EE2B 520C132T450CB2B 520C142T450BC2B 520C142T450BD2B 520C152T450EF2B 520C162T450CJ2B 520C172T450BE2B 520C192T450BF2B 520C192T450DB2B 520C202T450CC2B 520C242T450CD2B 520C252T450DJ2B 520C272T450CD2B 520C312T450CF2B 520C312T450DC2B 520C362T450DD2B 520C422T450DE2B 520C432T450FC2D 520C472T450DF2B 520C502T450DP2B 520C502T450FD2D 520C582T450FE2D ESR Max. @ 25 C 120 Hz (m) 19.1 21.1 15.8 16.6 13.8 831.0 460.0 344.0 347.0 258.0 240.0 224.0 207.0 187.0 173.0 173.0 149.0 131.0 134.0 135.0 146.0 114.0 111.0 104.0 94.2 82.0 81.9 82.1 71.4 72.7 63.5 63.5 53.4 52.6 49.8 42.3 40.3 38.9 32.7 33.0 27.8 23.9 23.9 21.3 20.0 20.0 17.6 Ripple Max. @ 85C Nominal Size 120 Hz DxL (A) (inches) 22.2 20.8 24.8 25.9 28.8 1.2 1.8 2.2 2.4 2.8 3.1 3.2 3.2 3.8 3.7 3.9 4.2 4.6 4.8 4.6 4.6 5.6 5.4 5.7 6.1 6.7 7.0 6.7 7.5 7.4 8.4 8.3 9.3 9.8 9.9 11.1 11.8 12.0 13.5 13.6 15.3 17.1 17.5 18.7 19.5 19.9 21.8 3 x 7 5/8 3 1/2 x 5 7/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2 x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 2 x 2 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2 x 3 5/8 1 3/4 x 4 5/8 1 3/4 x 5 1/8 2 1/2 x 3 1/8 2 x 4 1/8 2 x 4 5/8 1 3/4 x 5 5/8 2 1/2 x 3 5/8 2 x 5 1/8 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 2 1/2 x 5 5/8 3 x 4 1/8 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8
400 Vdc (450 Vdc Surge)
450 Vdc (500 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 520C 85 C Long-life, Inverter Grade, Aluminum
Cap. (F) 6600 7000 7000 8100 9500 11000 84 140 200 210 270 270 340 380 400 420 470 540 540 550 610 630 670 690 790 840 Catalog Part Number 520C662T450FF2D 520C702T450FP2D 520C702T450DN2B 520C812T450DG2B 520C952T450FN2D 520C113T450FG2D 520C840T500AK2B 520C141T500AA2B 520C201T500AH2B 520C211T500EA2B 520C271T500AB2B 520C271T500BA2B 520C341T500AJ2B 520C381T500BH2B 520C401T500AC2B 520C421T500EB2B 520C471T500AD2B 520C541T500AE2B 520C541T500BB2B 520C551T500EJ2B 520C611T500AF2B 520C631T500CH2B 520C671T500EC2B 520C691T500BJ2B 520C791T500ED2B 520C841T500BC2B ESR Max. @ 25 C 120 Hz (m) 15.1 14.3 15.0 12.5 11.0 9.1 1310.0 773.0 547.0 531.0 411.0 389.0 329.0 271.0 275.0 264.0 236.0 207.0 194.0 200.0 230.0 165.0 164.0 151.0 139.0 124.0 Ripple Max. @ 85C Nominal Size 120 Hz DxL (A) (inches) 24.2 25.2 25.0 27.9 32.0 35.5 1.0 1.4 1.8 1.9 2.2 2.5 2.6 3.2 3.0 3.1 3.3 3.7 4.0 3.8 3.6 4.7 4.4 4.8 5.0 5.5 3 1/2 x 5 5/8 3 1/2 x 5 7/8 3 x 7 5/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2 x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 2 x 2 1/8 1 3/8 x 3 5/8 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2 x 3 5/8 1 3/4 x 4 5/8 2 x 4 1/8 Cap. (F) 890 910 1000 1000 1100 1200 1300 1300 1400 1600 1700 1900 2100 2200 2500 2900 3000 3300 3500 3500 4000 4600 4800 4800 5600 6700 7800 Catalog Part Number 520C891T500CB2B 520C911T500EE2B 520C102T500EF2B 520C102T500BD2B 520C112T500CJ2B 520C122T500BE2B 520C132T500BF2B 520C132T500DB2B 520C142T500CC2B 520C162T500CD2B 520C172T500DJ2B 520C192T500CD2B 520C212T500DC2B 520C222T500CF2B 520C252T500DD2B 520C292T500DE2B 520C302T500FC2D 520C332T500DF2B 520C352T500DP2B 520C352T500FD2D 520C402T500FE2D 520C462T500FF2D 520C482T500FP2D 520C482T500DN2B 520C562T500DG2B 520C672T500FN2D 520C782T500FG2D ESR Max. @ 25 C 120 Hz (m) 118.0 121.0 110.0 105.0 91.9 91.4 80.9 77.1 73.1 63.2 60.1 54.9 49.4 46.2 42.0 36.5 35.7 32.4 30.6 30.3 26.4 23.4 22.2 23.9 19.7 17.3 14.2 Ripple Max. @ 85C Nominal Size 120 Hz DxL (A) (inches) 5.9 5.5 6.0 6.2 7.0 6.9 7.6 8.1 8.2 9.1 9.7 10.1 11.1 11.4 12.5 13.8 14.4 15.1 15.8 16.1 17.8 19.5 20.3 19.8 22.2 25.4 28.4 2 1/2 x 3 1/8 1 3/4 x 5 1/8 1 3/4 x 5 5/8 2 x 4 5/8 2 1/2 x 3 5/8 2 x 5 1/8 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 1/2 x 5 7/8 3 x 7 5/8 3 x 8 5/8 3 1/2 x 7 5/8 3
500 Vdc (550 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 520C113T250DF2B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X