Part Number Hot Search : 
DN6847S ECG2322 93AA86 S29LV4 SL2903 IRGPC30 EM57230 1605000
Product Description
Full Text Search
 

To Download 4CX3000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cpi | 4CX3000A/ 8169 cpi|4cW50,000J
4CX3000A/8169
The 4CX3000A/8169 is designed to be used as a Class AB1 linear amplifier in audio or radio frequency applications. Its characteristic of low intermodulation distortion makes it especially suitable for single sideband service. This tube is unique in that a production test is included to insure minimum distortion products. The 4CX3000A/8169 must produce a minimum of 5300 watts in Class AB1 service with 3rd order IM distortion at least 32 dB down, from one tone of two-tone signal. The tube is also recommended for use as a Class C radio frequency power amplifier and plate-modulated, radio frequency power amplifier.
cHaRacteRistics
Plate Dissipation (Max.) Screen Dissipation (Max.) Grid Dissipation (Max.) Frequency for Max. rating (CW) Amplification Factor Filament/Cathode Voltage Current Capacitance Input Output Feedthrough Capacitance Input Output Feedthrough Cooling Base Air Socket Air Chimney Boiler Length Diameter Weight 3,500 Watts 175 Watts 50 Watts 150 MHz 5.5 Thoriated Tungsten 9.0 Volts 41.5 Amps Grounded Cathode -130 pf 12.5 pf 1.0 pf Grounded Grid 61.0 pf 12.5 pf 0.1 pf Forced Air Special, Breechblock SK-1400 SK-1406 --7.90 in; 200.70 mm 4.63 in; 117.60 mm 5.5 lb; 2.5 kg
typeofservice RFamplifierat30MHz
MaxiMuMRatings
plate Voltage (Volts) 7,000 5,000 7,000 6,000 plate current (amps) 2.0 1.4 2.0 2.0
ypicalOpeRatiOn t
plate current (amps) 1.9 1.4 1.7 3.1 Drive Output power power (Watts) (kiloWatts) 41 31 --- --- 11.00 5.75 5.3 12.4
classof Operation
c c aB aB
plate screen Voltage Voltage (Volts) (Volts) 7,000 5,000 5,000 6,000 500 500 850 850
aFamplifierplatemodulatedat30MHz RFlinearamplifier aFamplifierormodulator
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. Forinformationon this and other CPI products, visit our website at:www.cpii.com, or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303 telephone: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com


▲Up To Search▲   

 
Price & Availability of 4CX3000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X