Part Number Hot Search : 
OPN20 A5800 MIC2010 BA604 C2434S 140SA1 1N3050D AP4056
Product Description
Full Text Search
 

To Download 47019-2002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Molex offers the SIM and Mega-SIM block type card connectors for mobile phone markets Molex offers its range of Subscriber Identification Module Card connectors for the Mobile Communications Industry. The GSM (Global System for Mobile Communications) standard call for a Subscriber Identification Module or SIM card which is used for billings, security and number storage purposes. The SIM card parameters are defined by ISO GSM SIM Card standards. While the card is standardized, the differences in phone designs do not allow standard connectors. Molex in, close collaboration with its customer has developed a range of SIM card connectors that feature a range of standard options plus the ability to custom design parts in specific applications. This release covers the block-type SIM connector. In this design, the SIM card is integrated into the equipment. It comes in 6 and 8 circuit options. The 6 circuit version is most commonly used. The 8 circuit version, which is also known as a Mega-SIM connector, has 2 additional circuits more that than the 6 circuits version. These additional 2 circuits are reserved for memory expansion in the hardware. For more information about the SIM connector family, please visit: http://www.molex.com/product/memory/simcard.html
2.54mm (.100") Pitch SIM Card Connector Block Type
47019 47494 6-Circuit SIM Header 8-Circuit Mega-SIM Header
Features High-temperature thermoplastic housing Smooth edges around contact Round contact design
Benefits Withstands lead-free processing Prevent damaging of SIM card Allows good contact between card and connector
SPECIIFICATIONS
Reference Information Packaging: Embossed Tape on Reel UL File No.: TBD CSA File No.: TBD Use With: SIM Cards Designed In: mm Electrical Voltage (max.): 15V Current (max.): 0.500 Amp Shielded: No
Physical Housing: LCP. G/F, UL 94V-0, Black Contact: Phosphor Bronze Plating: Contact Area -- 0.8m (30 ") Gold (Au) Solder Tail Area -- 0.05m Gold (Au) Underplating -- 2.00m (78") Nickel (Ni)
MARKETS AND APPLICATIONS
2.54mm (.100") Pitch SIM Card Connector Block Type
47019 47494 6-Circuit SIM Header 8-Circuit Mega-SIM Header
Mobile phones
ORDERING INFORMATION
Description
Order No.
Housing Height
Durability (mating cycles) min
Operating Temperature
No. of Circuits
Plant No. for Samples
47019-1502
1.50mm (.059")
10, 000
47019-1802 2.54mm (.100") Pitch SIM Card Connector
1.80mm (.071")
3, 000 -30C to +85C 6 2601
47019-2002
2.00mm (.079")
3, 000
47019-2402
2.40mm (.094")
3, 000
47494-0001
1.50mm (.059")
500
-40C to +85C
8
Americas Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA 1-800-78MOLEX amerinfo@molex.com
Asia Pacific North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Asia Pacific South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA 630-969-4550
Visit our Web site at http://www.molex.com
SAP No. 9876502701 (c)2008, Molex


▲Up To Search▲   

 
Price & Availability of 47019-2002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X