Part Number Hot Search : 
HY5PS 68HC90 15R24 62256 KTK7132E 2SD2291 XMXXX MC3150L
Product Description
Full Text Search
 

To Download 401C233M063EB8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 401C -55 C to 105 C Low-ESR, Wide Temperature Grade
The Ultimate in Cold Performance and ESR
The Type 401C is the wide-temperature, low-voltage version of the Type 450C. It is ideal for high-ripple current military and industrial applications that need full performance at cold temperatures. It also excels as a power-supply output capacitor because of its exceptionally low ESR. The extended cathode foil of the 401C assures cool operation and heat flow from the capacitor element to the can in all mounting orientations.
Highlights
Specifications
Operating Temperature: Rated Voltage: Capacitance: DC Leakage Current: Cold Impedance: Ripple Current Multipliers:
* Better value than large snap-in capacitors * Ripple Currents to >50 amps at 55 C * ESRs to 3.5 m * > 90% capacitance at -40 C * Thermal-PakTM extended cathode construction -55 C to 105 C 6.3 to 250 Vdc 380 F to 570,000 F 20% 1.5 CV A, 4 mA max, 5 minutes -55 C multiple of 25 C Z 3 Ambient Temperature
45 C 1.66 55 C 1.52 65 C 1.37 75 C 1.20 85 C 1.00 95 C 0.75 105 C 0.36
Frequency
50 Hz 60 Hz 120 Hz 6.3 to 50 V 63 to 250 V 0.85 0.50 0.90 0.53 1.00 1.00 360 Hz 1.05 1.15 1 kHz 5 kHz 10 kHz & up 1.10 1.15 1.10 1.20 1.10 1.20
EIA Ripple Life: 2,000 h at 85 C per EIA IS-749 with 85 C ripple current Capacitance 10% ESR 200% of limit DCL 100% of limit Life Test: 4,000 h at 105C with rated voltage Capacitance 10% ESR 200% of limit DCL 100% of limit Shelf Life Test: 500 h at +105 C, capacitance, ESR and DCL, will meet initial requirements Vibration: 10 to 55 Hz, 0.06" and 10 g max, 2 h each plane
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 401C -55 C to 105 C Low-ESR, Wide Temperature Grade
Outline Drawings
Case Dimensions
Case AK AA AH AB AJ AC AD AE AF EA EH EB EJ EC ED EE EF BA BH BB BJ BC BD BE BF 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.75 1.75 1.75 1.75 1.75 1.75 1.75 1.75 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 1.75 2.25 2.75 3.25 3.75 4.25 4.75 5.25 5.75 2.25 2.75 3.25 3.75 4.25 4.75 5.25 5.75 2.25 2.75 3.25 3.75 4.25 4.75 5.25 5.75 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.70 0.70 0.70 0.70 0.70 0.70 0.70 0.70 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 Inches 0.175 0.175 0.175 0.175 0.175 0.175 0.175 0.175 0.175 0.375 0.375 0.375 0.375 0.375 0.375 0.375 0.375 0.425 0.425 0.425 0.425 0.425 0.425 0.425 0.425 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.40 0.40 0.40 0.40 0.40 0.40 0.40 0.40 0.55 0.55 0.55 0.55 0.55 0.55 0.55 0.55 0.55 0.90 0.90 0.90 0.90 0.90 0.90 0.90 0.90 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 34.93 34.93 34.98 34.93 34.93 34.93 34.93 34.93 34.93 44.45 44.45 44.45 44.45 44.45 44.45 44.45 44.45 50.80 50.80 50.80 50.80 50.80 50.80 50.80 50.80 44.45 57.15 69.85 82.55 95.25 107.95 120.65 133.35 146.05 57.15 69.85 82.55 95.25 107.95 120.65 133.35 146.05 57.15 69.85 82.55 95.25 107.95 120.65 133.25 146.05 Millimeters 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 17.78 17.78 17.78 17.78 17.78 17.78 17.78 17.78 20.32 20.32 20.32 20.32 20.32 20.32 20.32 20.32 4.45 4.45 4.45 4.45 4.45 4.45 4.45 4.45 4.45 9.53 9.53 9.53 9.53 9.53 9.53 9.53 9.53 10.80 10.80 10.80 10.80 10.80 10.80 10.80 10.80 6.35 6.35 6.35 6.35 6.35 6.35 6.35 6.35 6.35 8.89 8.89 8.89 8.89 8.89 8.89 8.89 8.89 10.16 10.16 10.16 10.16 10.16 10.16 10.16 10.16 13.97 13.97 13.97 13.97 13.97 13.97 13.97 13.97 13.97 22.86 22.86 22.86 22.86 22.86 22.86 22.86 22.86 25.40 25.40 25.40 25.40 25.40 25.40 25.40 25.40 Code D .031 L MAX C .015 S .031 E .031 F .015 D .78 L MAX C .78 S .78 E .78 F .38
Part Numbering System
401C 393 M Tolerance 100 AK 8 Insulation Terminal
Type Capacitance
242 = 2400 F 221 = 220 F
M = 20% T = -10% +50% U = -10% +75%
100 = 100 V 450 = 100 V
Voltage Case Code
0 = Bare can 8 = PVC and Standoffs 9 = Polyester and Standoffs
(blank) = Straight Leads
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 401C -55 C to 105 C Low-ESR, Wide Temperature Grade
Typical Performance Curves
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 401C -55 C to 105 C Low-ESR, Wide Temperature Grade
Ratings
Cap. (F) ESR Max. 25 C 120 Hz 20 kHz Ripple Amps, 85 C 120 Hz 20 kHz (A) (A) 8.40 10.80 13.00 11.90 15.40 17.70 16.40 15.10 19.70 21.50 20.50 18.20 23.30 24.20 20.50 25.10 22.60 26.60 25.00 29.00 27.50 30.90 30.30 32.60 34.00 8.40 10.80 13.00 11.90 15.40 17.70 16.40 15.10 19.70 21.50 20.50 18.20 23.30 20.50 25.10 24.20 22.60 26.60 25.00 29.00 9.20 11.80 14.20 13.40 17.00 19.20 17.20 16.90 21.30 23.10 22.10 20.40 24.90 26.00 22.80 26.70 25.20 28.80 27.80 30.80 30.50 33.40 33.40 35.80 37.90 9.20 11.80 14.20 13.40 17.00 19.20 17.20 16.90 21.30 23.10 22.10 20.40 24.90 22.80 26.70 26.00 25.20 28.80 27.80 30.80 Nominal Size DXL (in) 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 1 3/8 X 3 5/8 2 X 2 1/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 1 3/8 X 4 5/8 2 X 2 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 2 X 3 1/8 1 3/4 X 3 5/8 1 3/8 X 5 5/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 1 3/8 X 3 5/8 2 X 2 1/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 1 3/8 X 4 5/8 2 X 2 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 1 3/8 X 5 5/8 2 X 3 1/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 20000 33000 46000 53000 60000 74000 75000 78000 89000 31000 50000 69000 81000 91000 ESR Max. 25 C 120 Hz 20 kHz 7.20 5.20 6.70 4.80 4.50 5.10 3.90 4.80 3.60 3.50 Ripple Amps, 85 C 120 Hz 20 kHz (A) (A) 27.50 30.90 30.30 32.60 34.00 8.40 10.80 13.00 11.90 15.40 17.70 16.40 15.10 19.70 21.50 20.50 18.20 23.30 20.50 25.10 24.20 22.60 26.60 25.00 29.00 27.50 30.90 30.30 32.60 34.00 8.30 10.60 12.80 11.80 15.20 17.50 16.40 14.90 19.50 20.40 18.10 21.30 23.10 24.90 24.00 30.50 33.40 33.40 35.80 37.90 9.20 11.80 14.20 13.40 17.00 19.20 17.20 16.90 21.30 23.10 22.10 20.40 24.90 22.80 26.70 26.00 25.20 28.80 27.80 30.80 30.50 33.40 33.40 35.80 37.90 9.10 11.70 14.20 13.30 16.90 19.10 17.40 16.80 21.20 22.10 20.30 23.00 24.80 26.60 26.00 Nominal Size DXL (in) 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 1 3/8 X 3 5/8 2 X 2 1/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 1 3/8 X 4 5/8 2 X 2 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 1 3/8 X 5 5/8 2 X 3 1/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 1 3/8 X 3 5/8 2 X 2 1/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 2 X 2 5/8 1 3/4 X 3 1/8 1 3/8 X 4 5/8 1 3/8 X 5 1/8 1 3/8 X 5 5/8 2 X 3 1/8
Catalog Part Number
Cap. (F)
Catalog Part Number
6.3 Vdc (9 Vdc Surge) 42000 401C423M6R3AK8 33.40 22.70 66000 401C663M6R3AA8 23.00 16.10 92000 401C923M6R3AH8 16.80 12.00 100000 401C104M6R3EA8 21.20 15.00 120000 401C124M6R3AB8 14.60 140000 401C144M6R3AJ8 12.30 8.50 7.30
380000 401C384M7R5EE8 420000 401C424M7R5BD8 440000 401C444M7R5EF8 500000 401C504M7R5BE8 560000 401C564M7R5BF8 401C313M010AK8 401C503M010AA8 401C693M010AH8 401C813M010EA8 401C913M010AB8
10 Vdc (15 Vdc Surge) 33.40 22.70 23.00 16.10 16.80 12.00 21.20 13.30 14.60 12.30 15.10 10.80 9.70 9.30 11.90 9.00 10.00 8.40 7.40 8.70 6.50 7.80 5.70 7.20 5.20 6.70 4.80 4.50 9.50 8.00 9.50 7.10 6.40 7.30 7.50 5.90 6.30 5.60 5.80 5.50 4.90 5.00 4.30 4.60 3.90 4.30 3.60 3.50
150000 401C154M6R3BA8 12.70 10.30 150000 401C154M6R3EH8 15.10 10.70 170000 401C174M6R3AC8 10.80 200000 401C204M6R3AD8 200000 401C204M6R3BH8 230000 401C234M6R3AE8 250000 401C254M6R3BB8 250000 401C254M6R3EJ8 260000 401C264M6R3AF8 290000 401C294M6R3EC8 310000 401C314M6R3BJ8 350000 401C354M6R3ED8 370000 401C374M6R3BC8 390000 401C394M6R3EE8 420000 401C424M6R3BD8 440000 401C444M6R3EF8 510000 401C514M6R3BE8 570000 401C574M6R3BF8 9.70 9.30 9.00 7.40 10.00 8.40 8.70 6.50 7.80 5.70 7.20 5.20 6.70 4.80 4.50 6.40 5.80 7.30 8.40 5.40 5.80 7.10 5.10 6.20 4.90 5.60 4.30 5.10 3.90 4.80 3.60 3.50
110000 401C114M010AJ8 110000 401C114M010BA8 120000 401C124M010EH8 130000 401C134M010AC8 150000 401C154M010AD8 150000 401C154M010BH8 150000 401C154M010EB8 170000 401C174M010AE8 180000 401C184M010EJ8 190000 401C194M010AF8 190000 401C194M010BB8 230000 401C234M010EC8 240000 401C244M010BJ8 260000 401C264M010ED8 280000 401C284M010BC8 290000 401C294M010EE8 330000 401C334M010BD8 340000 401C344M010EF8 390000 401C394M010BE8 440000 401C444M010BF8 401C203M016AK8 401C333M016AA8 401C463M016AH8 401C533M016EA8 401C603M016AB8 401C743M016AJ8 401C753M016BA8 401C783M016EH8 401C893M016AC8
200000 401C204M6R3EB8 11.90
12.70 10.30
7.5 Vdc (10 Vdc Surge) 41000 401C413M7R5AK8 33.40 22.70 62000 401C623M7R5AA8 23.00 16.10 90000 401C903M7R5AH8 16.80 12.00 100000 401C104M7R5EA8 21.20 15.00 120000 401C124M7R5AB8 14.60 140000 401C144M7R5AJ8 12.30 9.50 8.00
16 Vdc (24 Vdc Surge) 34.70 23.00 23.90 16.30 17.40 11.20 21.50 15.90 14.90 12.50 8.90 7.50
140000 401C144M7R5BA8 12.70 10.30 150000 401C154M7R5EH8 15.10 10.70 170000 401C174M7R5AC8 10.80 190000 401C194M7R5AD8 190000 401C194M7R5BH8 230000 401C234M7R5AE8 240000 401C244M7R5EJ8 250000 401C254M7R5AF8 250000 401C254M7R5BB8 290000 401C294M7R5EC8 300000 401C304M7R5BJ8 340000 401C344M7R5ED8 370000 401C374M7R5BC8 9.70 9.30 9.00 10.00 8.40 7.40 8.70 6.50 7.80 5.70 7.10 6.40 7.30 8.40 5.90 7.10 5.60 5.80 6.20 4.90 5.60 4.30
190000 401C194M7R5EB8 11.90
12.70 10.20 15.30 11.30 11.00 9.40 12.00 9.90 9.10 8.60 7.50 6.60 7.30 8.90 6.00 5.50 5.20 5.80
100000 401C104M016AD8 100000 401C104M016BH8 100000 401C104M016EB8 120000 401C124M016AE8 130000 401C134M016AF8 130000 401C134M016BB8
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 401C -55 C to 105 C Low-ESR, Wide Temperature Grade
ESR Max. 25 C 120 Hz 20 kHz (m) (m) 10.10 8.80 6.60 7.90 5.80 7.30 5.20 6.80 4.80 4.60 37.90 26.00 18.90 22.30 15.60 13.20 13.10 15.80 11.50 9.80 12.40 10.30 9.50 10.40 7.70 8.90 9.10 6.80 8.10 6.00 7.50 5.40 7.00 4.90 4.70 41.00 28.10 20.30 23.00 16.30 13.60 13.60 16.30 11.90 10.10 7.50 6.60 5.00 6.00 4.40 5.50 4.00 5.20 3.70 3.50 23.70 16.80 12.40 15.50 9.90 10.40 8.30 11.00 7.30 7.50 8.70 6.60 6.10 7.30 5.90 5.80 6.40 5.00 5.70 4.50 5.30 4.00 4.90 3.70 3.50 24.40 17.20 12.80 15.80 10.10 10.60 8.50 11.20 7.50 7.60 Ripple Amps, 85 C 120 Hz 20 kHz (A) (A) 20.30 22.50 26.40 24.90 28.80 27.40 30.70 30.10 32.40 33.80 8.40 10.90 13.20 11.60 15.10 16.10 17.10 14.70 19.10 20.10 17.80 20.90 22.60 20.00 23.70 24.40 22.10 26.00 24.50 28.50 27.00 30.30 29.70 32.10 33.50 8.10 10.50 12.80 11.40 14.60 15.90 16.70 14.40 18.70 19.80 22.80 25.10 28.80 27.70 30.70 30.40 33.30 33.40 35.70 37.90 9.10 11.70 14.10 13.30 16.80 17.30 19.00 16.80 21.10 22.00 20.30 22.90 24.70 22.70 25.90 26.50 25.00 28.70 27.60 30.70 30.30 33.20 33.30 35.70 37.80 9.00 11.60 14.00 13.20 16.70 17.30 18.90 16.70 21.00 21.90 Nominal Size DXL (in) 1 3/4 X 3 5/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 2 X 2 1/8 1 3/8 X 3 5/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 2 X 2 5/8 1 3/4 X 3 1/8 1 3/8 X 4 5/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 2 X 3 1/8 1 3/8 X 5 5/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 2 X 2 1/8 1 3/8 X 3 5/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 2 X 2 5/8 5600 8400 11000 14000 15000 401C562M050AK8 401C842M050AA8 401C113M050AH8 401C143M050EA8 401C153M050AB8 8200 12000 20000 22000 23000 27000 28000 30000 34000 38000 39000 39000 45000 49000 50000 50000 58000 61000 68000 73000 77000 84000 86000 110000 401C822M040AK8 401C123M040AA8 401C203M040EA8 401C223M040AH8 401C233M040AB8 401C273M040BA8 401C283M040AJ8 401C303M040EH8 401C343M040AC8 401C383M040BH8 401C393M040AD8 401C393M040EB8 401C453M040AE8 401C493M040EJ8 401C503M040BB8 401C503M040AF8 401C583M040EC8 401C613M040BJ8 401C683M040ED8 401C733M040BC8 401C773M040EE8 401C843M040BD8 401C863M040EF8 401C114M040BF8 ESR Max. 25 C 120 Hz 20 kHz (m) (m) 10.70 12.80 9.90 10.70 8.00 9.20 9.30 7.00 8.40 6.10 7.70 5.50 7.10 5.10 4.80 44.20 30.20 24.70 22.10 17.80 14.70 14.90 17.50 13.00 10.80 11.60 13.70 10.70 11.40 8.60 9.90 9.90 7.50 8.90 6.50 8.10 5.90 7.60 5.40 5.10 46.60 30.20 22.50 28.30 18.10 6.80 8.80 6.30 7.40 6.10 5.90 6.50 5.10 5.80 4.50 5.30 4.10 5.00 3.80 3.60 25.90 18.30 16.50 13.60 10.70 11.10 9.00 11.70 7.90 8.00 7.10 9.20 6.60 7.70 6.30 6.20 6.70 5.30 6.00 4.70 5.50 4.20 5.20 3.90 3.70 27.30 19.30 14.30 18.90 11.30 Ripple Amps, 85 C 120 Hz 20 kHz (A) (A) 20.40 17.50 22.20 19.70 23.40 23.90 21.80 25.70 24.20 28.10 26.60 29.90 29.30 31.70 33.10 7.60 9.70 11.00 11.90 13.70 15.10 15.20 13.90 16.50 19.00 18.10 16.90 19.70 19.10 22.50 21.30 21.10 25.00 23.40 27.00 25.90 29.10 28.50 30.90 31.80 7.20 9.20 11.60 10.00 13.40 22.80 20.20 24.60 22.60 25.80 26.40 25.00 28.60 27.50 30.60 30.20 33.20 33.20 35.60 37.70 8.80 11.40 13.10 13.80 16.50 17.10 18.60 16.50 20.70 21.80 22.50 20.00 24.30 22.50 25.70 26.10 24.80 28.40 27.40 30.40 30.00 33.00 33.00 35.40 37.50 8.40 10.80 13.10 11.80 15.70 Nominal Size DXL (in) 1 3/8 X 4 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 2 X 3 1/8 1 3/8 X 5 5/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/4 X 2 1/8 1 3/8 X 2 5/8 1 3/8 X 3 1/8 2 X 2 1/8 1 3/8 X 3 5/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 2 X 2 5/8 1 3/8 X 4 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 2 X 3 1/8 1 3/8 X 5 5/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8
Cap. (F)
Catalog Part Number
Cap. (F) 66000 66000 75000 81000 83000 84000 96000
Catalog Part Number 401C663M025AD8 401C663M025EB8 401C753M025AE8 401C813M025EJ8 401C833M025BB8 401C843M025AF8 401C963M025EC8
130000 401C134M016EJ8 150000 401C154M016EC8 160000 401C164M016BJ8 170000 401C174M016ED8 180000 401C184M016BC8 190000 401C194M016EE8 220000 401C224M016BD8 220000 401C224M016EF8 260000 401C264M016BE8 280000 401C284M016BF8 17000 26000 33000 45000 50000 58000 61000 64000 73000 82000 84000 85000 96000 401C173M020AK8 401C263M020AA8 401C333M020AH8 401C453M020EA8 401C503M020AB8 401C583M020BA8 401C613M020AJ8 401C643M020EH8 401C733M020AC8 401C823M020BH8 401C843M020EB8 401C853M020AD8 401C963M020AE8
100000 401C104M025BJ8 110000 401C114M025ED8 120000 401C124M025BC8 130000 401C134M025EE8 140000 401C144M025BD8 140000 401C144M025EF8 160000 401C164M025BE8 180000 401C184M025BF8
20 Vdc (30 Vdc Surge)
40 Vdc (60 Vdc Surge)
100000 401C104M020AF8 100000 401C104M020BB8 100000 401C104M020EJ8 120000 401C124M020EC8 130000 401C134M020BJ8 140000 401C144M020ED8 150000 401C154M020BC8 160000 401C164M020EE8 170000 401C174M020BD8 180000 401C184M020EF8 220000 401C224M020BE8 240000 401C244M020BF8 13000 20000 33000 35000 38000 45000 48000 50000 57000 63000 401C133M025AK8 401C203M025AA8 401C333M025AH8 401C353M025EA8 401C383M025AB8 401C453M025BA8 401C483M025AJ8 401C503M025EH8 401C573M025AC8 401C633M025BH8
25 Vdc (35 Vdc Surge)
100000 401C104M040BE8
50 Vdc (75 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 401C -55 C to 105 C Low-ESR, Wide Temperature Grade
Cap. (F) 18000 19000 Catalog Part Number 401C183M050BA8 401C193M050AJ8 ESR Max. 25 C 120 Hz 20 kHz (m) (m) 18.70 15.10 14.40 9.50 13.40 8.30 10.20 7.40 10.50 6.80 8.80 6.40 8.10 7.60 6.80 6.80 5.90 6.20 5.80 5.30 4.80 4.50 28.20 19.60 14.70 19.30 11.60 14.70 9.70 13.70 8.50 10.40 7.60 10.70 7.00 8.90 6.60 8.20 7.70 6.90 6.90 6.00 6.30 5.90 5.40 4.80 4.50 Ripple Amps, 85 C 120 Hz 20 kHz (A) (A) 12.40 14.60 12.70 15.30 15.90 16.70 15.50 18.10 17.60 19.40 18.90 19.50 22.60 21.70 24.30 24.10 26.60 26.10 28.00 28.90 6.90 8.90 11.20 9.90 13.00 11.90 14.20 12.50 14.90 15.30 16.30 15.30 17.70 17.30 19.10 18.10 19.20 22.20 21.40 24.00 23.70 26.30 25.80 27.70 28.60 14.80 17.80 15.00 19.90 18.90 21.70 18.20 23.40 20.50 25.20 22.40 22.70 25.00 25.20 26.90 27.80 30.60 29.20 31.70 33.90 8.30 10.70 13.00 11.80 15.60 14.80 17.70 14.90 19.80 18.90 21.50 18.10 23.30 20.40 25.10 22.40 22.60 24.90 25.10 26.80 27.70 30.50 29.10 31.70 33.80 Nominal Size DXL (in) 2 X 2 1/8 1 3/8 X 3 5/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 2 X 2 5/8 1 3/8 X 4 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 1 3/8 X 5 5/8 2 X 3 1/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 1 3/4 X 5 5/8 2 X 4 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 2 X 2 1/8 1 3/8 X 3 5/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 2 X 2 5/8 1 3/8 X 4 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 1 3/8 X 5 5/8 2 X 3 1/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 1 3/4 X 5 5/8 2 X 4 5/8 2 X 5 1/8 2 X 5 5/8 1400 2200 3500 4100 4600 5300 5700 6000 6800 7500 7900 7900 9000 9700 2500 4100 6600 7900 8200 10000 Cap. (F) Catalog Part Number ESR Max. 25 C 120 Hz 20 kHz (m) (m) 46.00 29.10 19.70 21.20 15.10 17.50 12.40 14.90 10.70 9.40 12.30 11.70 8.50 7.90 9.70 9.70 8.30 8.10 7.40 7.00 6.70 6.20 6.20 5.60 5.20 Ripple Amps, 85 C 120 Hz 20 kHz (A) (A) 5.70 7.60 9.70 9.00 11.40 9.00 12.20 11.40 12.90 14.20 13.00 13.90 15.50 16.90 15.80 15.40 17.60 21.30 19.70 20.40 21.80 22.30 24.30 24.40 26.20 4.30 5.90 7.50 8.00 9.10 8.20 10.50 10.20 11.90 10.60 13.20 12.50 14.50 14.10 12.60 15.80 16.30 15.80 15.50 6.40 8.60 10.70 10.70 13.10 14.30 15.00 13.60 17.00 18.70 17.80 16.60 20.40 22.20 18.70 21.60 20.80 24.10 23.20 26.00 25.70 28.30 28.40 30.80 32.90 6.20 8.50 10.60 10.30 12.90 11.90 14.70 13.10 16.50 15.30 18.10 15.90 19.80 18.00 18.20 21.40 23.60 20.00 22.30 Nominal Size DXL (in) 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 2 X 2 1/8 1 3/8 X 3 5/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 1 3/8 X 4 5/8 2 X 2 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 1 3/8 X 5 5/8 1 3/4 X 3 5/8 2 X 3 1/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 2 X 2 1/8 1 3/8 X 3 5/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 2 X 2 5/8 1 3/8 X 4 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 2 X 3 1/8 1 3/8 X 5 5/8 2 X 4 1/8 1 3/4 X 4 1/8 2 X 3 5/8
75 Vdc (100 Vdc Surge) 401C252M075AK8 93.80 401C412M075AA8 59.00 401C662M075AH8 39.80 401C792M075EA8 41.00 401C822M075AB8 30.30 401C103M075AJ8 24.60
20000 401C203M050EH8 20.00 23000 401C233M050AC8 13.00 26000 401C263M050BH8 13.70 27000 401C273M050AD8 12.20 27000 30000 33000 34000 34000 41000 401C273M050EB8 401C303M050AE8 401C333M050EJ8 401C343M050AF8 401C343M050BB8 401C413M050BJ8 15.60 11.20 13.00 10.40 10.80 11.20 9.30 8.10 9.10 8.40 7.20 6.50 6.10 50.00 32.40 24.10 26.00 19.00 19.30 15.80
10000 401C103M075BA8 30.80 11000 401C113M075EH8 28.70 12000 401C123M075AC8 20.90 14000 401C143M075BH8 18.30 14000 401C143M075AD8 21.70 15000 401C153M075EB8 22.30 16000 401C163M075AE8 16.30 18000 401C183M075BB8 14.90 18000 401C183M075EJ8 18.30 18000 401C183M075AF8 16.80 22000 401C223M075EC8 15.70 23000 401C233M075BJ8 13.90 25000 401C253M075ED8 13.80 27000 401C273M075BC8 12.00 28000 401C283M075EE8 12.40 31000 401C313M075BD8 10.60 33000 401C333M075EF8 12.80 37000 401C373M075BE8 41000 401C413M075BF8 9.30 8.60
39000 401C393M050EC8
46000 401C463M050ED8 10.00 50000 401C503M050BC8 52000 58000 60000 70000 4800 7200 11000 12000 13000 15000 16000 401C523M050EE8 401C583M050EF8 401C603M050BE8 401C703M050BF8 401C482M063AK8 401C722M063AA8 401C113M063AH8 401C123M063EA8 401C133M063AB8 401C153M063BA8 401C163M063AJ8
58000 401C583M050BD8
63 Vdc (90 Vdc Surge)
100 Vdc (140 Vdc Surge) 401C142M100AK8 118.00 34.70 401C222M100AA8 73.10 401C352M100AH8 46.50 401C412M100EA8 44.70 401C462M100AB8 36.00 401C532M100BA8 37.50 401C572M100AJ8 29.60 401C602M100EH8 31.30 401C682M100AC8 25.30 401C752M100BH8 26.30 401C792M100EB8 22.20 401C792M100AD8 24.20 401C902M100AE8 19.90 401C972M100EJ8 19.90 20.90 14.00 17.50 11.00 16.50 9.20 12.40 8.10 11.70 7.20 9.70 6.60 8.10 9.20 6.20 6.90 7.00 7.60
17000 401C173M063EH8 18.30 19000 401C193M063AC8 13.60 22000 401C223M063BH8 14.10 23000 26000 28000 29000 29000 36000 401C233M063EB8 401C263M063AE8 401C283M063EJ8 401C293M063BB8 401C293M063AF8 401C363M063BJ8 12.70 11.60 11.90 10.80 11.10 9.60 9.20 8.30 8.30 7.70 7.40 6.70 6.20 23000 401C233M063AD8 14.30
34000 401C343M063EC8 10.30 39000 401C393M063ED8 42000 401C423M063BC8 45000 50000 59000 66000 401C453M063EE8 401C503M063EF8 401C593M063BE8 401C663M063BF8 50000 401C503M063BD8
10000 401C103M100BB8 20.40 10000 401C103M100AF8 18.10 12000 401C123M100BJ8 15.80 12000 401C123M100EC8 17.00 12000 401C123M100BC8 16.90
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 401C -55 C to 105 C Low-ESR, Wide Temperature Grade
ESR Max. Ripple Amps, 85 C 25 C 120 Hz 20 kHz 120 Hz 20 kHz (A) (A) (m) (m) 6.20 5.70 6.30 5.30 5.50 5.10 17.60 19.60 17.90 21.80 19.80 21.40 2.60 3.70 4.50 5.30 5.50 7.00 6.40 6.70 7.40 8.90 8.30 8.20 9.20 9.50 10.10 10.70 10.70 12.90 12.00 13.70 13.50 14.70 15.10 15.70 16.80 2.50 3.40 4.20 4.80 5.20 6.60 6.00 6.20 6.90 22.20 24.60 25.60 27.20 28.10 30.30 3.60 5.00 6.30 7.10 7.70 8.60 8.90 9.00 10.20 11.00 11.10 11.30 12.40 12.60 13.50 13.20 14.10 16.20 15.80 17.60 17.50 19.20 19.30 20.90 22.60 3.50 4.90 6.10 7.00 7.50 8.40 8.80 8.90 10.10 Nominal Size DXL (in) 1 3/4 X 4 5/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 2 X 2 1/8 1 3/8 X 3 5/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 2 X 2 5/8 1 3/4 X 3 1/8 1 3/8 X 4 5/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 1 3/8 X 5 5/8 2 X 3 1/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 2 X 2 1/8 1 3/8 X 3 5/8 1 3/4 X 2 5/8 1 3/8 X 4 1/8 380 610 860 960 1100 1300 1400 1400 1700 1700 1800 1900 2000 2300 2300 2500 2800 3000 3100 3600 3700 3900 4200 4800 5300 401C381M250AK8 401C611M250AA8 401C861M250AH8 401C961M250EA8 401C112M250AB8 401C132M250AJ8 401C142M250EH8 401C142M250BA8 401C172M250AC8 401C172M250AD8 401C182M250EB8 401C192M250BH8 401C202M250AE8 401C232M250EJ8 401C232M250AF8 401C252M250BB8 401C282M250EC8 401C302M250BJ8 401C312M250ED8 401C362M250EE8 401C372M250BC8 401C392M250EF8 401C422M250BD8 401C482M250BE8 401C532M250BF8 ESR Max. 25 C 120 Hz 20 kHz (m) (m) 89.00 81.80 80.40 75.40 65.40 66.60 70.10 55.20 53.90 47.80 45.50 42.30 42.10 38.00 37.70 34.30 510.00 309.00 215.00 222.00 165.00 134.00 149.00 154.00 101.00 100.00 118.00 103.00 88.80 79.30 96.00 79.30 81.00 64.50 70.20 62.00 54.50 55.60 47.30 41.90 37.60 58.10 54.40 55.60 49.20 45.20 44.70 45.10 38.20 36.40 33.20 30.80 29.40 27.40 26.40 24.30 21.90 285.00 190.00 132.00 113.00 101.00 82.50 91.20 78.60 62.40 62.20 60.40 63.30 54.90 49.20 49.10 48.70 41.50 39.70 36.00 31.90 33.60 28.60 29.20 25.90 23.30 Ripple Amps, 85 C 120 Hz 20 kHz (A) (A) 8.40 7.70 7.60 8.60 8.70 10.10 9.50 9.80 12.00 11.00 12.90 12.40 14.00 13.90 14.80 15.50 2.20 3.10 3.90 4.40 4.70 5.50 5.90 5.60 6.90 6.60 6.90 7.60 7.70 8.60 7.90 9.10 8.90 11.00 10.10 11.30 11.90 12.70 12.80 13.60 14.40 10.80 11.00 10.90 12.00 12.40 12.90 12.90 13.90 15.90 15.60 17.30 17.50 18.90 19.50 20.60 22.20 3.30 4.70 6.00 6.60 7.30 8.30 8.30 8.50 10.30 10.00 10.40 10.60 11.20 12.20 11.80 12.70 13.30 15.70 14.90 16.70 17.20 18.60 18.70 20.00 21.20 Nominal Size DXL (in) 2 X 2 5/8 1 3/8 X 4 5/8 1 3/4 X 3 1/8 1 3/8 X 5 1/8 1 3/4 X 3 5/8 2 X 3 1/8 1 3/8 X 5 5/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 2 X 4 1/8 1 3/4 X 5 1/8 2 X 4 5/8 1 3/4 X 5 5/8 2 X 5 1/8 2 X 5 5/8 1 3/8 X 1 5/8 1 3/8 X 2 1/8 1 3/8 X 2 5/8 1 3/4 X 2 1/8 1 3/8 X 3 1/8 1 3/8 X 3 5/8 2 X 2 1/8 1 3/4 X 2 5/8 1 3/8 X 4 5/8 1 3/8 X 4 1/8 1 3/4 X 3 1/8 2 X 2 5/8 1 3/8 X 5 1/8 1 3/8 X 5 5/8 1 3/4 X 3 5/8 2 X 3 1/8 1 3/4 X 4 1/8 2 X 3 5/8 1 3/4 X 4 5/8 1 3/4 X 5 1/8 2 X 4 1/8 1 3/4 X 5 5/8 2 X 4 5/8 2 X 5 1/8 2 X 5 5/8
Cap. (F)
Catalog Part Number
Cap. (F) 2500 2500 2500 2800 3100 3300 3300 3700 4000 4400 4800 4900 5500 5500 6200 7000
Catalog Part Number 401C252M200EB8 401C252M200AD8 401C252M200BH8 401C282M200AE8 401C312M200EJ8 401C332M200AF8 401C332M200BB8 401C372M200EC8 401C402M200BJ8 401C442M200ED8 401C482M200BC8 401C492M200EE8 401C552M200EF8 401C552M200BD8 401C622M200BE8 401C702M200BF8
13000 401C133M100ED8 14.90 15000 401C153M100BD8 13.40 15000 401C153M100EE8 13.60 17000 401C173M100EF8 13.80 18000 401C183M100BE8 11.80 20000 401C203M100BF8 10.80 710 1100
150 Volts (200 Volts Surge) 401C711M150AK8 342.00 245.00 401C112M150AA8 228.00 164.00
1500 401C152M150AH8 159.00 114.00 1700 401C172M150EA8 145.00 101.00 1900 401C192M150AB8 122.00 87.20 2500 401C252M150AJ8 112.00 78.80 71.00 59.90 57.00 54.00 52.00 46.00 43.90 41.40 44.20 37.20 36.30 32.30 31.20 28.60 28.00 25.70 25.20 23.00 2500 401C252M150BA8 98.80 2900 401C292M150AC8 83.40 3400 401C342M150AD8 80.20 3400 401C342M150EB8 77.00 3400 401C342M150BH8 72.30 3900 401C392M150AE8 63.90 4200 401C422M150EJ8 62.60 4400 401C442M150AF8 62.90 4500 401C452M150BB8 60.10 5000 401C502M150EC8 52.90 5500 401C552M150BJ8 48.60 5800 401C582M150ED8 45.90 6600 401C662M150BC8 41.10 6700 401C672M150EE8 40.60 7300 401C732M150BD8 38.00 7400 401C742M150EF8 36.50 8400 401C842M150BE8 34.10 9400 401C942M150BF8 31.00 520 810 1100
2600 401C262M150EH8 100.00 70.30
250 Vdc (300 Vdc Surge)
200 Vdc (250 Vdc Surge) 401C521M200AK8 370.00 233.00 401C811M200AA8 247.00 156.00 401C112M200AH8 172.00 111.00
1300 401C132M200EA8 151.00 96.20 1500 401C152M200AB8 132.00 86.60 1800 401C182M200AJ8 124.00 80.80 1800 401C182M200BA8 107.00 71.80 1900 401C192M200EH8 105.00 72.40 2200 401C222M200AC8 90.20 61.80
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 401C233M063EB8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X