Part Number Hot Search : 
GL3UR43 1N4737AE R5F3650 67040 1108HTSN L6388 250211B HD26C31
Product Description
Full Text Search
 

To Download 390LM053M08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-053 Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief Type F - Rotatable Coupling - Full Radius Profile
39
CONNECTOR DESIGNATORS
390 F N 053 M 16 10 M Product Series Connector Designator Cable Entry (Tables X, XI) Angle and Profile M = 45 N = 90 See page 39-60 for straight Basic Part No. Shell Size (Table I) Finish (Table II) Strain Relief Style (H, A, M, D)
A-F-H-L-S
ROTATABLE COUPLING TYPE F INDIVIDUAL AND/OR OVERALL SHIELD TERMINATION
A Thread (Table I)
E (Table III) F (Table III)
G (Table III)
C Typ. (Table I)
1.281 (32.5) Ref. Typ. H (Table III) .88 (22.4) Max
STYLE 2 (See Note 1) STYLE H Heavy Duty (Table X) T STYLE A Medium Duty (Table XI) W STYLE M Medium Duty (Table XI) X STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 62
with Strain Relief Type F - Rotatable Coupling - Full Radius Profile
TABLE III: ELBOW DIMENSIONS Shell Size G F E Conn. Desig. Max Max Max A-F-L-S H .812 (20.6) 1.095 (27.8) 1.125 (28.6) 08 09 .875 (22.2) 1.145 (29.1) 1.250 (31.8) 10 11 .938 (23.8) 1.195 (30.4) 1.375 (34.9) 12 13 14 15 1.000 (25.4) 1.245 (31.6) 1.500 (38.1) 16 17 1.062 (27.0) 1.300 (33.0) 1.625 (41.3) 18 19 1.094 (27.8) 1.350 (34.3) 1.750 (44.5) 20 21 1.156 (29.4) 1.400 (35.6) 1.875 (47.6) 22 23 1.188 (30.2) 1.455 (37.0) 2.000 (50.8) 24 25 1.250 (31.8) 1.505 (38.1) 2.125 (54.0) 1.344 (34.1) 1.594 (40.5) 2.375 (60.3) 28
H Max 1.287 (32.7) 1.411 (35.8) 1.537 (39.0) 1.761 (44.7) 1.787 (45.4) 1.911 (48.5) 2.037 (51.7) 2.161 (54.9) 2.287 (58.1) 2.594 (65.9)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE X: CABLE ENTRY Cable Range V T Dash Max Min Max No. Max .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) 04 .250 (6.4) .437 (11.1) .780 (19.8) 1.145 (29.1) 06 .387 (9.3) .562 (14.3) .780 (19.8) 1.332 (33.8) 08 .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) 10 .500 (12.7) .750 (19.1) .811 (20.6) 1.551 (39.4) 12 .625 (15.9) .937 (23.8) .905 (23.0) 1.770 (45.0) 16 .875 (22.2) 1.250 (31.8) 1.092 (27.7) 2.113 (53.7) 20 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 24 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 28 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6) 32
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Interface O-Ring not supplied with connector designator A.
Dash X W No. Max Max 03* .437 (11.1) .760 (19.3) 04* .437 (11.1) .760 (19.3) 06* .500 (12.7) .760 (19.3) 08 .563 (14.3) .760 (19.3) 10 .563 (14.3) .760 (19.3) 12 .563 (14.3) .760 (19.3) 16 .656 (16.7) 1.073 (27.3) 20 .656 (16.7) 1.323 (33.6) 24 .656 (16.7) 1.323 (33.6) 28 1.188 (30.2) 1.572 (39.9) 32* 1.187 (30.1) 1.572 (39.9) 40* 1.125 (28.6) 1.572 (39.9) * Not available in Style M clamp.
(c) 2005 Glenair, Inc.
TABLE XI: CABLE ENTRY Y Z Max Max .843 (21.4) .630 (16.0) .906 (23.0) .755 (19.2) 1.093 (27.8) .942 (23.9) 1.187 (30.1) 1.067 (27.1) 1.281 (32.5) 1.192 (30.3) 1.500 (38.1) 1.380 (35.1) 1.719 (43.7) 1.535 (39.0) 2.062 (52.4) 1.848 (46.9) 2.312 (58.7) 2.255 (57.3) 2.719 (69.1) 2.505 (63.6) 2.969 (75.4) 2.755 (70.0) 3.531 (89.7) 3.255 (82.7)
Cable Range Min ** Max .156 (4.0) .250 (6.4) .188 (4.8) .312 (7.9) .281 (7.1) .438 (11.1) .387 (9.3) .562 (14.3) .375 (9.5) .625 (15.9) .438 (11.1) .750 (19.1) .625 (15.9) .938 (23.8) .875 (22.2) 1.250 (31.8) 1.000 (25.4) 1.375 (34.9) 1.250 (31.8) 1.625 (41.3) 1.437 (36.5) 1.875 (47.6) 1.875 (47.6) 2.375 (60.3) ** Not Applicable Style D
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 63
39
390-053 Submersible EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390LM053M08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X