Part Number Hot Search : 
S6416 XXXGX TS5204CY R1007 E008063 10N12 STRS5708 M5244B
Product Description
Full Text Search
 

To Download 380AF111B08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 380-111 EMI/RFI Non-Environmental Backshell
with Strain Relief Type D - Self-Locking - Rotatable Coupling - Split Shell
38
CONNECTOR DESIGNATORS
380 F D 111 M 24 12 A Product Series Connector Designator Angle and Profile C = Ultra-Low Split 90 D = Split 90 F = Split 45 H (Table III) Strain Relief Style (H, A, M, D) Cable Entry (Table X, XI) Shell Size (Table I) Finish (Table II) Basic Part No.
A-F-H-L-S
SELF-LOCKING ROTATABLE COUPLING
TYPE D INDIVIDUAL OR OVERALL SHIELD TERMINATION
A Thread (Table I) E Typ. (Table I)
F (Table III)
M*
G (Table III)
J (Table III)
Split 90 Split 45
1.00 (25.4) Max
Max Wire Bundle (Table III, Note 1)
K*
*(Table III)
AntiRotation Device (Typ.)
L (Table III)
STYLE 2 (See Note 1)
STYLE H Heavy Duty (Table X) T STYLE A Medium Duty (Table XI) W STYLE M Medium Duty (Table XI) X
Ultra LowProfile Split 90
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 38 - Page 82
with Strain Relief Type D - Self-Locking - Rotatable Coupling - Split Shell See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE III: DIMENSIONS
Shell F Max Size 08/09 .596 (15.1) 10/11 .656 (16.7) 12/13 .716 (18.2) 14/15 .776 (19.7) 16/17 .836 (21.2) 18/19 .906 (23.0) 20/21 .976 (24.8) 22/23 1.036 (26.3) 24/25 1.096 (27.8) G Max 1.590 (40.4) 1.650 (41.9) 1.720 (43.7) 1.750 (44.5) 1.850 (47.0) 1.910 (48.5) 1.970 (50.0) 2.030 (51.6) 2.090 (53.1) H Max .836 (21.2) .906 (23.0) .966 (24.5) 1.026 (26.1) 1.086 (27.6) 1.156 (29.4) 1.216 (30.9) 1.276 (32.4) 1.336 (33.9) J Max 1.530 (38.9) 1.590 (40.4) 1.660 (42.2) 1.690 (42.9) 1.790 (45.5) 1.850 (47.0) 1.910 (48.5) 1.970 (50.0) 2.030 (51.6) K Max .496 (12.6) .426 (10.8) .426 (10.8) .436 (11.1) .576 (14.6) .796 (20.2) .796 (20.2) .696 (17.7) .696 (17.7) L Max 1.780 (45.2) 1.940 (49.3) 1.940 (49.3) 2.010 (51.1) 2.060 (52.3) 2.090 (53.1) 2.090 (53.1) 2.240 (56.9) 2.240 (56.9) M Function C Max Max Wire Bundle .837 (21.3) .250 (6.4) .887 (22.5) .375 (9.5) .887 (22.5) .375 (9.5) .987 (25.1) .500 (12.7) 1.137 (28.9) .625 (15.9) 1.337 (34.0) .625 (15.9) 1.337 (34.0) .625 (15.9) 1.337 (34.0) .750 (19.1) 1.337 (34.0) .750 (19.1)
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: CABLE ENTRY T V Cable Range Max Max Min Max .780 (19.8) .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) 1.145 (29.1) .250 (6.4) .437 (11.1) .780 (19.8) 1.332 (33.8) .312 (7.9) .562 (14.3) .780 (19.8) 1.332 (33.8) .350 (8.9) .625 (15.9) .811 (20.6) 1.551 (39.4) .500 (12.7) .750 (19.1) .905 (23.0) 1.770 (45.0) .625 (15.9) .937 (23.8) 1.092 (27.7) 2.113 (53.7) .875 (22.2) 1.250 (31.8) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6)
TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied (not available in Function C). Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Angular function "C", low-profile split elbow, not available with "S" connector designator. TABLE XI: CABLE RANGE Dash W X Y Z Cable Range No. Max Max Max Max Min ** Max 03* .437 (11.1) .760 (19.3) .843 (21.4) .630 (16.0) .156 (4.0) .250 (6.4) 04* .437 (11.1) .760 (19.3) .906 (23.0) .755 (19.2) .188 (4.8) .312 (7.9) 06* .500 (12.7) .760 (19.3) 1.093 (27.8) .942 (23.9) .281 (7.1) .438 (11.1) 08 .563 (14.3) .760 (19.3) 1.187 (30.1) 1.067 (27.1) .344 (8.7) .562 (14.3) 10 .563 (14.3) .760 (19.3) 1.281 (32.5) 1.192 (30.3) .375 (9.5) .625 (15.9) 12 .563 (14.3) .760 (19.3) 1.500 (38.1) 1.380 (35.1) .438 (11.1) .750 (19.1) 16 .656 (16.7) 1.073 (27.3) 1.719 (43.7) 1.535 (39.0) .562 (14.3) .938 (23.8) 20 .656 (16.7) 1.323 (33.6) 2.062 (52.4) 1.848 (46.9) .750 (19.1) 1.250 (31.8) 24 .656 (16.7) 1.323 (33.6) 2.312 (58.7) 2.255 (57.3) .781 (19.8) 1.375 (34.9) 28 1.188 (30.2) 1.572 (39.9) 2.719 (69.1) 2.505 (63.6) .969 (24.6) 1.625 (41.3) 32* 1.187 (30.1) 1.572 (39.9) 2.969 (75.4) 2.755 (70.0) 1.125 (28.6) 1.875 (47.6) 40* 1.125 (28.6) 1.572 (39.9) 3.531 (89.7) 3.255 (82.7) 1.469 (37.3) 2.375 (60.3) * Not available in Style M clamp. ** Not Applicable Style D
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 38 - Page 83
38
380-111 EMI/RFI Non-Environmental Backshell


▲Up To Search▲   

 
Price & Availability of 380AF111B08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X