Part Number Hot Search : 
C1454 HSN500F 84C10 M35053 SK263 UPD16856 10E471 50150
Product Description
Full Text Search
 

To Download 336PLM025M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLM
FEATURES
+85C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
For all timing applications
I Very small size I Capacitance range: 0.1 F to 100 F SPECIFICATIONS
Capacitance Tolerance Operating Temperature Range Dissipation Factor 120Hz, 20C WVDC tan WVDC Impedance Ratio (Max.) @120Hz -25/20C -40/20C WVDC Leakage Current Time 6.3
.24
I Voltage range: 6.3 WVDC to 50 WVDC I Solvent tolerant end seals standard
20% at 120Hz, 20C -40C to +85C 10
.20
16
.16
25
.14
35
.12
50
.10
6.3
4 10
10
3 8
16
2 6
25
2 4
35
2 3
50
2 3
50 WVDC 2 minutes
.002CV or .4A whichever is greater
1,000 hours at 85C with rated WVDC Load Life
Capacitance change Dissipation factor Leakage current < 20% of initial measured values <200% of initial specified value Shelf Life Frequency (Hz) Ripple Current Multipliers
50 0.8 120 1.0 400 1.3 1K 1.36
Temperature (C)
10K 1.48 100K 1.53 +85 1.0 +70 1.3 +60 1.5 +45 1.8
SPECIAL ORDER OPTIONS
* Special tolerances: 10% (K), -10% + 30% (Q) * * Epoxy end seal * Polyester sleeve
(See pages 33 thru 37)
Tape and Reel/Ammo Pack
*
Cut, formed, cut and formed, and snap-in leads
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
PLM
+ 85C 7mm Height Low Leakage Radial Lead Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance (F)
WVDC
PART NUMBER
Maximum ESR 120Hz,+20C
Maximum RMS Ripple Current (mA) 120Hz,+85C
Dimensions DxL (mm)
Capacitance (F)
WVDC
PART NUMBER
Maximum ESR 120Hz,+20C
Maximum RMS Ripple Current (mA) 120Hz,+85C
Dimensions DxL (mm)
0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 4.7 10
50 50 50 50 50 50 50 35 50 16
104PLM050M 224PLM050M 334PLM050M 474PLM050M 105PLM050M 225PLM050M 335PLM050M 475PLM035M 475PLM050M 106PLM016M
1657.86 753.57 502.38 352.74 165.79 75.357 50.238 42.328 35.274 26.526
1 2 3 5 10 17 20 22 27 27
4x7 4x7 4x7 4x7 4x7 4x7 4x7 4x7 5x7 4x7
10 10 22 22 22 33 33 47 47 100
35 50 6.3 16 35 10 25 6.3 16 6.3
106PLM035M 106PLM050M 226PLM6R3M 226PLM016M 226PLM035M 336PLM010M 336PLM025M 476PLM6R3M 476PLM016M 107PLM6R3M
19.894 16.579 18.086 12.057 9.043 10.048 7.033 8.466 5.644 3.979
34 41 31 43 56 48 62 52 69 82
5x7 6.3x7 4x7 5x7 6.3x7 5x7 6.3x7 5x7 6.3x7 6.3x7
PHYSICAL DIMENSIONS
WVDC (SV) (F) 0.1 .22 .33 .47 1.0 2.2 3.3 4.7 10 22 33 47 100 5x7 6.3x7 4x7 5x7 6.3x7 4x7 5x7 6.3x7 4x7 5x7 6.3x7 6.3 (8) 10 (13) 16 (20) 25 (32) 35 (44) 50 (63) 4x7 4x7 4x7 4x7 4x7 4x7 4x7 5x7 6.3x7
Convert to inches, divide by 25.4
DxL(mm)
LEAD INFORMATION VS. CASE DIAMETER
L
PVC SLEEVE
L
15.0 MIN
D S
4 1.5 .45
5 2.0 .45
6.3 2.5 .45
L
d
L
+
L1
19.0 MIN
L L L L L L
D1
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
L
L L
d
S1
L1= L+1mm Max. S1= S 0.5 mm Max. D1= D+ 0.5 mm Max.


▲Up To Search▲   

 
Price & Availability of 336PLM025M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X