Part Number Hot Search : 
MC283 MA3240 LB1950 11084 AM27C010 FP40R12 0610120 R5D10
Product Description
Full Text Search
 

To Download 320CS002B16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard Profile - Direct Coupling - Straight Only
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 2
CONNECTOR DESIGNATORS *
320 F S 002 M 16-3 Product Series Connector Designator Angle and Profile S = Straight Basic Part No. Length (1/2 inch increments: e.g. 3 = 1.5 inches) Minimum order length 1.5 inches Shell Size (Table I) Finish (Table II)
DIRECT COUPLING
Length .060 (1.52) A Thread, Class 2B (Table I)
B (Table I)
TABLE II : STANDARD FINISHES
GLENAIR SYMBOL B C G M NF FINISH Cadmium Plate, Olive Drab Anodize, Black Hard Coat, Anodic Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
A Thread Class 2A (Table I)
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
See Back Cover for Complete Finish Information and Additional Finish Options
1. Metric dimensions (mm) are indicated in parentheses. 2. When using Connector Designator B refer to pages 18 and 19 for part number development.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 32 - Page 3
32
320-002 Extender Backshell


▲Up To Search▲   

 
Price & Availability of 320CS002B16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X