Part Number Hot Search : 
4741A 11800 150KR120 P7831114 FW241 AS1106 CXD8871Q PHN380
Product Description
Full Text Search
 

To Download 319A064XO20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 319-064 Composite Swing-Arm Backshell
with Shield Sock and Self-Locking Rotatable Coupling
Finish Symbol (See Table III) Product Series 319 - EMI/RFI Shield Sock Assemblies Basic Part Number Connector Shell Size (See Table II) Split Ring / Band Option Split Ring (687-749) and Band (600-052-1) supplied with R option (Omit for none)
Composite Backshells
CONNECTOR DESIGNATOR:
A
A F H
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series III and IV
SELF-LOCKING
319
H
064
XO
15
B
R - 14
Custom Braid Length Specify In Inches (Omit for Std. 12" Length)
B
ROTATABLE COUPLING
Connector Designator A, F, and H
Optional Braid Material Omit for Standard (See Table IV)
Anti Rotation Device - TYP
12.00 Min J G Termination Area Free of Cadmium
C
EMI Shroud TYP A Thread TYP
K TYP
Detail "B" Finish XN Standard Shield IAW 107-030 Nickel/Copper. See Table III for optional configuration.
D
Crimp Ring TYP
Captive Position Screw Locks Swing Arm in 45 Incriments
Self Locking Hardware, TYP E TYP Closed .062 Min .250 Max Screw Protrusion TYP
E
Split Ring 687-749 Band 600-052-1 Screwhead Same Side TYP
F Typ H
F
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-12
with Shield Sock and Self-Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size A, F 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 E .031 .265 (6.7) .310 (7.9) .390 (9.9) .506 (12.9) .591 (15.0) .661 (16.8) .744 (18.9) .826 (21.0) .896 (22.8) F Min. .22 (5.6) .27 (6.9) .35 (8.9) .47 (11.9) .55 (14.0) .62 (15.7) .70 (17.8) .78 (19.8) .85 (21.6) G Max. 1.06 (26.9) 1.09 (27.7) 1.18 (30.0) 1.24 (31.5) 1.32 (33.5) 1.39 (35.3) 1.49 (37.8) 1.55 (39.4) 1.61 (40.9) H Max. .98 (24.9) 1.05 (26.7) 1.20 (30.5) 1.30 (33.0) 1.44 (36.6) 1.56 (39.6) 1.69 (42.9) 1.77 (45.0) 1.89 (48.0) J .06 .94 (23.9) .97 (24.6) 1.03 (26.2) 1.09 (27.7) 1.12 (28.4) 1.15 (29.2) 1.18 (30.0) 1.25 (31.8) 1.28 (32.5) K Min. (H Code) .264 (6.7) .390 (9.9) .504 (12.8) .630 (16.0) .756 (19.2) .843 (21.4) .969 (24.6) 1.091 (27.7) 1.217 (30.9) K Min. (A Code) .265 (6.7) .370 (9.4) .506 (12.9) .580 (14.7) .705 (17.9) .784 (19.9) .909 (23.1) 1.034 (26.3) 1.149 (29.2) K Min. (F Code) .275 (7.0) .412 (10.5) .526 (13.4) .657 (16.7) .776 (19.7) .872 (22.1) 1.007 (25.6) 1.132 (28.8) 1.257 (31.9)
TABLE III: FINISH
Symbol XB Finish Composite Material-No Plating, Color Black, Brass Interface Shroud and Adapter-Nickel Plated 2000 Hour Corrosion Resistant NiPTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM Composite Material-No Plating, Color Black and Brown, Brass Interface Shroud and Adapter-Selectively Cadmium Plated (See Detail B) Composite Material-No Plating, Color Black and Brown, Brass Interface Shroud and Adapter-Nickel Plated
TABLE IV: BRAID TYPE
Symbol A B Standard T Braid Type 100% AmberStrand(R) 75%/25% AmberStrand(R) Blend Nickel/Copper 34awg Tin/Copper 34awg
XMT
XN
XO
NOTES
1. 2. 3. 4. See Table I in Intro for front-end dimensional details. See composite thermoplastic shield sock assembly procedure for detailed installation instructions. Code F is for series I connectors only. Use mod code -475 for series III connector (connector less shroud) Coupling nut supplied unplated.
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-13
Composite Backshells
319-064 Composite Swing-Arm Backshell
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 319A064XO20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X