Part Number Hot Search : 
IRFU3303 C2064 LZ2413H UPD44 ASI10590 IRFU3303 EN2999C CXP83620
Product Description
Full Text Search
 

To Download 30KP168A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
30KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-30.0 TO 400 Volts
30000 Watt Peak Pulse Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated junction * 30000W Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Repetition rate (duty cycle):0.05% * Low incremental surge resistance * Fast response time: typically less than 1.0 ps from 0 volts to BV * Typical Id less than 1A above 10V * High temperature soldering guaranteed: 265C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension
P-600
1.0(25.4) MIN .360(9.1) .340(8.6) DIA
.360(9.1) .340(8.6)
.052(1.3) .048(1.2) DIA
1.0(25.4) MIN
MECHANICAL DATA
Case:Molded plastic over glass passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.07 ounce, 2.1 gram Dimensions in inches (milimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 30KP30 thru types 30KP400 Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1) Peak Pulse Current of on 10-1000 s waveform (NOTE 1) Steady State Power Dissipation at Tl=75 C Lead Lengths.375", (9.5mm)(NOTE 2)
SYMBOL
PPPM IPPM PM(AV)
VALUE
Minimum 30000 SEE TABLE 1 8.0
UNITS
Watts Amps Watts
Peak Forward Surge Current, 8.3ms Sine-Wave IFSM 400.0 Superimposed on Rated Load, (JEDEC Method) (NOTE 3) Operatings and Storage Temperature Range TJ, TSTG -55 to +175 NOTES: 1.Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum Certified RoHS Compliant UL File # E223026
Amps C
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
30KP Series Rating and Characteristic Curves
Pppm 1 PEAK PULSE POWER 1 KW
10000 1000
Non-repetitive pulse waveform shown in Fig. 3TA = 25C
100
10 1 0.1 1 10 100 1,000 10,000 100,000 td PULSE WIDTH 1 sec FIG. 1 PEAK PULSE POWER RATING
Fig.2 - Pulse Derating Curve
100 87.5
Peak Pulse Power (PPP) or Current (IPP) Derating in
75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
TA - Ambient Temperature (C)
150
IPPM - Peak Pulse Current,% IRSM
tr = 10sec. Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
50
10/1000sec.Waveform as defined by R.E.A.
td
0 0 1.0 2.0 3.0 t - Time(ms) 3.0
4.0
4.0
Fig.3 - Pulse Waveform
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
30000 Watt TVS
UNI-POLAR BI-POLAR TEST REVERSE BREAKDOWN PEAK REVERSE MAXIMUM VOLTAGE CURRENT CLAMPING PULSE STANDOFF LEAKAGE VBR (V) (IT ) VOLTAGE VOLTAGE CURRENT @ VRWM IR VRWM (V) IPP (A) @IPP Vc (V) MIN. @ IT (A) mA 606.0 548.9 517.2 490.3 450.9 420.8 415.1 391.5 371.3 350.7 331.5 327.9 297.1 291.3 283.2 278.0 271.7 265.8 253.8 234.0 217.7 207.0 194.2 183.0 172.9 155.9 142.3 135.8 129.8 123.7 120.0 111.2 110.2 104.3 94.7 86.9 78.3 72.8 72.8 69.5 65.3 64.5 62.0 53.0 46.0 5000 5000 5000 5000 2000 1000 1000 250 150 50 20 20 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
28.00 31.3 50 50.0 30KP28A 30KP28CA 30.00 33.5 50 55.2 30KP30A 30KP30CA 33.00 36.9 50 58.5 30KP33A 30KP33CA 36.00 40.2 50 61.8 30KP36A 30KP36CA 39.00 43.6 20 67.2 30KP39A 30KP39CA 42.00 46.9 10 72.0 30KP42A 30KP42CA 43.00 48.0 10 73.0 30KP43A 30KP43CA 45.00 50.3 5 77.4 30KP45A 30KP45CA 48.00 53.6 5 81.6 30KP48A 30KP48CA 51.00 57.0 5 86.4 30KP51A 30KP51CA 54.00 60.3 5 91.4 30KP54A 30KP54CA 58.00 64.8 5 92.4 30KP58A 30KP58CA 60.00 67.0 5 102.0 30KP60A 30KP60CA 64.00 71.5 5 104.0 30KP64A 30KP64CA 66.00 73.7 5 107.0 30KP66A 30KP66CA 70.00 78.2 5 109.0 30KP70A 30KP70CA 71.00 79.3 5 111.5 30KP71A 30KP71CA 72.00 80.4 5 114.0 30KP72A 30KP72CA 75.00 83.8 5 119.4 30KP75A 30KP75CA 78.00 87.1 5 129.0 30KP78A 30KP78CA 84.00 93.8 5 139.2 30KP84A 30KP84CA 90.00 100.5 5 146.4 30KP90A 30KP90CA 96.00 107.2 5 156.0 30KP96A 30KP96CA 102.00 113.9 5 165.6 30KP102A 30KP102CA 108.00 120.6 5 175.2 30KP108A 30KP108CA 120.00 134.0 5 194.4 30KP120A 30KP120CA 132.00 147.4 5 213.0 30KP132A 30KP132CA 144.00 160.8 5 223.2 30KP144A 30KP144CA 150.00 167.6 5 233.4 30KP150A 30KP150CA 156.00 174.3 5 245.0 30KP156A 30KP156CA 160.00 178.7 5 252.6 30KP160A 30KP160CA 168.00 187.7 5 272.4 30KP168A 30KP168CA 170.00 189.9 5 275.0 30KP170A 30KP170CA 180.00 201.1 5 290.4 30KP180A 30KP180CA 198.00 221.2 5 319.8 30KP198A 30KP198CA 216.00 241.3 5 348.6 30KP216A 30KP216CA 240.00 268.1 5 387.0 30KP240A 30KP240CA 258.00 288.2 5 416.4 30KP258A 30KP258CA 260.00 290.4 5 416.0 30KP260A 30KP260CA 270.00 301.6 5 436.2 30KP270A 30KP270CA 280.00 312.8 5 464.0 30KP280A 30KP280CA 288.00 321.7 5 469.9 30KP288A 30KP288CA 300.00 333.0 5 483.0 30KP300A 30KP300CA 350.00 389.0 5 564.0 30KP350A 30KP350CA 400.00 444.0 5 644.0 30KP400A 30KP400CA For bidirectional type having Vrwm of 40 volts and less, the IR limit is double For parts without A , the V is + 10% BR Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of 30KP168A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X