Part Number Hot Search : 
MX25L256 GBJH1501 R1212D R27V852E FR3503 7474E3 TPS5426 6103FPJ
Product Description
Full Text Search
 

To Download 30-7402-660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules 3000 Series
Key Features
* Very high kink-free powers to 660 mW * Low-profile, epoxy-free, and flux-free 14-pin butterfly planar package with PM fiber * Fiber Bragg grating stabilization * Multiple wavelength availability * Integrated thermoelectric cooler, thermistor, and monitor diode * High dynamic range * Excellent low-power stability
Applications
* Next-generation dense wavelength division multiplexing (DWDM) erbium doped fiber amplifiers (EDFAs) requiring the highest power with "locked" wavelength emission * Reduced pump-count EDFA architectures * Very long distance cable television (CATV) trunks and very high nodecount distribution * Pump splitting (multiple EDFA stages) * FTTx, Agile metro/ROADM
The JDSU 3000 Series 980 nm pump module uses a planar construction with chip on subcarrier. The high-power laser chip is hermetically sealed in a low-profile, epoxy- and flux-free 14-pin butterfly package and fitted with a thermistor, thermoelectric cooler, and monitor diode. This product uses a polarization maintaining fiber (PMF) pigtail that allows excellent side mode supression ratios (SMSR) over a very wide dynamic range. The 3000 Series pump module uses PM fiber Bragg grating stabilization to "lock" the emission wavelength. It provides a noise-free narrowband spectrum, even under changes in temperature, drive current, and optical feedback. Wavelength selection is available for applications that require the highest performance in spectrum control with the highest available powers.
Compliance
* Telcordia GR-468-CORE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
3000 SERIES PUMPS
2
Dimensions Diagram (Note: Specifications in mm unless otherwise noted; tolerance = .x .3, .xx .20.)
45.04 30.0
1600 M I N (1900 NOM )
1000 NOM . TO CENTER OF GRATING 26 . 0 20 . 8 17.8 1 .5 500 NOM . TO C/L OF SPLICE (OPTIONAL)
4 0 . 5 N O M . 1 5 . 5 1 2. 7
9 .0 STRAIN RELIEF
FLEXIBLE <=400 MICRON RECOAT
4.6
4X
2 .5 0 TH RU
1 2X 2 . 5 L E A D S P A C I N G T O L E R A N C E I S N O N -A C C U M U L A T I V E 14X 0.51 LEAD WIDTH
260 < RECOAT <
935 (MICRON)
2.8 4.0 0 1.50 7 . 7 0. 20
RED NON-XYLENE MARK FOR RECOAT WITH 295 35 m
3. 9
1.5
5 . 6 T O L EA D C / L
2X ~ 5
5. 2 6
0.25 LEAD THICKNESS
Pinout
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14
Description Cooler (+) Thermistor Monitor PD anode Monitor PD cathode Thermistor N/C N/C N/C N/C Laser anode Laser cathode N/C Case ground Cooler (-)
7
6
5
4
3
2
1
8
9
10
11
12
13
14
3000 SERIES PUMPS
3
Absolute Maximum Ratings
Parameter Operating case temperature Storage temperature Laser operating temperature LD reverse voltage LD forward current LD current transient LD reverse current PD reverse voltage PD forward current Electrostatic discharge (ESD) Cooler current Atmospheric pressure Storage Operating Relative humidity Lead soldering time
Symbol Top Tstg TLD Vr If_max
Test Condition 2000 hours Unlimited time 1 s maximum C = 100 pF, R = 1.5 , human body model -
Minimum -5C -40C 0C 5% -
Maximum 75C 85C 50C 2.0 V 1400 mA 1500 mA 10 A 20 V 10 mA 1000 V 4A 11 kPa 58 kPa 95% 10 seconds
VPD IPF VESD IC
RH
Non condensing 260C
Note: Each device is rated to a maximum kink-free current (Imax), provided on the individual datasheet. This is the maximum current under which the device will perform its intended function. Operation above Imax, and up to the absolute maximum rating, may result in poor device performance, and degrade device reliability. Long-termoperation above Imax may lead to early device failure.
Operating Parameters
Product Code
Operating Power Pop (mW) 450 460 480 500 520 540 560 580 600
Operating Current Iop (mA) 1000 1020 1060 1100 1150 1200 1250 1250 1250
Kink-Free Power Pmax (mW) 500 520 540 560 580 600 620 640 660
Kink-Free Current Imax (mA) 1100 1150 1200 1250 1300 1350 1400 1400 1400
30-xxxx-500 30-xxxx-520 30-xxxx-540 30-xxxx-560 30-xxxx-580 30-xxxx-600 30-xxxx-620 30-xxxx-640 30-xxxx-660
3000 SERIES PUMPS
4
Available Peak Wavelength Selection
Product Code 30-7402-xxx 30-7602-xxx 30-8000-xxx
Peak Wavelength 974.0 nm 976.0 nm 980.0 nm
Peak Wavelength Tolerance -0.5/+1.0 nm 1 nm -6/+5 nm
Electro-Optical Performance
(BOL,Tcase = -5 to 75C, Pf range = 20 mW to Pmax, -50 dB reflection, unless noted otherwise)
Parameter Threshold current Laser diode temperature Forward voltage Operating power Kinkfree output power Wavelength Pump in pump band Spectral width Wavelength tuning vs. temperature Optical power stability
Symbol Ith-BOL TLD Vf Pop Pmax m Ppump RMS /T Pf_t
Test Condition If = Iop If = Iop If = Imax Pump band = m1.5 nm Over Pf range, DC to 50 kHz, 50 kHz sampling, Tcase = 25C 20 mW < Pop < 100 mW 100 mW < Pop < 600 mW If = Imax, TLD = 25C, see table on next page Tset = 25C -
Minimum 20C 20 mW 500 mW 973 nm 90% -
Maximum 35 mA 30C 2.6 V Pop 660 mW 985 nm 2.0 nm 0.02 nm/C
Monitor diode responsivity TEC cooling capacity Thermistor resistance Thermistor constant
IBF TEC Rth B
1 A/mW 50C 9.5 k 3600 K
4% 2.5% 10 A/mW 10.5 k 4200 K
3000 SERIES PUMPS
5
TEC and Total Module Power Consumption (For T = 50C, BOL, Tcase = 75C, Tld = 25C unless noted otherwise)
Product Code
TEC Current Imax (A) 1.94 1.97 2.01 2.03 2.06 2.09 2.20 2.20 2.20
TEC Voltage Vmax (V) 2.69 2.73 2.76 2.78 2.80 2.83 2.90 2.90 2.90
TEC Power Consumption Pmax (W) 5.22 5.38 5.55 5.64 5.77 5.91 6.38 6.38 6.38
Total Module Power Consumption Pmax (W) 7.17 7.38 7.66 7.87 8.14 8.45 9.19 9.19 9.19
30-xxxx-500 30-xxxx-520 30-xxxx-540 30-xxxx-560 30-xxxx-580 30-xxxx-600 30-xxxx-620 30-xxxx-640 30-xxxx-660
Panda PM-980 Polarization Maintaining Fiber Nominal Characteristics and Tolerances
Parameter Cutoff wavelength Maximum attenuation at 980 nm Cladding outside diameter Coating outside diameter Mode field diameter at 980 nm Cross talk at 100 m Maximum beat length Operating temperature Fiber tensile proof strength (tested)
Specification 950 nm 3.0 dB/km 1253 m 2503 m 6.61.1 m -25 dBm/2 m 3.3 mm -40 to 85C 200 kpsi
3000 SERIES PUMPS
6
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at customer.service@jdsu.com.
Sample: 30-7402-520
30Code 7402 7602 8000 Peak Wavelength 973.5 to 975.0 nm 975.0 to 977.0 nm 974.0 to 985.0 nm
Code 500 520 540 560 580 600 620 640 660 Minimum Kink-Free Power 500 mW 520 mW 540 mW 560 mW 580 mW 600 mW 620 mW 640 mW 660 mW
User Safety
Safety and Operating Considerations The laser light emitted from this laser diode is invisible and may be harmful to the human eye. Avoid looking directly into the fiber when the device is in operation. CAUTION: THE USE OF OPTICAL INSTRUMENTS WITH THIS PRODUCT INCREASES EYE HAZARD. Operating the laser diode outside of its maximum ratings may cause device failure or a safety hazard. Power supplies used with this component cannot exceed maximum peak optical power. CW laser diodes may be damaged by excessive drive current or switching transients. When using power supplies, the laser diode should be connected with the main power on and the output voltage at zero. The current should be increased slowly while monitoring the laser diode output power and the drive current. Careful attention to heatsinking and proper mounting of this device is required to ensure specified performance over its operating life. To maximize thermal transfer to the heatsink, the heatsink mounting surface must be flat to within .001" and the mounting screws must be torqued down to 1.5 in.-lb. ESD PROTECTION -- Electrostatic discharge (ESD) is the primary cause of unexpected laser diode failure. Take extreme precaution to prevent ESD. Use wrist straps, grounded work surfaces, and rigorous antistatic techniques when handling laser diodes.
3000 SERIES PUMPS
Labeling
21 CFR 1040.10 Compliance Because of the small size of these devices, the output power and laser emission indicator label shown below is attached to the individual shipping container. All labels are illustrated here to comply with 21 CFR 1040.10 as applicable under the Radiations Control for Health and Safety Act of 1968.
14-Pin Module Label
02/09/07 30-ABC123 30-xxxx-xxx Made in China
Shipping Box Label
30-ABC123
Model:
30-xxxx-xxx JDS Uniphase (Shenzhen) Ltd 3 Hongmian Road Futian Free Trade Zone Shenzhen, China 518038 Made in China
Output Power and Laser Emission Indicator Label DANGER
INVISIBLE LASER RADIATION AVOID DIRECT EXPOSURE TO BEAM PEAK POWER 660 mW WAVELENGTH 630 - 1,550 nm CAUTION Handle with care. Easily damaged by electrostatic discharge
INVISIBLE LASER DIODE
AVOID EXPOSURE
This product complies with 21 CFR Chapter 1, Subchapter J
CLASS 4 LASER PRODUCT
Visible/invisible radiation emitted from fiber end or fiber receptacle
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2009 JDS Uniphase Corporation 30149049 004 0309 Telcordia is a registered trademark of Telcordia Technologies Incorporated.
3000PUMP.DS.CC.AE
02/09/07
Serial:
March 2009


▲Up To Search▲   

 
Price & Availability of 30-7402-660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X