Part Number Hot Search : 
00BZXI AN7191Z ETF02S C5571 2SD1511Q SMPA48 DRE3G GR8875L
Product Description
Full Text Search
 

To Download 2SJ506S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Hight Speed Power Switching 2SJ506S
TO-252
IC MOSFET
Features
Low on-resistance RDS(on) = 0.065 Low drive current
+0.2 9.70-0.2
+0.1 0.80-0.1
Unit: mm
+0.1 2.30-0.1 +0.8 0.50-0.7
typ. (at VGS = -10V, ID = -5A)
+0.15 5.55-0.15
+0.15 1.50-0.15
+0.15 6.50-0.15 +0.2 5.30-0.2
+0.28 1.50-0.1
+0.25 2.65-0.1
4V gate drive devices.
2.3
+0.15 4.60-0.15
+0.15 0.50-0.15
High speed switching
0.127 max
1 Gate 2 Drain 3 Source
+0.1 0.60-0.1
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage (AC) Gate to source voltage (DC) *1 Drain current (DC) Drain current(pulse) *2 Power dissipation TA=25 TC=25 Channel temperature Storage temperature Channel to Case Channel to Ambient *1 f = 20 kHz, Duty Cycle * 2 PW 10 s; d 1%. 10% (+Side) Symbol VDSS VGSS VGSS ID ID PD PD Tch Tstg Rth(ch-C) Rth(ch-A) Rating -60 20 -20 20 80 1.5 70 150 -55 to +150 1.79 83.3 /W /W Unit V V V A A W W
3.80
www.kexin.com.cn
1
SMD Type
2SJ506S
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Gate to source breakdown voltage Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol VDSS VGSS IDSS IGSS Testconditons ID=-10mA,VGS=0 IG= 100 A ,VDS=0 Min -30 20
MOSFET IC
Typ
Max
Unit V V
VDS=-30V,VGS=0 VGS= 16V,VDS=0 -1.0 10 16 65 110 660 VDS=-10V,VGS=0,f=1MHZ 440 140 12 VGS(on)=-10V,ID=--5A ,RL=2 65 85 65
-10 10 -2.0
A A V S
VGS(off) VDS=-10V,ID=-1mA Yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf VDS=-10V,ID=-5A VGS=-10V,ID=-5A VGS=-4.0V,ID=-5A
65 180
m m pF pF pF ns ns ns ns
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SJ506S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X