Part Number Hot Search : 
2815S KBL01 2SC3979A DTA143Z MN102L35 GP20K PAM2845 MAX4691
Product Description
Full Text Search
 

To Download 2SD401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD401
DESCRIPTION With TO-220C package Complement to type 2SB546 Collector current IC=2A Collector-base voltage VCBO=200V APPLICATIONS For use in general purpose power amplifier,vertical output application
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collectorl power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 200 150 5 2 25 150 -55~150 ae ae UNIT V V V A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown votage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=10mA; IB=0 IC=0.5mA; IE=0 IE=0.5mA; IB=0 IC=500m A;IB=50m A VCB=150V; IE=0 VEB=5V; IC=0 IC=0.4A ; VCE=10V IC=0.4A ; VCE=10V 40 5 MIN 150 200 5 TYP.
2SD401
SYMBOL VCEO VCBO VEBO VCEsat ICBO IEBO hFE fT
MAX
UNIT V V V
1.0 50 50 400 |I |I
V A A
MHz
hFE classifications R 40-80 O 70-140 Y 120-240 G 200-400
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD401
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD401
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X