Part Number Hot Search : 
1N414 HMC1105 43020 43020 A1512 HAT2099H 48000 00BGXI
Product Description
Full Text Search
 

To Download 2SD2642 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD2642
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 110V(Min) *High DC Current Gain: hFE= 5000( Min.) @(IC= 5A, VCE= 4V) *Low Collector Saturation Voltage: VCE(sat)= 2.5V(Max)@ (IC= 5A, IB= 5mA) *Complement to Type 2SB1687
B
APPLICATIONS *Designed for audio, series regulator and general purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
w w
scs .i w
VALUE UNIT 110 V 110 V 5 V 6 A 1 A
.cn mi e
VEBO IC
Emitter-Base Voltage
Collector Current-Continuous
IB
Base Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature
PC
30
W
TJ Tstg
150
Storage Temperature
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCE(sat) VBE(sat) ICBO IEBO hFE COB fT PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Output Capacitance Current-Gain--Bandwidth Product CONDITIONS IC= 30mA ; IB= 0 IC= 5A; IB= 5mA
B
2SD2642
MIN 110
TYP.
MAX
UNIT V
2.5 3.0 100 100 5000
V V A A
IC= 5A; IB= 5mA
B
VCB= 110V; IE= 0 VEB= 5V; IC= 0 IC= 5A; VCE= 4V
IE= 0; VCB= 10V; ftest= 1MHz
Switching Times ton tstg tf
Turn-on Time Storage Time Fall Time
w w
P
scs .i w
Y
IE= -0.5A ; VCE= 12V
.cn mi e
55 60
pF MHz
0.8 6.2 1.1
s s s
VCC= 30V, RL= 6, IC= 5A; IB1= -IB2= 5mA,
hFE Classifications O 5000-12000
6500-20000
15000-30000
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD2642

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X