Part Number Hot Search : 
SMP50 1N4755 ECG2350 1R014 A1774 CJ26A SMCJ58 AD7397AR
Product Description
Full Text Search
 

To Download 2SD2551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD2551
DESCRIPTION *High Breakdown VoltageVCBO= 1700V (Min) *High Switching Speed *Low Saturation Voltage *Built-in Damper Diode
APPLICATIONS *Designed for color TV horizontal deflection applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
ww w
scs .i
UNIT 1700 V 600 V 5 V 5 A 10 A 2.5 A
.cn mi e
IC
Collector Current- Continuous
ICM
Collector Current- Pulse
IB
B
Base Current- Continuous Collector Power Dissipation @ TC=25 Junction Temperature
PC
50
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD2551
TYP.
MAX
UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 300mA; IC= 0
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.8A
B
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4A; IB= 0.8A
B
1.5
V
ICBO
Collector Cutoff Current
VCB= 1700V; IE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
hFE-1
DC Current Gain
IC= 1A; VCE= 5V
hFE-2
DC Current Gain
VECF
C-E Diode Forward Voltage
fT
Current-Gain--Bandwidth Product
COB
Output Capacitance
w w
w.
IC= 4A; VCE= 5V
IF= 5A
IC= 0.1A; VCE= 10V
sem isc
.cn i
8 5 3 125
66
200
mA
28
10
2.0
V
MHz
IE= 0; VCB= 10V; ftest=1.0MHz
pF
Switching Times
ts
Storage Time ICP= 4A, IB1(end)= 0.8A, fH= 15.75kHz
10
s
tf
Fall Time
1.0
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD2551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X