Part Number Hot Search : 
AS5304 CCA028V1 C3216X7 AD1838AS 85238 CX162 OMAP2430 KA7533
Product Description
Full Text Search
 

To Download 2SC3851A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC3851 2SC3851A
DESCRIPTION With TO-220F package Complement to type 2SA1488/1488A APPLICATIONS Audio and PPC high voltage power supply ,and general purpose
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL PARAMETER 2SC3851 VCBO Collector-base voltage 2SC3851A 2SC3851 VCEO Collector-emitter voltage 2SC3851A VEBO IC IB PC Tj Tstg Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25ae Open collector Open base 80 6 4 1 25 150 -55~150 ae ae V A A W Open emitter 100 60 V CONDITIONS VALUE 80 V UNIT
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SC3851 IC=25mA ; IB=0 2SC3851A VCEsat Collector-emitter saturation voltage 2SC3851 2SC3851A IEBO hFE fT COB Emitter cut-off current DC current gain Transition frequency Output capacitance IC=2.0A;IB=0.2A VCB=80V;IE=0 VCB=100V;IE=0 VEB=6V; IC=0 IC=1A ; VCE=4V IC=0.2A ; VCE=12V IE=0 ; VCB=10V;f=1MHz CONDITIONS
2SC3851 2SC3851A
SYMBOL
MIN 60
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V 80 0.5 0.1 0.1 0.1 40 15 60 320 MHz pF V mA mA mA
ICBO
Collector cut-off current
Switching time ton ts tf Turn-on time Storage time Fall time IC=2.0A IB1=-IB2=0.2A VCC=12V ,RL=6| 0.20 1.00 0.30 |I |I |I s s s
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3851 2SC3851A
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC3851 2SC3851A
4


▲Up To Search▲   

 
Price & Availability of 2SC3851A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X