Part Number Hot Search : 
B12404 B1212 HM402N8 B1212 ON0741 1604U PA1133 33N06
Product Description
Full Text Search
 

To Download 2SC2841 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2841
DESCRIPTION *With TO-3PN package *High speed switching *High VCBO *Low collector saturation voltage APPLICATIONS *For high speed switching applications PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 500 400 7 7 15 70 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 fT PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.2A ;L=25mH IC=3A ;IB=0.6A IC=3A ;IB=0.6A VCB=500V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=3A ; VCE=5V IC=0.5A ; VCE=10V 15 8 11 MIN 400
2SC2841
TYP.
MAX
UNIT V
1.0 1.5 0.1 0.1
V V mA mA
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=3.0A; VCC=100V IB1=0.6A ,IB2=-0.6A 1.0 3.0 1.0 s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2841
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2841

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X