Part Number Hot Search : 
ICS8305 CAT524LI AT76C2XX 1M250 CT208 EL0093 HYS64 B32K275
Product Description
Full Text Search
 

To Download 2SC1080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SC1079 2SC1080
DESCRIPTION With TO-3 package Complement to type 2SA679/680 High power dissipation APPLICATIONS For audio power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL PARAMETER 2SC1079 VCBO Collector-base voltage 2SC1080 2SC1079 VCEO Collector-emitter voltage 2SC1080 VEBO IC IE PC Tj Tstg Emitter-base voltage Collector current Emitter current Collector power dissipation Junction temperature Storage temperature TC=25ae Open collector Open base 100 5 12 -12 100 150 -65~150 ae ae V A A W Open emitter 100 120 V CONDITIONS VALUE 120 V UNIT
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SC1079 V(BR)CEO Collector-emitter breakdown voltage 2SC1080 V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency IE=10mA ;IC=0 IC=10A; IB=1A IC=10A ; VCE=5V VCB=50V; IE=0 VEB=5V; IC=0 IC=2A ; VCE=5V IC=7A ; VCE=5V IC=2A ; VCE=5V IC=0.1A ;IB=0 CONDITIONS
2SC1079 2SC1080
SYMBOL
MIN 120
TYP.
MAX
UNIT
V 100 5 3.0 2.5 0.1 0.1 40 15 4 MHz 140 V V V mA mA
hFE-1 Classifications R 40-80 Y 70-140
2
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1079 2SC1080
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X