|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Inchange Semiconductor Product Specification Silicon PNP Power Transistors 2SA1644 DESCRIPTION *With TO-220 package *Fast switching speed *Low collector saturation voltage APPLICATIONS *For use in switching power supplies,DC-DC converters,motor drivers,solenoid drivers, and other low-voltage power supply devices, as well as for high current switching PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol DESCRIPTION Absolute maximum ratings(Ta=25) SYMBOL VCBO VCEO VEBO IC ICM IB B PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Ta=25 CONDITIONS Open emitter Open base Open collector VALUE -150 -100 -7 -5 UNIT V V V A A A PW300s, duty cycle10% -10 -3 1.5 PT Total power dissipation TC=25 35 150 -55~150 W Tj Tstg Junction temperature Storage temperature Inchange Semiconductor Product Specification Silicon PNP Power Transistors CHARACTERISTICS Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP. 2SA1644 MAX UNIT VCEsat-1 Collector-emitter saturation voltage IC=-3A; IB=-0.15A -0.3 V VCEsat -2 VBE sat -1 Collector-emitter saturation voltage IC=-4A; IB=-0.2A IC=-3A; IB=-0.15A -0.5 V Base-emitter saturation voltage -1.2 V VBE sat -2 Base-emitter saturation voltage IC=-4A; IB=-0.2A -1.5 V A A ICBO Collector cut-off current VCB=-100V; IE=0 -10 IEBO Emitter cut-off current VEB=-5V; IC=0 -10 hFE-1 DC current gain IC=-0.2A ; VCE=-2V 100 hFE-2 hFE-3 DC current gain IC=-1A ; VCE=-2V IC=-3A ; VCE=-2V 100 400 DC current gain 60 hFE-2 Classifications M 100-200 L 150-300 K 200-400 2 Inchange Semiconductor Product Specification Silicon PNP Power Transistors PACKAGE OUTLINE 2SA1644 Fig.2 Outline dimensions(unindicated tolerance:0.10 mm) 3 |
Price & Availability of 2SA1644 |