|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
JMnic Product Specification Silicon PNP Power Transistors 2SA1643 DESCRIPTION With TO-220F package Complement to type 2SC4327 Low collector saturation voltage APPLICATIONS For power switching applications PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION Absolute maximum ratings (Ta=25ae ) SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -50 -35 -7 -7 25 150 -55~150 ae ae UNIT V V V A W JMnic Product Specification Silicon PNP Power Transistors CHARACTERISTICS Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN 2SA1643 SYMBOL TYP. MAX UNIT V(BR)CEO Collector-emitter breakdown voltage IC=-25mA ; IB=0 -80 V V(BR)EBO Emitter-base breakdown voltage IE=-1mA ; IC=0 -7 V VCEsat Collector-emitter saturation voltage IC=-5A ;IB=-0.3A -0.5 V ICBO Collector cut-off current VCB=-50V; IE=0 -10 |I A IEBO Emitter cut-off current VEB=-7V; IC=0 -10 |I A hFE DC current gain IC=-5A ; VCE=-2V 50 fT Transition frequency IE=1A ; VCE=-12V 75 MHz 2 JMnic Product Specification Silicon PNP Power Transistors PACKAGE OUTLINE 2SA1643 Fig.2 Outline dimensions 3 |
Price & Availability of 2SA1643 |