Part Number Hot Search : 
NTE2024 MMSZ5261 C3403G BF775 LL400 18K7FKE 12015 90TAI023
Product Description
Full Text Search
 

To Download 2SA1643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1643
DESCRIPTION *With TO-220F package *Complement to type 2SC4327 *Low collector saturation voltage APPLICATIONS *For power switching applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -50 -35 -7 -7 25 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SA1643
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-25mA ; IB=0
-80
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA ; IC=0
-7
V
VCEsat
Collector-emitter saturation voltage
IC=-5A ;IB=-0.3A
-0.5
V
ICBO
Collector cut-off current
VCB=-50V; IE=0
-10
A
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-10
A
hFE
DC current gain
IC=-5A ; VCE=-2V
50
fT
Transition frequency
IE=1A ; VCE=-12V
75
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1643
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X