Part Number Hot Search : 
KIA317FP HCT3G SF68G 20FIB BDS19SMD P6KE36A MMBT4403 1045CT
Product Description
Full Text Search
 

To Download 2SA1640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1640
DESCRIPTION *With TO-220F package *Low collector saturation voltage *Good linearity of hFE APPLICATIONS *For switching regulator ,driver and power amplifier applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE -30 -30 -5 -7 -10 40 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SA1640
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT
Collector-emitter breakdown voltage
IC=-10mA ; IB=0 IC=-1mA ; IE=0 IE=-1mA ; IC=0 IC=-3A ;IB=-0.1A IC=-3A ;IB=-0.1A VCB=-30V; IE=0 VEB=-5V; IC=0 IC=-0.2A ; VCE=-2V IC=-0.5A ; VCE=-10V
-30
V
Collector-base breakdown voltage
-30
V
Emitter-base breakdown voltage
-5
V
Collector-emitter saturation voltage
-0.4
V
Base-emitter saturation voltage
-1.0
V
Collector cut-off current
-10
A
Emitter cut-off current
-10
A
DC current gain
100
300
Transition frequency
20
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1640
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X